データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD7328BRUZ-REEL データシート(PDF) 8 Page - Analog Devices

部品番号 AD7328BRUZ-REEL
部品情報  8-Channel, Software-Selectable True Bipolar Input, 12-Bit Plus Sign ADC
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD7328BRUZ-REEL データシート(HTML) 8 Page - Analog Devices

Back Button AD7328BRUZ-REEL Datasheet HTML 4Page - Analog Devices AD7328BRUZ-REEL Datasheet HTML 5Page - Analog Devices AD7328BRUZ-REEL Datasheet HTML 6Page - Analog Devices AD7328BRUZ-REEL Datasheet HTML 7Page - Analog Devices AD7328BRUZ-REEL Datasheet HTML 8Page - Analog Devices AD7328BRUZ-REEL Datasheet HTML 9Page - Analog Devices AD7328BRUZ-REEL Datasheet HTML 10Page - Analog Devices AD7328BRUZ-REEL Datasheet HTML 11Page - Analog Devices AD7328BRUZ-REEL Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 36 page
background image
AD7328
Rev. A | Page 8 of 36
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
DIN
DGND
AGND
VIN0
VSS
REFIN/OUT
CS
DGND
DOUT
VDRIVE
VIN2
VDD
VCC
VIN5
VIN4
VIN1
VIN7
VIN6
VIN3
SCLK
AD7328
TOP VIEW
(Not to Scale)
Figure 3. TSSOP Pin Configuration
Table 5. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
CS
Chip Select. Active low logic input. This input provides the dual function of initiating conversions on
the AD7328 and frames the serial data transfer.
2
DIN
Data In. Data to be written to the on-chip registers is provided on this input and is clocked into the
register on the falling edge of SCLK (see the Registers section).
3, 19
DGND
Digital Ground. Ground reference point for all digital circuitry on the AD7328. The DGND and AGND
voltages should ideally be at the same potential and must not be more than 0.3 V apart, even on a
transient basis.
4
AGND
Analog Ground. Ground reference point for all analog circuitry on the AD7328. All analog input signals
and any external reference signal should be referred to this AGND voltage. The AGND and DGND voltages
should ideally be at the same potential and must not be more than 0.3 V apart, even on a transient basis.
5
REFIN/OUT
Reference Input/Reference Output. The on-chip reference is available on this pin for use external to the
AD7328. The nominal internal reference voltage is 2.5 V, which appears at the pin. A 680 nF capacitor
should be placed on the reference pin. Alternatively, the internal reference can be disabled and an
external reference applied to this input. On power-up, the external reference mode is the default
condition (see the Reference section).
6
VSS
Negative Power Supply Voltage. This is the negative supply voltage for the analog input section.
7, 8, 14, 13, 9, 10,
12, 11
VIN0 to VIN7
Analog Input 0 to Analog Input 7. The analog inputs are multiplexed into the on-chip track-and-hold.
The analog input channel for conversion is selected by programming the Channel Address Bit ADD2
through Bit ADD0 in the control register. The inputs can be configured as eight single-ended inputs,
four true differential input pairs, four pseudo differential inputs, or seven pseudo differential inputs.
The configuration of the analog inputs is selected by programming the mode bits, Bit Mode 1 and
Bit Mode 0, in the control register. The input range on each input channel is controlled by program-
ming the range registers. Input ranges of ±10 V, ±5 V, ±2.5 V, and 0 V to +10 V can be selected on each
analog input channel when a +2.5 V reference voltage is used (see the Reference section).
15
VDD
Positive Power Supply Voltage. This is the positive supply voltage for the analog input section.
16
VCC
Analog Supply Voltage, 2.7 V to 5.25 V. This is the supply voltage for the ADC core on the AD7328.
This supply should be decoupled to AGND. Specifications apply from VCC = 4.75 V to 5.25 V.
17
VDRIVE
Logic Power Supply Input. The voltage supplied at this pin determines at what voltage the interface
operates. This pin should be decoupled to DGND. The voltage at this pin may be different to that at VCC,
but it should not exceed VCC by more than 0.3 V.
18
DOUT
Serial Data Output. The conversion output data is supplied to this pin as a serial data stream. The bits
are clocked out on the falling edge of the SCLK input, and 16 SCLKs are required to access the data. The
data stream consists of three channel identification bits, the sign bit, and 12 bits of conversion data.
The data is provided MSB first (see the Serial Interface section).
20
SCLK
Serial Clock, Logic Input. A serial clock input provides the SCLK used for accessing the data from the
AD7328. This clock is also used as the clock source for the conversion process.


同様の部品番号 - AD7328BRUZ-REEL

メーカー部品番号データシート部品情報
logo
Analog Devices
AD7328BRUZ-REEL AD-AD7328BRUZ-REEL Datasheet
761Kb / 37P
   8-Channel, Software-Selectable, True Bipolar Input, 12-Bit Plus Sign ADC
AD7328BRUZ-REEL7 AD-AD7328BRUZ-REEL7 Datasheet
761Kb / 37P
   8-Channel, Software-Selectable, True Bipolar Input, 12-Bit Plus Sign ADC
More results

同様の説明 - AD7328BRUZ-REEL

メーカー部品番号データシート部品情報
logo
Analog Devices
AD7328 AD-AD7328_17 Datasheet
761Kb / 37P
   8-Channel, Software-Selectable, True Bipolar Input, 12-Bit Plus Sign ADC
AD7327 AD-AD7327_17 Datasheet
764Kb / 37P
   8-Channel, Software-Selectable, True Bipolar Input, 12-Bit Plus Sign ADC
AD7328 AD-AD7328_15 Datasheet
953Kb / 37P
   8-Channel, Software-Selectable, True Bipolar Input, 12-Bit Plus Sign ADC
REV. C
AD7321 AD-AD7321_17 Datasheet
697Kb / 37P
   2-Channel, Software-Selectable, True Bipolar Input, 12-Bit Plus Sign ADC
logo
ATMEL Corporation
AD7322 ATMEL-AD7322 Datasheet
901Kb / 18P
   Software Selectable True Bipolar Input, 2-Channel, 12-Bit Plus Sign ADC
logo
Analog Devices
AD7324 AD-AD7324 Datasheet
591Kb / 36P
   4-Channel, Software-Selectable, True Bipolar Input, 12-Bit Plus Sign ADC
REV. 0
AD7324 AD-AD7324_15 Datasheet
920Kb / 37P
   4-Channel, Software-Selectable, True Bipolar Input, 12-Bit Plus Sign ADC
REV. B
AD7324 AD-AD7324_17 Datasheet
734Kb / 37P
   4-Channel, Software-Selectable, True Bipolar Input, 12-Bit Plus Sign ADC
AD7323 AD-AD7323_17 Datasheet
686Kb / 37P
   4-Channel, Software-Selectable, True Bipolar Input, 12-Bit Plus Sign ADC
AD7329 AD-AD7329_15 Datasheet
754Kb / 38P
   1 MSPS, 8-Channel, Software-Selectable, True Bipolar Input, 12-Bit Plus Sign ADC
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com