データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD7367ARUZ データシート(PDF) 6 Page - Analog Devices

部品番号 AD7367ARUZ
部品情報  1 MSPS, 8-Channel, Software-Selectable, True Bipolar Input, 12-Bit Plus Sign ADC
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD7367ARUZ データシート(HTML) 6 Page - Analog Devices

Back Button AD7367ARUZ Datasheet HTML 2Page - Analog Devices AD7367ARUZ Datasheet HTML 3Page - Analog Devices AD7367ARUZ Datasheet HTML 4Page - Analog Devices AD7367ARUZ Datasheet HTML 5Page - Analog Devices AD7367ARUZ Datasheet HTML 6Page - Analog Devices AD7367ARUZ Datasheet HTML 7Page - Analog Devices AD7367ARUZ Datasheet HTML 8Page - Analog Devices AD7367ARUZ Datasheet HTML 9Page - Analog Devices AD7367ARUZ Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 40 page
background image
AD7329
Rev. 0 | Page 6 of 40
B Version
Parameter1
Min
Typ
Max
Unit
Test Conditions/Comments
CONVERSION RATE
Conversion Time
800
ns
16 SCLK cycles with SCLK = 20 MHz
Track-and-Hold Acquisition
Time2, 3
300
ns
Full-scale step input; see the Terminology section
Throughput Rate
1
MSPS
See the Serial Interface section; VCC = 4.75 V to 5.25 V
770
kSPS
VCC < 4.75 V
POWER REQUIREMENTS
Digital inputs = 0 V or VDRIVE
VDD
12
16.5
V
See Table 6
VSS
−12
−16.5
V
See Table 6
VCC
2.7
5.25
V
See Table 6; typical specifications for VCC < 4.75 V
VDRIVE
2.7
5.25
V
Normal Mode (Static)
0.9
mA
VDD= 16.5, VSS = −16.5 V, VCC = VDRIVE = 5.25 V
Normal Mode (Operational)
fSAMPLE = 1 MSPS
IDD
360
μA
VDD = 16.5 V
ISS
410
μA
VSS = −16.5 V
ICC and IDRIVE
3.2
mA
VCC = VDRIVE = 5.25 V
Autostandby Mode (Dynamic)
fSAMPLE = 250 kSPS
IDD
200
μA
VDD = 16.5 V
ISS
210
μA
VSS = −16.5 V
ICC and IDRIVE
1.3
mA
VCC = VDRIVE = 5.25 V
Autoshutdown Mode (Static)
SCLK on or off
IDD
1
μA
VDD = 16.5 V
ISS
1
μA
VSS = −16.5 V
ICC and IDRIVE
1
μA
VCC = VDRIVE = 5.25 V
Full Shutdown Mode
SCLK on or off
IDD
1
μA
VDD = 16.5 V
ISS
1
μA
VSS = −16.5 V
ICC and IDRIVE
1
μA
VCC = VDRIVE = 5.25 V
POWER DISSIPATION
Normal Mode (Operational)
30
mW
VDD = 16.5 V, VSS = −16.5 V, VCC = 5.25 V
21
mW
VDD = 12 V, VSS = −12 V, VCC = 5 V
Full Shutdown Mode
38.25
μW
VDD = 16.5 V, VSS = −16.5 V, VCC = 5.25 V
1 Temperature range is −40°C to +85°C.
2 See the Terminology section.
3 Sample tested during initial release to ensure compliance.
4 For dc accuracy specifications, the LSB size for differential mode is FSR/8192. For single-ended mode/pseudo differential mode, the LSB size is FSR/4096, unless
otherwise noted.
5 Unipolar 0 V to 10 V range with straight binary output coding.
6 Bipolar range with twos complement output coding.


同様の部品番号 - AD7367ARUZ

メーカー部品番号データシート部品情報
logo
Analog Devices
AD7367ARUZ AD-AD7367ARUZ Datasheet
209Kb / 16P
   True Bipolar Input, Dual 1us, 14-Bit, 2-Channel SAR ADC
Rev. PrD
AD7367ARUZ-REEL7 AD-AD7367ARUZ-REEL7 Datasheet
209Kb / 16P
   True Bipolar Input, Dual 1us, 14-Bit, 2-Channel SAR ADC
Rev. PrD
More results

同様の説明 - AD7367ARUZ

メーカー部品番号データシート部品情報
logo
Analog Devices
AD7329 AD-AD7329_15 Datasheet
754Kb / 38P
   1 MSPS, 8-Channel, Software-Selectable, True Bipolar Input, 12-Bit Plus Sign ADC
REV. C
AD7329 AD-AD7329_17 Datasheet
843Kb / 39P
   1 MSPS, 8-Channel, Software-Selectable, True Bipolar Input, 12-Bit Plus Sign ADC
AD7322 AD-AD7322 Datasheet
725Kb / 37P
   2-Channel, Software-Selectable, True Bipolar Input, 1 MSPS, 12-Bit Plus Sign ADC
AD7322 AD-AD7322_15 Datasheet
911Kb / 37P
   2-Channel, Software-Selectable, True Bipolar Input, 1 MSPS, 12-Bit Plus Sign ADC
REV. B
AD7322BRUZ AD-AD7322BRUZ Datasheet
592Kb / 36P
   2-Channel, Software-Selectable, True Bipolar Input, 1 MSPS, 12-Bit Plus Sign ADC
REV. A
AD7328 AD-AD7328_17 Datasheet
761Kb / 37P
   8-Channel, Software-Selectable, True Bipolar Input, 12-Bit Plus Sign ADC
AD7327 AD-AD7327_17 Datasheet
764Kb / 37P
   8-Channel, Software-Selectable, True Bipolar Input, 12-Bit Plus Sign ADC
AD7328 AD-AD7328 Datasheet
880Kb / 36P
   8-Channel, Software-Selectable True Bipolar Input, 12-Bit Plus Sign ADC
REV. A
AD7328 AD-AD7328_15 Datasheet
953Kb / 37P
   8-Channel, Software-Selectable, True Bipolar Input, 12-Bit Plus Sign ADC
REV. C
AD7321 AD-AD7321_17 Datasheet
697Kb / 37P
   2-Channel, Software-Selectable, True Bipolar Input, 12-Bit Plus Sign ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com