データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD7367ARUZ データシート(PDF) 8 Page - Analog Devices

部品番号 AD7367ARUZ
部品情報  1 MSPS, 8-Channel, Software-Selectable, True Bipolar Input, 12-Bit Plus Sign ADC
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD7367ARUZ データシート(HTML) 8 Page - Analog Devices

Back Button AD7367ARUZ Datasheet HTML 4Page - Analog Devices AD7367ARUZ Datasheet HTML 5Page - Analog Devices AD7367ARUZ Datasheet HTML 6Page - Analog Devices AD7367ARUZ Datasheet HTML 7Page - Analog Devices AD7367ARUZ Datasheet HTML 8Page - Analog Devices AD7367ARUZ Datasheet HTML 9Page - Analog Devices AD7367ARUZ Datasheet HTML 10Page - Analog Devices AD7367ARUZ Datasheet HTML 11Page - Analog Devices AD7367ARUZ Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 40 page
background image
AD7329
Rev. 0 | Page 8 of 40
ABSOLUTE MAXIMUM RATINGS
TA = 25°C, unless otherwise noted
Table 4.
Parameter
Rating
VDD to AGND, DGND
−0.3 V to +16.5 V
VSS to AGND, DGND
+0.3 V to −16.5 V
VDD to VCC
VCC − 0.3 V to +16.5 V
VCC to AGND, DGND
−0.3 V to +7 V
VDRIVE to AGND, DGND
−0.3 V to +7 V
AGND to DGND
−0.3 V to +0.3 V
Analog Input Voltage to AGND1
VSS − 0.3 V to VDD + 0.3 V
Digital Input Voltage to DGND
−0.3 V to +7 V
Digital Output Voltage to GND
−0.3 V to VDRIVE + 0.3 V
REFIN to AGND
−0.3 V to VCC + 0.3 V
Input Current to Any Pin
Except Supplies2
±10 mA
Operating Temperature Range
−40°C to +85°C
Storage Temperature Range
−65°C to +150°C
Junction Temperature
150°C
TSSOP Package
θJA Thermal Impedance
128°C/W
θJC Thermal Impedance
42°C/W
Pb-Free Temperature, Soldering
Reflow
260(0)°C
ESD
2.5 kV
1 If the analog inputs are being driven from alternative VDD and VSS supply
circuitry, Schottky diodes should be placed in series with the AD7329’s VDD
and VSS supplies.
2 Transient currents of up to 100 mA do not cause SCR latch-up.
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on
the human body and test equipment and can discharge without detection. Although this product features
proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy
electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance
degradation or loss of functionality.


同様の部品番号 - AD7367ARUZ

メーカー部品番号データシート部品情報
logo
Analog Devices
AD7367ARUZ AD-AD7367ARUZ Datasheet
209Kb / 16P
   True Bipolar Input, Dual 1us, 14-Bit, 2-Channel SAR ADC
Rev. PrD
AD7367ARUZ-REEL7 AD-AD7367ARUZ-REEL7 Datasheet
209Kb / 16P
   True Bipolar Input, Dual 1us, 14-Bit, 2-Channel SAR ADC
Rev. PrD
More results

同様の説明 - AD7367ARUZ

メーカー部品番号データシート部品情報
logo
Analog Devices
AD7329 AD-AD7329_15 Datasheet
754Kb / 38P
   1 MSPS, 8-Channel, Software-Selectable, True Bipolar Input, 12-Bit Plus Sign ADC
REV. C
AD7329 AD-AD7329_17 Datasheet
843Kb / 39P
   1 MSPS, 8-Channel, Software-Selectable, True Bipolar Input, 12-Bit Plus Sign ADC
AD7322 AD-AD7322 Datasheet
725Kb / 37P
   2-Channel, Software-Selectable, True Bipolar Input, 1 MSPS, 12-Bit Plus Sign ADC
AD7322 AD-AD7322_15 Datasheet
911Kb / 37P
   2-Channel, Software-Selectable, True Bipolar Input, 1 MSPS, 12-Bit Plus Sign ADC
REV. B
AD7322BRUZ AD-AD7322BRUZ Datasheet
592Kb / 36P
   2-Channel, Software-Selectable, True Bipolar Input, 1 MSPS, 12-Bit Plus Sign ADC
REV. A
AD7328 AD-AD7328_17 Datasheet
761Kb / 37P
   8-Channel, Software-Selectable, True Bipolar Input, 12-Bit Plus Sign ADC
AD7327 AD-AD7327_17 Datasheet
764Kb / 37P
   8-Channel, Software-Selectable, True Bipolar Input, 12-Bit Plus Sign ADC
AD7328 AD-AD7328 Datasheet
880Kb / 36P
   8-Channel, Software-Selectable True Bipolar Input, 12-Bit Plus Sign ADC
REV. A
AD7328 AD-AD7328_15 Datasheet
953Kb / 37P
   8-Channel, Software-Selectable, True Bipolar Input, 12-Bit Plus Sign ADC
REV. C
AD7321 AD-AD7321_17 Datasheet
697Kb / 37P
   2-Channel, Software-Selectable, True Bipolar Input, 12-Bit Plus Sign ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com