データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD7367ARUZ-REEL7 データシート(PDF) 3 Page - Analog Devices

部品番号 AD7367ARUZ-REEL7
部品情報  True Bipolar Input, Dual 1us, 14-Bit, 2-Channel SAR ADC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD7367ARUZ-REEL7 データシート(HTML) 3 Page - Analog Devices

  AD7367ARUZ-REEL7 Datasheet HTML 1Page - Analog Devices AD7367ARUZ-REEL7 Datasheet HTML 2Page - Analog Devices AD7367ARUZ-REEL7 Datasheet HTML 3Page - Analog Devices AD7367ARUZ-REEL7 Datasheet HTML 4Page - Analog Devices AD7367ARUZ-REEL7 Datasheet HTML 5Page - Analog Devices AD7367ARUZ-REEL7 Datasheet HTML 6Page - Analog Devices AD7367ARUZ-REEL7 Datasheet HTML 7Page - Analog Devices AD7367ARUZ-REEL7 Datasheet HTML 8Page - Analog Devices AD7367ARUZ-REEL7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
AD7367
Preliminary Technical Data
Rev. PrD | Page 3 of 16
SPECIFICATIONS
AVCC = DVCC =4.75 V to 5.25 V, VDD = 11.5 V to 16.5 V, VSS = −11.5 V to −16.5 V, VDRIVE = 2.7 V to 5.25V, fSAMPLE = 1MSPS, fSCLK = 48MHz,
VREF = 2.5 V Internal/External; TA = TMIN to TMAX, unless otherwise noted1.
Table 2.
Parameter
Min
Typ
Max
Unit
Test Conditions/
Comments
DYNAMIC PERFORMANCE
fIN = 50 kHz sine wave;
Signal-to-Noise Ratio (SNR)2
TDB
79
dB
Signal-to-Noise + Distortion Ratio
(SINAD)2
TBD
78
dB
Total Harmonic Distortion (THD) 2
-85
TBD
dB
Spurious Free Dynamic Range (SFDR) 2
-85
TBD
dB
Intermodulation Distortion (IMD) 2
fa = 49 kHz, fb = 51 kHz
Second Order Terms
-91
dB
Third Order Terms
-89
dB
Channel-to-Channel Isolation2
-88
dB
SAMPLE AND HOLD
Aperture Delay3
10
ns
Aperture Jitter3
40
ps
Aperture Delay Matching3
100
ps
Full Power Bandwidth
65
MHz
@ 3 dB, ±10 V range
15
MHz
@ 0.1 dB, ±10 V range
DC ACCURACY
Resolution
14
Bits
Integral Nonlinearity2
±2
LSB
Differential Nonlinearity2
±0.99
LSB
Guaranteed no missed codes to 14 bits
Positive Full Scale Error2
±5
LSB
Positive Full Scale Error Match2
±0.5
LSB
Zero Code Error2
±1
LSB
Zero Code Error Match2
±1
LSB
Negative Full Scale Error2
±5
LSB
Negative Full Scale Error Match2
±0.5
LSB
ANALOG INPUT
Input Voltage Ranges
±10
V
VDD = +11.5V min, VSS = −11.5V min, VCC
= 4.75V to 5.25V
(Programmed via RANGE Pins)
±5
V
VDD = +11.5V min, VSS = −11.5V min, VCC
= 4.75V to 5.25V
0 to
10V
V
VDD = +11.5V min, VSS = -11.5V min, VCC
= 4.75V to 5.25V
See Table 6.
DC Leakage Current
±1
µA
Input Capacitance
12
p
When in track, ±10 V range
15
pF
When in track, ±5 V or 0 to 10 V range
3
pF
When in hold
Input impedance
260
KΩ
For ±10V @1 Msps
2.3
MΩ
For ±10V @100 Ksps
125
KΩ
For ±5 / 0-10V @1 Msps
1.1
MΩ
For ±5 / 0-10V @100Ksps


同様の部品番号 - AD7367ARUZ-REEL7

メーカー部品番号データシート部品情報
logo
Analog Devices
AD7367ARUZ-REEL7 AD-AD7367ARUZ-REEL7 Datasheet
538Kb / 40P
   1 MSPS, 8-Channel, Software-Selectable, True Bipolar Input, 12-Bit Plus Sign ADC
REV. 0
More results

同様の説明 - AD7367ARUZ-REEL7

メーカー部品番号データシート部品情報
logo
Analog Devices
AD7366 AD-AD7366 Datasheet
204Kb / 17P
   True Bipolar Input, Dual 1us, 12-Bit, 2-Channel SAR ADC
Rev. PrG
AD7366 AD-AD7366_15 Datasheet
682Kb / 29P
   True Bipolar Input, Dual 12-Bit/14-Bit, 2-Channel, Simultaneous Sampling SAR ADC
REV. D
AD7367 AD-AD7367_15 Datasheet
682Kb / 29P
   True Bipolar Input, Dual 12-Bit/14-Bit, 2-Channel, Simultaneous Sampling SAR ADC
REV. D
AD7366 AD-AD7366_07 Datasheet
624Kb / 28P
   True Bipolar Input, Dual 1 關s, 12-/14-Bit, 2-Channel SAR ADCs
REV. 0
AD7367-5 AD-AD7367-5_15 Datasheet
651Kb / 29P
   True Bipolar Input, 12-/14-Bit, 2-Channel, Simultaneous Sampling SAR ADCs
REV. B
AD7366-5 AD-AD7366-5_15 Datasheet
651Kb / 29P
   True Bipolar Input, 12-/14-Bit, 2-Channel, Simultaneous Sampling SAR ADCs
REV. B
AD7321 AD-AD7321_17 Datasheet
697Kb / 37P
   2-Channel, Software-Selectable, True Bipolar Input, 12-Bit Plus Sign ADC
logo
ATMEL Corporation
AD7322 ATMEL-AD7322 Datasheet
901Kb / 18P
   Software Selectable True Bipolar Input, 2-Channel, 12-Bit Plus Sign ADC
logo
Analog Devices
AD7266 AD-AD7266 Datasheet
752Kb / 17P
   Differential Input, Dual 2 MSPS, 12-Bit, 3-Channel SAR ADC
Rev. PrG
AD4630-16 AD-AD4630-16 Datasheet
1Mb / 49P
   16-Bit, 2 MSPS, Dual Channel SAR ADC
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com