データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD7367BRUZ データシート(PDF) 10 Page - Analog Devices

部品番号 AD7367BRUZ
部品情報  True Bipolar Input, Dual 1us, 14-Bit, 2-Channel SAR ADC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD7367BRUZ データシート(HTML) 10 Page - Analog Devices

Back Button AD7367BRUZ Datasheet HTML 6Page - Analog Devices AD7367BRUZ Datasheet HTML 7Page - Analog Devices AD7367BRUZ Datasheet HTML 8Page - Analog Devices AD7367BRUZ Datasheet HTML 9Page - Analog Devices AD7367BRUZ Datasheet HTML 10Page - Analog Devices AD7367BRUZ Datasheet HTML 11Page - Analog Devices AD7367BRUZ Datasheet HTML 12Page - Analog Devices AD7367BRUZ Datasheet HTML 13Page - Analog Devices AD7367BRUZ Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
AD7367
Preliminary Technical Data
Rev. PrD | Page 10 of 16
PSRR (Power Supply Rejection)
Variations in power supply affect the full-scale transition but
not the converter’s linearity. Power supply rejection is the
maximum change in the full-scale transition point due to a
change in power supply voltage from the nominal value (see
figure x).
THEORY OF OPERATION
Circuit Information
The AD7367 is a fast, dual, 2-Channel, 14-bit, Bipolar Input,
Serial A/D converter. The AD7367 can accept bipolar input
ranges of ±10V and ±5V. It can also accept a 0 to 10V unipolar
input range. The AD7367 requires VDD and VSS dual supplies for
the high voltage analog input structure. These supplies must be
equal to or greater than 11.5V. See Table 6 for the minimum
requirements on these supplies for each Analog Input Range.
The AD7367 requires a low voltage 4.75V to 5.25 V VCC supply
to power the ADC core.
Table 6. Reference and Supply Requirements for each Analog
Input Range
Selected
Analog
Input
Range (V)
Reference
Voltage
(V)
Full
Scale
Input
Range(V)
AVCC
(V)
Minimum
VDD/VSS (V)
2.5
±10
5
±11.5
±10
3.0
±12
5
±12
2.5
±5
5
±11.5
± 5
3.0
±6
5
±11.5
2.5
0 to 10
5
±11.5
0 to 10
3.0
0 to 12
5
±12
The AD7367 contains two on-chip differential track-and-hold
amplifiers, two successive approximation A/D converters, and a
serial interface with two separate data output pins. It is housed
in a 24-lead TSSOP package, offering the user considerable
space-saving advantages over alternative solutions. The AD7367
requires a CONVST signal to start conversion. On the falling
edge of CONVST both track-and-holds will be placed into hold
mode and the conversions are initiated. The BUSY signal will go
high to indicate the conversions are taking place. The clock
source for each successive approximation ADC is provided by
an internal oscillator. The BUSY signal will go low to indicate
the end of conversion. On the falling edge of BUSY the track-
and-hold will return to track mode. Once the conversion is
finished, the serial clock input accesses data from the part.
The AD7367 has an on-chip 2.5 V reference that can be
overdriven when an external reference is preferred. If the
internal reference is to be used elsewhere in a system, then the
output from DCAPA & DCAPB must first be buffered. On Power
up the REFSEL pin must be tied to either a high or low logic
state to select either the internal or external reference option. If
the internal reference is the preferred option, the user must tie
the REFSEL pin logic high. Alternatively, if REFSEL is tied to
GND then an external reference can be supplied to both ADC’s
through DCAPA & DCAPB pins.
The analog inputs are configured as two single ended inputs for
each ADC. The various different input voltage ranges can be
selected by programming the RANGE bits as shown in Table 7.
The AD7367 also features power-down option to allow power
saving between conversions. The power-down feature is
implemented via the CONVST pin as described in the Modes of
Operation section.
Converter Operation
The AD7367 has two successive approximation analog-to-
digital converters, each based around two capacitive DACs.
Figure 3 and Figure 4 show simplified schematics of one of
these ADCs in acquisition and conversion phase, respectively.
The ADC is comprised of control logic, a SAR, and two
capacitive DACs. In Figure 3 (the acquisition phase), SW2 is
closed and SW1 is in Position A, the comparator is held in a
balanced condition, and the sampling capacitor arrays acquire
the signal on the input.
VIN
AGND
A
B
SW1
SW2
COMPARATOR
CAPACITIVE
DAC
CONTROL
LOGIC
Figure 3 ADC Acquisition Phase
When the ADC starts a conversion (Figure 4), SW2 opens and
SW1 moves to Position B, causing the comparator to become
unbalanced. The control logic and the charge redistribution
DACs are used to add and subtract fixed amounts of charge
from the sampling capacitor to bring the comparator back into a
balanced condition. When the comparator is rebalanced, the
conversion is complete. The control logic generates the ADC
output code.


同様の部品番号 - AD7367BRUZ

メーカー部品番号データシート部品情報
logo
Analog Devices
AD7367BRUZ AD-AD7367BRUZ Datasheet
538Kb / 40P
   1 MSPS, 8-Channel, Software-Selectable, True Bipolar Input, 12-Bit Plus Sign ADC
REV. 0
AD7367BRUZ AD-AD7367BRUZ Datasheet
624Kb / 28P
   True Bipolar Input, Dual 1 關s, 12-/14-Bit, 2-Channel SAR ADCs
REV. 0
AD7367BRUZ-500RL7 AD-AD7367BRUZ-500RL7 Datasheet
624Kb / 28P
   True Bipolar Input, Dual 1 關s, 12-/14-Bit, 2-Channel SAR ADCs
REV. 0
AD7367BRUZ-REEL7 AD-AD7367BRUZ-REEL7 Datasheet
538Kb / 40P
   1 MSPS, 8-Channel, Software-Selectable, True Bipolar Input, 12-Bit Plus Sign ADC
REV. 0
AD7367BRUZ-RL7 AD-AD7367BRUZ-RL7 Datasheet
624Kb / 28P
   True Bipolar Input, Dual 1 關s, 12-/14-Bit, 2-Channel SAR ADCs
REV. 0
More results

同様の説明 - AD7367BRUZ

メーカー部品番号データシート部品情報
logo
Analog Devices
AD7366 AD-AD7366 Datasheet
204Kb / 17P
   True Bipolar Input, Dual 1us, 12-Bit, 2-Channel SAR ADC
Rev. PrG
AD7366 AD-AD7366_15 Datasheet
682Kb / 29P
   True Bipolar Input, Dual 12-Bit/14-Bit, 2-Channel, Simultaneous Sampling SAR ADC
REV. D
AD7367 AD-AD7367_15 Datasheet
682Kb / 29P
   True Bipolar Input, Dual 12-Bit/14-Bit, 2-Channel, Simultaneous Sampling SAR ADC
REV. D
AD7366 AD-AD7366_07 Datasheet
624Kb / 28P
   True Bipolar Input, Dual 1 關s, 12-/14-Bit, 2-Channel SAR ADCs
REV. 0
AD7367-5 AD-AD7367-5_15 Datasheet
651Kb / 29P
   True Bipolar Input, 12-/14-Bit, 2-Channel, Simultaneous Sampling SAR ADCs
REV. B
AD7366-5 AD-AD7366-5_15 Datasheet
651Kb / 29P
   True Bipolar Input, 12-/14-Bit, 2-Channel, Simultaneous Sampling SAR ADCs
REV. B
AD7321 AD-AD7321_17 Datasheet
697Kb / 37P
   2-Channel, Software-Selectable, True Bipolar Input, 12-Bit Plus Sign ADC
logo
ATMEL Corporation
AD7322 ATMEL-AD7322 Datasheet
901Kb / 18P
   Software Selectable True Bipolar Input, 2-Channel, 12-Bit Plus Sign ADC
logo
Analog Devices
AD7266 AD-AD7266 Datasheet
752Kb / 17P
   Differential Input, Dual 2 MSPS, 12-Bit, 3-Channel SAR ADC
Rev. PrG
AD4630-16 AD-AD4630-16 Datasheet
1Mb / 49P
   16-Bit, 2 MSPS, Dual Channel SAR ADC
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com