データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD7765BRUZ データシート(PDF) 7 Page - Analog Devices

部品番号 AD7765BRUZ
部品情報  24-Bit, 156 kSPS,112dB ADC, With On-Chip Buffers, Serial Interface
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD7765BRUZ データシート(HTML) 7 Page - Analog Devices

Back Button AD7765BRUZ Datasheet HTML 3Page - Analog Devices AD7765BRUZ Datasheet HTML 4Page - Analog Devices AD7765BRUZ Datasheet HTML 5Page - Analog Devices AD7765BRUZ Datasheet HTML 6Page - Analog Devices AD7765BRUZ Datasheet HTML 7Page - Analog Devices AD7765BRUZ Datasheet HTML 8Page - Analog Devices AD7765BRUZ Datasheet HTML 9Page - Analog Devices AD7765BRUZ Datasheet HTML 10Page - Analog Devices AD7765BRUZ Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
Preliminary Technical Data
AD7765
Rev. PrC | Page 7 of 21
ABSOLUTE MAXIMUM RATINGS
TA = 25°C, unless otherwise noted
Table 3
Parameters
Rating
AVDD1 to GND
−0.3 V to +2.8 V
(AVDD2, AVDD3, AVDD4) to GND
−0.3 V to +6 V
DVDD to GND
−0.3 V to +2.8 V
VINA+ , VINAto GND1
−0.3 V to +6 V
VIN+ , VIN− to GND1
−0.3 V to +6 V
Digital input voltage to GND2
−0.3 V to +2.8 V
VREF to GND3
−0.3 V to +6 V
AGND to DGND
−0.3 V to +0.3 V
Input current to any pin except supplies4
TBD
Operating temperature range
Commercial
−40°C to +85°C
Storage temperature range
−65°C to +150°C
Junction temperature
150°C
TSSOP Package
θJA thermal impedance
143°C/W
θJC thermal impedance
45°C/W
Lead temperature, soldering
Vapor phase (60 secs)
215°C
Infrared (15 secs)
220°C
ESD
TBD kV
1 Absolute maximum voltage for VIN-, VIN+ and VINA-, VINA+ is 6.0V or AVDD3+0.3V,
whichever is lower.
2 Absolute maximum voltage on digital inputs is 3.0V or DVDD+ 0.3V,
whichever is lower.
3 Absolute maximum voltage on VREF input is 6.0V or AVDD4 + 0.3V, whichever is
lower.
4 Transient currents of up to TBD mA do not cause SCR latch-up.
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those listed in the operational sections
of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on the
human body and test equipment and can discharge without detection. Although this product features
proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy
electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance
degradation or loss of functionality.


同様の部品番号 - AD7765BRUZ

メーカー部品番号データシート部品情報
logo
Analog Devices
AD7765BRUZ AD-AD7765BRUZ Datasheet
1Mb / 32P
   24-Bit, 156 kSPS, 112 dB 誇-? ADC with On-Chip Buffers and Serial Interface
REV. 0
AD7765BRUZ AD-AD7765BRUZ Datasheet
881Kb / 33P
   Sigma-Delta ADC On-Chip Buffers and Serial Interface
AD7765BRUZ-REEL7 AD-AD7765BRUZ-REEL7 Datasheet
1Mb / 32P
   24-Bit, 156 kSPS, 112 dB 誇-? ADC with On-Chip Buffers and Serial Interface
REV. 0
AD7765BRUZ-REEL7 AD-AD7765BRUZ-REEL7 Datasheet
881Kb / 33P
   Sigma-Delta ADC On-Chip Buffers and Serial Interface
More results

同様の説明 - AD7765BRUZ

メーカー部品番号データシート部品情報
logo
Analog Devices
AD7765 AD-AD7765_07 Datasheet
1Mb / 32P
   24-Bit, 156 kSPS, 112 dB 誇-? ADC with On-Chip Buffers and Serial Interface
REV. 0
AD7764 AD-AD7764 Datasheet
330Kb / 21P
   24-Bit 312 kSPS 109dB ADC With On-Chip Buffers Serial Interface
Rev. PrC
AD7763 AD-AD7763 Datasheet
688Kb / 32P
   24-Bit, 625 kSPS, 109 dB 誇-? ADC with On-Chip Buffers, Serial Interface
REV. 0
AD7764 AD-AD7764_07 Datasheet
1Mb / 32P
   24-Bit, 312 kSPS, 109 dB 誇-? ADC with On-Chip Buffers and Serial Interface
REV. 0
AD7763 AD-AD7763_15 Datasheet
822Kb / 33P
   24-Bit, 625 kSPS, 109 dB Sigma-Delta ADC with On-Chip Buffers, Serial Interface
REV. B
AD7763 AD-AD7763_17 Datasheet
642Kb / 33P
   Sigma-Delta ADC with On-Chip Buffers, Serial Interface
AD7765 AD-AD7765_17 Datasheet
881Kb / 33P
   Sigma-Delta ADC On-Chip Buffers and Serial Interface
AD7762 AD-AD7762 Datasheet
591Kb / 28P
   625 kSPS, 24-Bit, 109 dB ADC With On-Chip Buffer
REV. 0
AD7765 AD-AD7765_15 Datasheet
1Mb / 33P
   24-Bit, 156 kSPS, 112 dB Sigma-Delta ADC
REV. A
AD7762 AD-AD7762_15 Datasheet
799Kb / 29P
   625 kSPS, 24-Bit, 109 dB Sigma-Delta ADC With On-Chip Buffer
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com