データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MTV212A32U データシート(PDF) 2 Page - List of Unclassifed Manufacturers

部品番号 MTV212A32U
部品情報  8051 Embedded Monitor Controller Flash Type with ISP
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC1 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC1 - List of Unclassifed Manufacturers

MTV212A32U データシート(HTML) 2 Page - List of Unclassifed Manufacturers

  MTV212A32U Datasheet HTML 1Page - List of Unclassifed Manufacturers MTV212A32U Datasheet HTML 2Page - List of Unclassifed Manufacturers MTV212A32U Datasheet HTML 3Page - List of Unclassifed Manufacturers MTV212A32U Datasheet HTML 4Page - List of Unclassifed Manufacturers MTV212A32U Datasheet HTML 5Page - List of Unclassifed Manufacturers MTV212A32U Datasheet HTML 6Page - List of Unclassifed Manufacturers MTV212A32U Datasheet HTML 7Page - List of Unclassifed Manufacturers MTV212A32U Datasheet HTML 8Page - List of Unclassifed Manufacturers MTV212A32U Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
MYSON
TECHNOLOGY
MTV212M32
(Rev 1.1)
Revision 1.1
- 2 -
2000/07/04
DEVICE SUMMARY
The MTV212M32 is one of the MTV212 family device. For other family devices information, please see the
table below:
Part Number
USB
ROM
RAM
Package
MTV212A16
No
16K
256
PDIP40, SDIP42, PLCC44
MTV212A24
No
24K
512
PDIP40, SDIP42, PLCC44
MTV212M32/A32
No
32K
512
PDIP40, SDIP42, PLCC44
MTV212A32U
Yes
32K
768
PDIP40, SDIP42, PLCC44
MTV212A48U
Yes
48K
768
PDIP40, SDIP42, PLCC44
MTV212A64U
Yes
64K
1024
PDIP40, SDIP42, PLCC44
The usage of Auxiliary RAM (AUXRAM) is limited for targeted Flash ROM, the allowable XBANK (35h) bank
selection is defined as the table below:
Part Number
RAM
Xbnk2
Xbnk1
Xbnk0
MTV212A16
256
-
-
-
MTV212A24
512
0
0
0
0
0
1
MTV212M32/A32
512
0
0
0
0
0
1
MTV212A32U
768
0
0
0
0
0
1
0
1
0
0
1
1
MTV212A48U
768
0
0
0
0
0
1
0
1
0
0
1
1
MTV212A64U
1024
0
0
0
0
0
1
0
1
0
0
1
1
1
0
0
1
0
1


同様の部品番号 - MTV212A32U

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
MTV212A32U ETC2-MTV212A32U Datasheet
200Kb / 27P
   8051 Embedded Monitor Controller MTP Type
More results

同様の説明 - MTV212A32U

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
MTV212M64I ETC-MTV212M64I Datasheet
199Kb / 26P
   8051 Embedded Monitor Controller Flash Type with ISP
MTV312M64 ETC-MTV312M64 Datasheet
200Kb / 26P
   8051 Embedded Monitor Controller Flash Type with ISP
MTV312MN64 ETC1-MTV312MN64 Datasheet
209Kb / 27P
   8051 Embedded Monitor Controller Flash Type with ISP
MTV412M ETC-MTV412M Datasheet
255Kb / 26P
   8051 Embedded Monitor Controller 128K Flash Type with ISP
MTV230M64 ETC1-MTV230M64 Datasheet
404Kb / 31P
   8051 Embedded Micro Controller with Flash OSD and ISP
MTV230M ETC1-MTV230M Datasheet
250Kb / 31P
   8051 Embedded LCD Monitor Controller with Flash OSD
MTV112M ETC-MTV112M Datasheet
160Kb / 20P
   8051 Embedded CRT Monitor Controller Flash Version
MTV212M64 ETC2-MTV212M64 Datasheet
200Kb / 27P
   8051 Embedded Monitor Controller MTP Type
MTV212A32 ETC-MTV212A32 Datasheet
167Kb / 23P
   8051 Embedded Monitor Controller Mask ROM Type
logo
Realtek Semiconductor C...
RTD2120 REALTEK-RTD2120 Datasheet
525Kb / 37P
   8051 Embedded Micro-Controller for Monitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com