データシートサーチシステム |
|
74ALVC162835ADGG データシート(PDF) 8 Page - NXP Semiconductors |
|
74ALVC162835ADGG データシート(HTML) 8 Page - NXP Semiconductors |
8 / 12 page Philips Semiconductors Product specification 74ALVC162835A 18-bit registered driver with 30 Ω termination resistors (3-State) 2000 Jun 20 8 AC WAVEFORMS FOR VCC = 3.0V TO 3.6V AND VCC = 2.7V RANGE VM = 1.5 V VX = VOL + 0.3V VY = VOH – 0.3V VOL and VOH are the typical output voltage drop that occur with the output load. VI = 2.7V AC WAVEFORMS FOR VCC = 2.3V TO 2.7V AND VCC < 2.3V RANGE VM = 0.5 VCC VX = VOL + 0.15V VY = VOH – 0.15V VOL and VOH are the typical output voltage drop that occur with the output load. VI = VCC An INPUT tPHL tPLH VOL VI GND VOH Yn OUTPUT SH00132 VM VM NOTE: VM = 0.5VCC at VCC = 2.3 to 2.7 V Waveform 1. Input (An) to output (Yn) propagation delay LE INPUT Yn OUTPUT VI GND VOH VOL tPHL tPLH tW SH00134 VM VM VM NOTE: VM = 0.5VCC at VCC = 2.3 to 2.7V Waveform 2. Latch enable input (LE) pulse width, the latch enable input to output (Yn) propagation delays. An INPUT LE INPUT tSU th NOTE: The shaded areas indicate when the input is permitted to change for predictable output performance. tSU th VI GND VI GND SH00133 VM VM VM = 0.5VCC at VCC = 2.3 to 2.7V Waveform 3. Data set-up and hold times for the An input to the LE input CP INPUT Yn OUTPUT VI GND VOH VOL tPHL tPLH tW 1/fMAX SH00135 VM VM VM NOTE: VM = 0.5VCC at VCC = 2.3 to 2.7 V Waveform 4. The clock (CP) to Yn propagation delays, the clock pulse width and the maximum clock frequency. VI GND An INPUT VI GND VOH Yn OUTPUT VOL CP INPUT tsu th tsu th NOTE: The shaded areas indicate when the input is permitted to change for predictable output performance. SH00136 VM VM VM = 0.5VCC at VCC = 2.3 to 2.7 V Waveform 5. Data set-up and hold times for the An input to the clock CP input tPLZ tPZL VI nOE INPUT GND VCC OUTPUT LOW-to-OFF OFF-to-LOW VOL VOH OUTPUT HIGH-to-OFF OFF-to-HIGH GND outputs enabled outputs enabled outputs disabled tPHZ VM VM VM tPZH VX VY SH00137 NOTE: VM = 0.5VCC at VCC = 2.3 to 2.7 V Waveform 6. 3-State enable and disable times |
同様の部品番号 - 74ALVC162835ADGG |
|
同様の説明 - 74ALVC162835ADGG |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |