データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MTV212A64U データシート(PDF) 10 Page - List of Unclassifed Manufacturers

部品番号 MTV212A64U
部品情報  8051 Embedded Monitor Controller Flash Type with ISP
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC1 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC1 - List of Unclassifed Manufacturers

MTV212A64U データシート(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button MTV212A64U Datasheet HTML 6Page - List of Unclassifed Manufacturers MTV212A64U Datasheet HTML 7Page - List of Unclassifed Manufacturers MTV212A64U Datasheet HTML 8Page - List of Unclassifed Manufacturers MTV212A64U Datasheet HTML 9Page - List of Unclassifed Manufacturers MTV212A64U Datasheet HTML 10Page - List of Unclassifed Manufacturers MTV212A64U Datasheet HTML 11Page - List of Unclassifed Manufacturers MTV212A64U Datasheet HTML 12Page - List of Unclassifed Manufacturers MTV212A64U Datasheet HTML 13Page - List of Unclassifed Manufacturers MTV212A64U Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
MYSON
TECHNOLOGY
MTV212M32
(Rev 1.1)
Revision 1.1
- 10 -
2000/07/04
Reg name
addr
bit7
bit6
bit5
bit4
bit3
bit2
bit1
bit0
DA0
20h (r/w)
Pulse width of PWM DAC 0
DA1
21h (r/w)
Pulse width of PWM DAC 1
DA2
22h (r/w)
Pulse width of PWM DAC 2
DA3
23h (r/w)
Pulse width of PWM DAC 3
DA4
24h (r/w)
Pulse width of PWM DAC 4
DA5
25h (r/w)
Pulse width of PWM DAC 5
DA6
26h (r/w)
Pulse width of PWM DAC 6
DA7
27h (r/w)
Pulse width of PWM DAC 7
DA8
28h (r/w)
Pulse width of PWM DAC 8
DA9
29h (r/w)
Pulse width of PWM DAC 9
DA10
2Ah (r/w)
Pulse width of PWM DAC 10
DA11
2Bh (r/w)
Pulse width of PWM DAC 11
DA12
2Ch (r/w)
Pulse width of PWM DAC 12
DA13
2Dh (r/w)
Pulse width of PWM DAC 13
DA0-13 (r/w) :
The output pulse width control for DA0-13.
* All of PWM DAC converters are centered with value 80h after power on.
6. H/V SYNC Processing
The H/V SYNC processing block performs the functions of composite signal separation/insertion, SYNC
inputs presence check, frequency counting, polarity detection and control, as well as the protection of
VBLANK output while VSYNC speed up in high DDC communication clock rate. The present and frequency
function block treat any pulse shorter than one OSC period as noise.
Hself
Hpol
CVpre
Vbpl
VSYNC
Digital Filter
Polarity Check &
Sync Seperator
Vpre
Present
Check
Vfreq
Vpol
Polarity Check &
Freq. Count
XOR
VBLANK
Vself
XOR
HSYNC
Digital Filter
CVSYNC
Present
Check
Hpre
Hfreq
Present Check &
Freq. Count
Hbpl
XOR
HBLANK
XOR
Composite
Pulse Insert
H/V SYNC Processor Block Diagram


同様の部品番号 - MTV212A64U

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
MTV212A64U ETC2-MTV212A64U Datasheet
200Kb / 27P
   8051 Embedded Monitor Controller MTP Type
More results

同様の説明 - MTV212A64U

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
MTV212M64I ETC-MTV212M64I Datasheet
199Kb / 26P
   8051 Embedded Monitor Controller Flash Type with ISP
MTV312M64 ETC-MTV312M64 Datasheet
200Kb / 26P
   8051 Embedded Monitor Controller Flash Type with ISP
MTV312MN64 ETC1-MTV312MN64 Datasheet
209Kb / 27P
   8051 Embedded Monitor Controller Flash Type with ISP
MTV412M ETC-MTV412M Datasheet
255Kb / 26P
   8051 Embedded Monitor Controller 128K Flash Type with ISP
MTV230M64 ETC1-MTV230M64 Datasheet
404Kb / 31P
   8051 Embedded Micro Controller with Flash OSD and ISP
MTV230M ETC1-MTV230M Datasheet
250Kb / 31P
   8051 Embedded LCD Monitor Controller with Flash OSD
MTV112M ETC-MTV112M Datasheet
160Kb / 20P
   8051 Embedded CRT Monitor Controller Flash Version
MTV212M64 ETC2-MTV212M64 Datasheet
200Kb / 27P
   8051 Embedded Monitor Controller MTP Type
MTV212A32 ETC-MTV212A32 Datasheet
167Kb / 23P
   8051 Embedded Monitor Controller Mask ROM Type
logo
Realtek Semiconductor C...
RTD2120 REALTEK-RTD2120 Datasheet
525Kb / 37P
   8051 Embedded Micro-Controller for Monitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com