データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74HC2G17GV データシート(PDF) 2 Page - NXP Semiconductors

部品番号 74HC2G17GV
部品情報  Dual non-inverting Schmitt trigger
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC2G17GV データシート(HTML) 2 Page - NXP Semiconductors

  74HC2G17GV Datasheet HTML 1Page - NXP Semiconductors 74HC2G17GV Datasheet HTML 2Page - NXP Semiconductors 74HC2G17GV Datasheet HTML 3Page - NXP Semiconductors 74HC2G17GV Datasheet HTML 4Page - NXP Semiconductors 74HC2G17GV Datasheet HTML 5Page - NXP Semiconductors 74HC2G17GV Datasheet HTML 6Page - NXP Semiconductors 74HC2G17GV Datasheet HTML 7Page - NXP Semiconductors 74HC2G17GV Datasheet HTML 8Page - NXP Semiconductors 74HC2G17GV Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
74HC_HCT2G17_1
© NXP B.V. 2006. All rights reserved.
Product data sheet
Rev. 01 — 6 October 2006
2 of 18
NXP Semiconductors
74HC2G17; 74HCT2G17
Dual non-inverting Schmitt trigger
4.
Ordering information
5.
Marking
6.
Functional diagram
Table 1.
Ordering information
Type number
Package
Temperature range
Name
Description
Version
74HC2G17GW
−40 °C to +125 °C
SC-88
plastic surface-mounted package; 6 leads
SOT363
74HC2G17GV
−40 °C to +125 °C
SC-74
plastic surface-mounted package (TSOP6); 6 leads
SOT457
74HCT2G17GW
−40 °C to +125 °C
SC-88
plastic surface-mounted package; 6 leads
SOT363
74HCT2G17GV
−40 °C to +125 °C
SC-74
plastic surface-mounted package (TSOP6); 6 leads
SOT457
Table 2.
Marking
Type number
Marking code
74HC2G17GW
HV
74HC2G17GV
HV
74HCT2G17GW
TV
74HCT2G17GV
TV
Fig 1.
Logic symbol
Fig 2.
IEC logic symbol
mnb066
1A
1Y
16
2A
2Y
34
6
1
4
3
mnb067
Fig 3.
Logic diagram
mnb068
1A
1Y
2A
2Y


同様の部品番号 - 74HC2G17GV

メーカー部品番号データシート部品情報
logo
Nexperia B.V. All right...
74HC2G17GV NEXPERIA-74HC2G17GV Datasheet
252Kb / 15P
   Dual non-inverting Schmitt trigger
Rev. 2 - 2 February 2022
74HC2G17GV-Q100 NEXPERIA-74HC2G17GV-Q100 Datasheet
721Kb / 19P
   Dual non-inverting Schmitt trigger
More results

同様の説明 - 74HC2G17GV

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
74HC_HCT2G17 PHILIPS-74HC_HCT2G17_15 Datasheet
104Kb / 18P
   Dual non-inverting Schmitt trigger
Rev. 01-6 October 2006
logo
Nexperia B.V. All right...
74HC2G17 NEXPERIA-74HC2G17 Datasheet
252Kb / 15P
   Dual non-inverting Schmitt trigger
Rev. 2 - 2 February 2022
74HC2G17-Q100 NEXPERIA-74HC2G17-Q100 Datasheet
721Kb / 19P
   Dual non-inverting Schmitt trigger
logo
ON Semiconductor
NLU2G17 ONSEMI-NLU2G17_16 Datasheet
79Kb / 8P
   Dual Non-Inverting Schmitt-Trigger Buffer
July, 2016 ??Rev. 9
NL27WZ17 ONSEMI-NL27WZ17 Datasheet
91Kb / 8P
   Dual Non-Inverting Schmitt Trigger Buffer
June, 2002 ??Rev. 0
NL27WZ17 ONSEMI-NL27WZ17_V01 Datasheet
470Kb / 13P
   Schmitt Trigger Buffer, Dual, Non-Inverting
September, 2020 ??Rev. 13
NL27WZ17 ONSEMI-NL27WZ17_04 Datasheet
53Kb / 6P
   Dual Non-Inverting Schmitt Trigger Buffer
March, 2004 ??Rev. 4
NLU2G17 ONSEMI-NLU2G17 Datasheet
138Kb / 8P
   Dual Non-Inverting Schmitt-Trigger Buffer
July, 2008 ??Rev. 5
NL27WZ17 ONSEMI-NL27WZ17_12 Datasheet
105Kb / 5P
   Dual Non-Inverting Schmitt Trigger Buffer
April, 2012 ??Rev. 9
logo
Unisonic Technologies
U74AHCT3G17 UTC-U74AHCT3G17 Datasheet
176Kb / 6P
   NON-INVERTING SCHMITT TRIGGER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com