データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD7796BRUZ データシート(PDF) 1 Page - Analog Devices

部品番号 AD7796BRUZ
部品情報  Low Power, 16-/24-Bit Sigma-Delta ADC for Bridge Sensors
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD7796BRUZ データシート(HTML) 1 Page - Analog Devices

  AD7796BRUZ Datasheet HTML 1Page - Analog Devices AD7796BRUZ Datasheet HTML 2Page - Analog Devices AD7796BRUZ Datasheet HTML 3Page - Analog Devices AD7796BRUZ Datasheet HTML 4Page - Analog Devices AD7796BRUZ Datasheet HTML 5Page - Analog Devices AD7796BRUZ Datasheet HTML 6Page - Analog Devices AD7796BRUZ Datasheet HTML 7Page - Analog Devices AD7796BRUZ Datasheet HTML 8Page - Analog Devices AD7796BRUZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
Low Power, 16-/24-Bit Sigma-Delta ADC
for Bridge Sensors
AD7796/AD7797
Rev. A
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2006 Analog Devices, Inc. All rights reserved.
FEATURES
RMS noise: 65 nV
Instrumentation amp
Temperature sensor
Internal clock oscillator
Simultaneous 50 Hz/60 Hz rejection
Update rate: 4.17 Hz to 123 Hz
Current: 250 μA typ
Power-down: 1 μA
Power supply: 2.7 V to 5.25 V
–40°C to +85°C temperature range
Independent interface power supply
16-lead TSSOP
INTERFACE
3-wire serial
SPI®, QSPI™, MICROWIRE™, and DSP compatible
Schmitt trigger on SCLK
APPLICATIONS
Weigh scales
Strain gages
Industrial process control
Instrumentation
Portable instrumentation
GENERAL DESCRIPTION
The AD7796/AD7797 are complete, analog front ends for high
precision, bridge sensor applications such as weigh scales. The
AD7796/AD7797 contain a Σ-Δ ADC capable of 16-/24-bit
resolution, respectively. The on-chip instrumentation amplifier
has a fixed gain of 128, allowing small amplitude signals such as
those from bridge sensors to be directly interfaced to the ADC.
Each part has one differential input and contains a temperature
sensor that is internally connected to the ADC. This sensor can
be used to perform temperature compensation of the bridge.
The devices can be operated with the internal clock or an
external clock. The output data rate from the parts is software-
programmable and can be varied from 4.17 Hz to 123 Hz.
The AD7796/AD7797 operate with a power supply from 2.7 V
to 5.25 V. Each part consumes a current of 250 μA typical and is
housed in a 16-lead TSSOP.
FUNCTIONAL BLOCK DIAGRAM
AD7796/
AD7797
DOUT/RDY
DIN
SCLK
AIN(+)
AIN(–)
MUX
GND
Σ-Δ
ADC
AVDD
×128
REFERENCE
TEMP
SENSOR
INTERNAL
CLOCK
GND AVDD
REFIN(–)
REFIN(+)
CLK
AD7796: 16-BIT ADC
AD7797: 24-BIT ADC
SERIAL
INTERFACE
AND
CONTROL
LOGIC
CS
DVDD
Figure 1.


同様の部品番号 - AD7796BRUZ

メーカー部品番号データシート部品情報
logo
Analog Devices
AD7796BRUZ AD-AD7796BRUZ Datasheet
478Kb / 24P
   Sigma-Delta ADC for Bridge Sensors Low Power
AD7796BRUZ-REEL AD-AD7796BRUZ-REEL Datasheet
478Kb / 24P
   Sigma-Delta ADC for Bridge Sensors Low Power
More results

同様の説明 - AD7796BRUZ

メーカー部品番号データシート部品情報
logo
Analog Devices
AD7796 AD-AD7796_15 Datasheet
561Kb / 24P
   Low Power, 16-/24-Bit Sigma-Delta ADC
REV. A
AD7797 AD-AD7797_15 Datasheet
561Kb / 24P
   Low Power, 16-/24-Bit Sigma-Delta ADC
REV. A
AD7796 AD-AD7796_17 Datasheet
478Kb / 24P
   Sigma-Delta ADC for Bridge Sensors Low Power
AD7191 AD-AD7191_17 Datasheet
330Kb / 21P
   Sigma-Delta ADC for Bridge Sensors
AD7171 AD-AD7171 Datasheet
284Kb / 16P
   16-Bit Low Power Sigma-Delta ADC
REV. 0
AD7171 AD-AD7171_17 Datasheet
313Kb / 17P
   16-Bit, Low Power, Sigma-Delta ADC
AD7791 AD-AD7791_17 Datasheet
525Kb / 21P
   Low Power, Buffered 24-Bit Sigma-Delta ADC
AD7191 AD-AD7191 Datasheet
381Kb / 20P
   Pin-Programmable, Ultralow Noise, 24-Bit, Sigma-Delta ADC for Bridge Sensors
REV. A
AD7791 AD-AD7791 Datasheet
308Kb / 20P
   Low Power, Buffered 24-Bit Sigma-Delta ADC
REV. 0
logo
List of Unclassifed Man...
PXIE-9529 ETC2-PXIE-9529 Datasheet
199Kb / 1P
   24-Bit Sigma-Delta ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com