データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD7934-6 データシート(PDF) 9 Page - Analog Devices

部品番号 AD7934-6
部品情報  4-Channel, 625 kSPS, 12-Bit Parallel ADC with a Sequencer
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD7934-6 データシート(HTML) 9 Page - Analog Devices

Back Button AD7934-6 Datasheet HTML 5Page - Analog Devices AD7934-6 Datasheet HTML 6Page - Analog Devices AD7934-6 Datasheet HTML 7Page - Analog Devices AD7934-6 Datasheet HTML 8Page - Analog Devices AD7934-6 Datasheet HTML 9Page - Analog Devices AD7934-6 Datasheet HTML 10Page - Analog Devices AD7934-6 Datasheet HTML 11Page - Analog Devices AD7934-6 Datasheet HTML 12Page - Analog Devices AD7934-6 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
AD7934-6
Rev. A | Page 9 of 28
TERMINOLOGY
Integral Nonlinearity (INL)
This is the maximum deviation from a straight line passing
through the endpoints of the ADC transfer function. The
endpoints of the transfer function are zero scale, a point 1 LSB
below the first code transition, and full scale, a point 1 LSB
above the last code transition.
Differential Nonlinearity (DNL)
This is the difference between the measured and the ideal 1 LSB
change between any two adjacent codes in the ADC.
Offset Error
This is the deviation of the first code transition (00 … 000) to
(00 … 001) from the ideal (that is, AGND + 1 LSB).
Offset Error Match
This is the difference in offset error between any two channels.
Gain Error
This is the deviation of the last code transition (111 … 110) to
(111 … 111) from the ideal (that is, VREF – 1 LSB) after the
offset error has been adjusted out.
Gain Error Match
This is the difference in gain error between any two channels.
Zero-Code Error
This applies when using the twos complement output coding
option, in particular to the 2 × VREF input range, with −VREF to
+VREF biased about the VREF point. It is the deviation of the
midscale transition (all 0s to all 1s) from the ideal VIN voltage
(that is, VREF).
Zero-Code Error Match
This is the difference in zero-code error between any two
channels.
Positive Gain Error
This applies when using the twos complement output coding
option, in particular to the 2 × VREF input range, with −VREF to
+VREF biased about the VREF point. It is the deviation of the last
code transition (011 … 110) to (011 … 111) from the ideal (that
is, +VREF – 1 LSB) after the zero-code error has been adjusted out.
Positive Gain Error Match
This is the difference in positive gain error between any two
channels.
Negative Gain Error
This applies when using the twos complement output coding
option, in particular to the 2 × VREF input range, with −VREF to
+VREF biased about the VREF point. It is the deviation of the first
code transition (100 … 000) to (100 … 001) from the ideal
(that is, −VREF + 1 LSB) after the zero-code error has been
adjusted out.
Negative Gain Error Match
This is the difference in negative gain error between any two
channels.
Channel-to-Channel Isolation
This is a measure of the level of crosstalk between channels.
It is measured by applying a full-scale sine wave signal to the
three, nonselected input channels and applying a 50 kHz signal
to the selected channel. The channel-to-channel isolation is
defined as the ratio of the power of the 50 kHz signal on the
selected channel to the power of the noise signal on the unse-
lected channels that appears in the fast Fourier transform (FFT)
of this channel. The noise frequency on the unselected channels
varies from 40 kHz to 740 kHz. The noise amplitude is at
2 × VREF, while the signal amplitude is at 1 × VREF. See Figure 4.
Power Supply Rejection Ratio (PSRR)
PSRR is defined as the ratio of the power in the ADC output at
full-scale frequency (
f) to the power of a 100 mV p-p sine wave
applied to the ADC VDD supply of frequency
fS. The frequency
of the noise varies from 1 kHz to 1 MHz.
PSRR (dB) = 10log(Pf/PfS)
where:
Pf is the power at frequency f in the ADC output.
PfS is the power at frequency fS in the ADC output.
Common-Mode Rejection Ratio (CMRR)
CMRR is defined as the ratio of the power in the ADC output at
full-scale frequency (
f) to the power of a 100 mV p-p sine wave
applied to the common-mode voltage of VIN+ and VIN− of
frequency
fS.
CMRR (dB) = 10log(Pf/PfS)
where:
Pf is the power at frequency f in the ADC output.
PfS is the power at frequency fS in the ADC output.


同様の部品番号 - AD7934-6

メーカー部品番号データシート部品情報
logo
Analog Devices
AD7934-6 AD-AD7934-6 Datasheet
617Kb / 29P
   4-Channel, 625 kSPS, 12-Bit Parallel ADC with a Sequencer
AD7934-6 AD-AD7934-6_15 Datasheet
711Kb / 28P
   4-Channel, 625 kSPS, 12-Bit Parallel ADC with a Sequencer
REV. B
AD7934-6 AD-AD7934-6_17 Datasheet
617Kb / 29P
   4-Channel, 625 kSPS, 12-Bit Parallel ADC with a Sequencer
More results

同様の説明 - AD7934-6

メーカー部品番号データシート部品情報
logo
Analog Devices
AD7934-6 AD-AD7934-6_15 Datasheet
711Kb / 28P
   4-Channel, 625 kSPS, 12-Bit Parallel ADC with a Sequencer
REV. B
AD7934-6 AD-AD7934-6_17 Datasheet
617Kb / 29P
   4-Channel, 625 kSPS, 12-Bit Parallel ADC with a Sequencer
AD7938-6 AD-AD7938-6_17 Datasheet
819Kb / 33P
   8-Channel, 625 kSPS, 12-Bit Parallel ADCs with a Sequencer
AD7938-6 AD-AD7938-6 Datasheet
762Kb / 32P
   8-Channel, 625 kSPS, 12-Bit Parallel ADCs with a Sequencer
REV. 0
AD7938-6 AD-AD7938-6_15 Datasheet
599Kb / 32P
   8-Channel, 625 kSPS, 12-Bit Parallel ADCs with a Sequencer
REV. C
AD7923 AD-AD7923_15 Datasheet
381Kb / 24P
   4-Channel, 200 kSPS 12-Bit ADC with Sequencer in 16-Lead TSSOP
REV. D
AD7923 AD-AD7923 Datasheet
430Kb / 20P
   4-Channel, 200 kSPS, 12-Bit ADC with Sequencer in 16-Lead TSSOP
REV. 0
AD7923 AD-AD7923_11 Datasheet
380Kb / 24P
   4-Channel, 200 kSPS 12-Bit ADC with Sequencer in 16-Lead TSSOP
REV. C
AD7923 AD-AD7923_17 Datasheet
423Kb / 25P
   4-Channel, 200 kSPS 12-Bit ADC Sequencer in 16-Lead TSSOP
AD7927 AD-AD7927 Datasheet
276Kb / 20P
   8-Channel, 200 kSPS, 12-Bit ADC with Sequencer in 20-Lead TSSOP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com