データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PZU3.0B データシート(PDF) 7 Page - NXP Semiconductors

部品番号 PZU3.0B
部品情報  Single Zener diodes in a SOD323F package
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PZU3.0B データシート(HTML) 7 Page - NXP Semiconductors

Back Button PZU3.0B Datasheet HTML 3Page - NXP Semiconductors PZU3.0B Datasheet HTML 4Page - NXP Semiconductors PZU3.0B Datasheet HTML 5Page - NXP Semiconductors PZU3.0B Datasheet HTML 6Page - NXP Semiconductors PZU3.0B Datasheet HTML 7Page - NXP Semiconductors PZU3.0B Datasheet HTML 8Page - NXP Semiconductors PZU3.0B Datasheet HTML 9Page - NXP Semiconductors PZU3.0B Datasheet HTML 10Page - NXP Semiconductors PZU3.0B Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
PZUXB_SER_1
© Koninklijke Philips Electronics N.V. 2006. All rights reserved.
Product data sheet
Rev. 01 — 7 March 2006
7 of 12
Philips Semiconductors
PZUxB series
Single Zener diodes in a SOD323F package
Tj =25 °C
PZU2.4B to PZU4.3B
Tj =25 °C to 150 °C
Fig 1.
Forward current as a function of forward
voltage; typical values
Fig 2.
Temperature coefficient as a function of
working current; typical values
PZU4.7B to PZU12B
Tj =25 °C to 150 °C
FR4 PCB, standard footprint
Fig 3.
Temperature coefficient as a function of
working current; typical values
Fig 4.
Power derating curve
VF (V)
0.6
1
0.8
mbg781
100
200
300
IF
(mA)
0
060
0
−2
−3
−1
mgl273
20
40
IZ (mA)
SZ
(mV/K)
4.3
3.9
3.6
3.3
3.0
2.4
2.7
020
16
10
0
−5
5
mgl274
48
12
IZ (mA)
SZ
(mV/K)
4.7
12
11
10
9.1
8.2
7.5
6.8
6.2
5.6
5.1
Tamb (°C)
0
200
150
50
100
006aaa687
200
100
300
400
Ptot
(mW)
0


同様の部品番号 - PZU3.0B

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
PZU3.0B1A/DG NXP-PZU3.0B1A/DG Datasheet
127Kb / 14P
   Single Zener diodes
Rev. 01-19 September 2008
PZU3.0B2A/DG NXP-PZU3.0B2A/DG Datasheet
127Kb / 14P
   Single Zener diodes
Rev. 01-19 September 2008
PZU3.0B2L NXP-PZU3.0B2L Datasheet
133Kb / 13P
   Single Zener diodes
Rev. 01-6 May 2008
logo
Nexperia B.V. All right...
PZU3.0B2L NEXPERIA-PZU3.0B2L Datasheet
261Kb / 12P
   Single Zener diodes in a SOD882 package
Rev. 2 - 11 November 2019
logo
NXP Semiconductors
PZU3.0BA/DG PHILIPS-PZU3.0BA/DG Datasheet
57Kb / 12P
   Voltage regulator diodes
1999 Apr 19
More results

同様の説明 - PZU3.0B

メーカー部品番号データシート部品情報
logo
Nexperia B.V. All right...
PZUXB_SER NEXPERIA-PZUXB_SER Datasheet
259Kb / 12P
   Zener diodes in a SOD323F package
Rev. 5 - 2 November 2020
logo
NXP Semiconductors
PZU13B2-115 NXP-PZU13B2-115 Datasheet
450Kb / 12P
   Single Zener diodes in a SOD323F package Rev. 02 ??15 November 2009
Rev. 02-15 November 2009
logo
Nexperia B.V. All right...
PDZ-GW NEXPERIA-PDZ-GW Datasheet
238Kb / 12P
   Single Zener diodes in a SOD123 package
BZT52_SER NEXPERIA-BZT52_SER Datasheet
198Kb / 13P
   Single Zener diodes in a SOD123 package
Rev. 1 - 16 March 2017
PZUXBL_SER NEXPERIA-PZUXBL_SER Datasheet
261Kb / 12P
   Single Zener diodes in a SOD882 package
Rev. 2 - 11 November 2019
BZT52-B_SER NEXPERIA-BZT52-B_SER Datasheet
181Kb / 11P
   Single Zener diodes in a SOD123 package
Rev. 1 - 20 December 2017
logo
NXP Semiconductors
BZT52H NXP-BZT52H_10 Datasheet
126Kb / 13P
   Single Zener diodes in a SOD123F package
Rev. 3-7 December 2010
logo
Nexperia B.V. All right...
PDZ-GW_SER NEXPERIA-PDZ-GW_SER Datasheet
238Kb / 12P
   Single Zener diodes in a SOD123 package
Rev. 1 - 4 September 2017
logo
NXP Semiconductors
BZT52H-C20 PHILIPS-BZT52H-C20 Datasheet
126Kb / 13P
   Single Zener diodes in a SOD123F package
Rev. 3-7 December 2010
BZT52H-B39 PHILIPS-BZT52H-B39 Datasheet
137Kb / 13P
   Single Zener diodes in a SOD123F package
Rev. 3-7 December 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com