データシートサーチシステム
Selected language   Japanese  ▼

Delete All
ON OFF
ALLDATASHEET.JP

X  

Preview PDF Download HTML

TEF6862 データシート(PDF) 47 Page - NXP Semiconductors

部品番号. TEF6862
部品情報  Car Radio Enhanced Selectivity Tuner (CREST)
ダウンロード  65 Pages
Scroll/Zoom Zoom In 100% Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo 

TEF6862 Datasheet(HTML) 47 Page - NXP Semiconductors

Zoom Inzoom in Zoom Outzoom out
 47 / 65 page
background image
TEF6862_1
© Koninklijke Philips Electronics N.V. 2006. All rights reserved.
Product data sheet
Rev. 01 — 14 September 2006
47 of 65
Philips Semiconductors
TEF6862
Car Radio Enhanced Selectivity Tuner (CREST)
Mixer output: pins MIX1OUT1 and MIX1OUT2[6]
Ro
output resistance
100
-
-
k
Co
output capacitance
-
4
6
pF
Vo(p-p)(max)
maximum
peak-to-peak
output voltage
4.5
5.6
-
V
FM weather band mixer input: pins WXMIXIN and WXMIXDEC[11]
Ri
input resistance
-
5.1
-
k
Ci
input capacitance
-
2
4
pF
Gm(conv)
conversion
transconductance
gain
Io/Vi; data byte PLLM bit
RFGAIN = 0
10
15
21
mA/V
∆G
m(conv)(T)
conversion
transconductance
gain deviation over
temperature
∆G
m(conv)/(Gm(conv) ×∆T)
-
−1 × 10−3
-K−1
NF
noise figure
Rsource = 300 Ω
-
3.5
5
dB
Rgen(recom)
recommended
generator
resistance
-
200
-
IP3
third-order
intercept point
-
116
-
dB
µV
IRR
image rejection
ratio
Vo(wanted)/Vo(image);
fRF(wanted) = 162.475 MHz;
fRF(image) = 183.875 MHz
20
27
-
dB
FM filter and demodulator
Tunable filter
Bmax
maximum
bandwidth
data byte BANDWIDTH
bit DYN = 1; dynamic mode
-
130
-
kHz
data byte BANDWIDTH
bits BW[4:0] = 1 1111;
fixed mode
-
130
-
kHz
Bmin
minimum
bandwidth
data byte BANDWIDTH
bit DYN = 1; dynamic mode
-
45
-
kHz
data byte BANDWIDTH
bits BW[4:0] = 0 0000;
fixed mode
-
45
-
kHz
BIF(WX)
IF bandwidth
(weather band
mode)
-
20
-
kHz
∆f
c(IF2)
IF2 center
frequency step size
-
2
-
kHz
fc(IF2)(T)
IF2 center
frequency over
temperature
−40
-
+40
Hz/K
Table 55.
Dynamic characteristics …continued
VCCA = 8.5 V; Tamb =25 °C; see Figure 25 and Figure 26; all AC values are given in RMS; unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit


Html ページ

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65 


Datasheet Download



関連電子部品番号

部品番号コンポーネントの説明Html Viewメーカー
CS51021AEnhanced Current Mode PWM Controller 1 2 3 4 5 MoreON Semiconductor
ADUM3100Digital Isolator Enhanced System-Level ESD Reliability 1 2 3 4 5 MoreAnalog Devices
ADUM3200Dual-Channel Digital Isolators Enhanced System-Level ESD Reliability 1 2 3 4 5 MoreAnalog Devices
ADUM3300Triple-Channel Digital Isolators Enhanced System-Level ESD Reliability 1 2 3 4 5 MoreAnalog Devices
ADUM3400Quad-Channel Digital Isolators Enhanced System-Level ESD Reliability 1 2 3 4 5 MoreAnalog Devices
2SC838FM RADIO RF AMP MIX CONV OSC IF AMP 1 Usha India Ltd.
TEA5767HNLow-power FM stereo radio for handheld applications 1 2 3 4 5 MoreNXP Semiconductors

リンク URL



Privacy Policy
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   ブックマーク
   |   リンク交換   |   メーカーリスト
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn