データシートサーチシステム
Selected language   Japanese  ▼

Delete All
ON OFF
ALLDATASHEET.JP

X  

Preview PDF Download HTML

TEF6862 データシート(PDF) 60 Page - NXP Semiconductors

部品番号. TEF6862
部品情報  Car Radio Enhanced Selectivity Tuner (CREST)
ダウンロード  65 Pages
Scroll/Zoom Zoom In 100% Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo 

TEF6862 Datasheet(HTML) 60 Page - NXP Semiconductors

Zoom Inzoom in Zoom Outzoom out
 60 / 65 page
background image
TEF6862_1
© Koninklijke Philips Electronics N.V. 2006. All rights reserved.
Product data sheet
Rev. 01 — 14 September 2006
60 of 65
Philips Semiconductors
TEF6862
Car Radio Enhanced Selectivity Tuner (CREST)
17. Soldering
17.1 Introduction to soldering surface mount packages
There is no soldering method that is ideal for all surface mount IC packages. Wave
soldering can still be used for certain surface mount ICs, but it is not suitable for fine pitch
SMDs. In these situations reflow soldering is recommended.
17.2 Reflow soldering
Reflow soldering requires solder paste (a suspension of fine solder particles, flux and
binding agent) to be applied to the printed-circuit board by screen printing, stencilling or
pressure-syringe dispensing before package placement. Driven by legislation and
environmental forces the worldwide use of lead-free solder pastes is increasing.
Several methods exist for reflowing; for example, convection or convection/infrared
heating in a conveyor type oven. Throughput times (preheating, soldering and cooling)
vary between 100 seconds and 200 seconds depending on heating method.
Typical reflow temperatures range from 215
°Cto260 °C depending on solder paste
material. The peak top-surface temperature of the packages should be kept below:
Moisture sensitivity precautions, as indicated on packing, must be respected at all times.
17.3 Wave soldering
Conventional single wave soldering is not recommended for surface mount devices
(SMDs) or printed-circuit boards with a high component density, as solder bridging and
non-wetting can present major problems.
To overcome these problems the double-wave soldering method was specifically
developed.
If wave soldering is used the following conditions must be observed for optimal results:
Use a double-wave soldering method comprising a turbulent wave with high upward
pressure followed by a smooth laminar wave.
For packages with leads on two sides and a pitch (e):
Table 60.
SnPb eutectic process - package peak reflow temperatures (from
J-STD-020C
July 2004)
Package thickness
Volume mm3 < 350
Volume mm3
≥ 350
< 2.5 mm
240
°C+0/−5 °C
225
°C+0/−5 °C
≥ 2.5 mm
225
°C+0/−5 °C
225
°C+0/−5 °C
Table 61.
Pb-free process - package peak reflow temperatures (from
J-STD-020C July
2004)
Package thickness
Volume mm3 < 350
Volume mm3 350 to
2000
Volume mm3 > 2000
< 1.6 mm
260
°C + 0 °C
260
°C + 0 °C
260
°C + 0 °C
1.6 mm to 2.5 mm
260
°C + 0 °C
250
°C + 0 °C
245
°C + 0 °C
≥ 2.5 mm
250
°C + 0 °C
245
°C + 0 °C
245
°C + 0 °C


Html ページ

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65 


Datasheet Download



関連電子部品番号

部品番号コンポーネントの説明Html Viewメーカー
CS51021AEnhanced Current Mode PWM Controller 1 2 3 4 5 MoreON Semiconductor
ADUM3100Digital Isolator Enhanced System-Level ESD Reliability 1 2 3 4 5 MoreAnalog Devices
ADUM3200Dual-Channel Digital Isolators Enhanced System-Level ESD Reliability 1 2 3 4 5 MoreAnalog Devices
ADUM3300Triple-Channel Digital Isolators Enhanced System-Level ESD Reliability 1 2 3 4 5 MoreAnalog Devices
ADUM3400Quad-Channel Digital Isolators Enhanced System-Level ESD Reliability 1 2 3 4 5 MoreAnalog Devices
2SC838FM RADIO RF AMP MIX CONV OSC IF AMP 1 Usha India Ltd.
TEA5767HNLow-power FM stereo radio for handheld applications 1 2 3 4 5 MoreNXP Semiconductors

リンク URL



Privacy Policy
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   ブックマーク
   |   リンク交換   |   メーカーリスト
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn