データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD8319-EVAL データシート(PDF) 1 Page - Analog Devices

部品番号 AD8319-EVAL
部品情報  1 MHz to 10 GHz, 40 dB Log Detector/Controller
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD8319-EVAL データシート(HTML) 1 Page - Analog Devices

  AD8319-EVAL Datasheet HTML 1Page - Analog Devices AD8319-EVAL Datasheet HTML 2Page - Analog Devices AD8319-EVAL Datasheet HTML 3Page - Analog Devices AD8319-EVAL Datasheet HTML 4Page - Analog Devices AD8319-EVAL Datasheet HTML 5Page - Analog Devices AD8319-EVAL Datasheet HTML 6Page - Analog Devices AD8319-EVAL Datasheet HTML 7Page - Analog Devices AD8319-EVAL Datasheet HTML 8Page - Analog Devices AD8319-EVAL Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
1 MHz to 10 GHz, 40 dB
Log Detector/Controller
AD8319
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2005 Analog Devices, Inc. All rights reserved.
FEATURES
Wide bandwidth: 1 MHz to 10 GHz
High accuracy: ±1.0 dB over temperature
>40 dB dynamic range up to 8 GHz
Stability over temperature ±0.5 dB
Low noise measurement/controller output VOUT
Pulse response time: 8/10 ns (fall/rise)
Small footprint 2 mm x 3 mm CSP package
Supply operation: 3.0V to 5.5V @ 22 mA
Fabricated using high speed SiGe process
APPLICATIONS
RF transmitter PA setpoint control and level monitoring
Power monitoring in radiolink transmitters
RSSI measurement in base stations, WLAN, WiMAX, radar
GENERAL DESCRIPTION
The AD8319 is a demodulating logarithmic amplifier, capable
of accurately converting an RF input signal to a corresponding
decibel-scaled output. It employs the progressive compression
technique over a cascaded amplifier chain, each stage of which
is equipped with a detector cell. The device can be used in either
measurement or controller modes. The AD8319 maintains
accurate log conformance for signals of 1 MHz to 8 GHz and
provides useful operation to 10 GHz. The input dynamic range
is typically 40 dB (re: 50 Ω) with error less than ±1 dB. The
AD8319 has 8/10 ns response time (fall time/rise time) that
enables RF burst detection to a pulse rate of beyond 50 MHz.
The device provides unprecedented logarithmic intercept
stability vs. ambient temperature conditions. A supply of 3.0 V
to 5.5 V is required to power the device. Current consumption
is typically 22 mA, and it decreases to 200 μA when the device is
disabled.
The AD8319 can be configured to provide a control voltage to
a power amplifier or a measurement output from the VOUT
pin. Because the output can be used for controller applications,
special attention has been paid to minimize wideband noise. In
this mode, the setpoint control voltage is applied to the VSET pin.
FUNCTIONAL BLOCK DIAGRAM
GAIN
BIAS
SLOPE
DET
DET
DET
DET
INHI
INLO
IV
VOUT
IV
VSET
CLPF
TADJ
VPOS
COMM
Figure 1.
The feedback loop through an RF amplifier is closed via VOUT,
the output of which regulates the amplifier’s output to a
magnitude corresponding to VSET. The AD8319 provides
0 V to (VPOS − 0.1 V) output capability at the VOUT pin,
suitable for controller applications. As a measurement device,
VOUT is externally connected to VSET to produce an output
voltage VOUT that is a decreasing linear-in-dB function of the RF
input signal amplitude.
The logarithmic slope is −22 mV/dB, determined by the VSET
interface. The intercept is +15 dBm (re: 50 Ω, CW input) using
the INHI input. These parameters are very stable against supply
and temperature variations.
The AD8319 is fabricated on a SiGe bipolar IC process and is
available in a 2 mm × 3 mm, 8-lead LFCSP_VD package for an
operating temperature range of –40oC to +85oC.


同様の部品番号 - AD8319-EVAL

メーカー部品番号データシート部品情報
logo
Analog Devices
AD8319-EVALZ AD-AD8319-EVALZ Datasheet
1Mb / 20P
   1 MHz to 10 GHz, 40 dB Log Detector/Controller
REV. A
AD8319-EVALZ AD-AD8319-EVALZ Datasheet
1Mb / 19P
   1 MHz to 10 GHz, 45 dB Log Detector/Controller
More results

同様の説明 - AD8319-EVAL

メーカー部品番号データシート部品情報
logo
Analog Devices
AD8319 AD-AD8319_07 Datasheet
1Mb / 20P
   1 MHz to 10 GHz, 40 dB Log Detector/Controller
REV. A
AD8317 AD-AD8317 Datasheet
1Mb / 20P
   1 MHz to 10 GHz, 50 dB Log Detector/Controller
REV. 0
AD8317 AD-AD8317_08 Datasheet
780Kb / 20P
   1 MHz to 10 GHz, 55 dB Log Detector/Controller
REV. B
AD8319 AD-AD8319_15 Datasheet
1,004Kb / 20P
   1 MHz to 10 GHz, 45 dB Log Detector/Controller
REV. C
AD8319 AD-AD8319_17 Datasheet
1Mb / 19P
   1 MHz to 10 GHz, 45 dB Log Detector/Controller
ADL5519 AD-ADL5519_17 Datasheet
3Mb / 39P
   1 MHz to 10 GHz, 62 dB Dual Log Detector/Controller
ADL5519 AD-ADL5519 Datasheet
654Kb / 27P
   1 MHz to 10 GHz, 50 dB Dual Log Detector/Controller
Rev. PrB
ADL5519 AD-ADL5519_08 Datasheet
3Mb / 40P
   1 MHz to 10 GHz, 62 dB Dual Log Detector/Controller
REV. 0
AD8318 AD-AD8318_07 Datasheet
1Mb / 24P
   1 MHz to 8 GHz, 70 dB Logarithmic Detector/Controller
REV. B
ADL5513 AD-ADL5513_08 Datasheet
1Mb / 28P
   1 MHz to 4 GHz, 80 dB Logarithmic Detector/Controller
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com