データシートサーチシステム |
|
PZU8.2B1 データシート(PDF) 2 Page - NXP Semiconductors |
|
PZU8.2B1 データシート(HTML) 2 Page - NXP Semiconductors |
2 / 12 page PZUXB_SER_1 © Koninklijke Philips Electronics N.V. 2006. All rights reserved. Product data sheet Rev. 01 — 7 March 2006 2 of 12 Philips Semiconductors PZUxB series Single Zener diodes in a SOD323F package 2. Pinning information [1] The marking bar indicates the cathode. 3. Ordering information [1] The series consists of 97 types with nominal working voltages from 2.4 V to 36 V. 4. Marking Table 2. Pinning Pin Description Simplified outline Symbol 1 cathode [1] 2 anode 2 1 sym068 2 1 Table 3. Ordering information Type number Package Name Description Version PZU2.4B to PZU36B[1] SC-90 plastic surface mounted package; 2 leads SOD323F Table 4. Marking codes Type number Marking code Type number Marking code B B1 B2 B3 B B1 B2 B3 PZU2.4 G3 - - - PZU10 GJ FH HF KB PZU2.7 G4 F3 H1 - PZU11 GK FJ HG KC PZU3.0 G5 F4 H2 - PZU12 GL FK HH KD PZU3.3 G6 F5 H3 - PZU13 GM FL HJ KE PZU3.6 G7 F6 H4 - PZU14 - - HK - PZU3.9 G8 F7 H5 - PZU15 GN FM HL KF PZU4.3 G9 F8 H6 HS PZU16 GP FN HM KG PZU4.7 GA F9 H7 HT PZU18 GQ FP HN KH PZU5.1 GB FA H8 HU PZU20 GR FQ HP KJ PZU5.6 GC FB H9 HV PZU22 GS FR HQ KK PZU6.2 GD FC HA HW PZU24 GT FS HR KL PZU6.8 GE FD HB HX PZU27 GU - - - PZU7.5 GF FE HC HY PZU30 GV - - - PZU8.2 GG FF HD HZ PZU33 GW - - - PZU9.1 GH FG HE KA PZU36 GX - - - |
同様の部品番号 - PZU8.2B1 |
|
同様の説明 - PZU8.2B1 |