データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD71028JSTRL データシート(PDF) 4 Page - Analog Devices

部品番号 AD71028JSTRL
部品情報  Dual Digital BTSC Encoder with Integrated DAC
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD71028JSTRL データシート(HTML) 4 Page - Analog Devices

  AD71028JSTRL Datasheet HTML 1Page - Analog Devices AD71028JSTRL Datasheet HTML 2Page - Analog Devices AD71028JSTRL Datasheet HTML 3Page - Analog Devices AD71028JSTRL Datasheet HTML 4Page - Analog Devices AD71028JSTRL Datasheet HTML 5Page - Analog Devices AD71028JSTRL Datasheet HTML 6Page - Analog Devices AD71028JSTRL Datasheet HTML 7Page - Analog Devices AD71028JSTRL Datasheet HTML 8Page - Analog Devices AD71028JSTRL Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
AD71028
Rev. 0 | Page 4 of 20
POWER
Table 4.
Parameter
Min
Typ
Max
Unit
Supplies
Voltage, Analog and Digital
4.5
5
5.5
V
Analog Current
31
37
mA
Digital Current
97
110
mA
Dissipation
Operation—Both Supplies
640
mW
Operation—Analog Supplies
155
mW
Operation—Digital Supplies
485
mW
TEMPERATURE RANGE
Table 5.
Parameter
Min
Typ
Max
Unit
Specifications Guaranteed
25
°C
Functionality Guaranteed
0
70
°C
Storage
–55
+125
°C
DIGITAL TIMING
Table 6.
Parameter
Min
Typ
Max
Unit
tDMD
MCLK Recommended Duty Cycle @ 12.288 MHz (256 × fS and 512 × fS Modes)
40
60
%
tDBL
BCLK Low Pulse Width
25
ns
tDBH
BCLK High Pulse Width
10
ns
tDLS
LRCLK Setup
0
ns
tDLH
LRCLK Hold
10
ns
tDDS
SDATA Setup
0
ns
tDDH
SDATA Hold
10
ns
tCCL
CCLK Low Pulse Width
10
ns
tCCH
CCLK High Pulse Width
10
ns
tCLS
CLATCH Setup
10
ns
tCLH
CLATCH Hold
20
ns
tCLD
CLATCH High Pulse Width
10
ns
tCDS
CDATA Setup
0
ns
tCDH
CDATA Hold
10
ns
tRLP
Reset LO Pulse Width
10
ns


同様の部品番号 - AD71028JSTRL

メーカー部品番号データシート部品情報
logo
Analog Devices
AD71028 AD-AD71028_15 Datasheet
427Kb / 20P
   Dual Digital BTSC Encoder with Integrated DAC
REV. 0
More results

同様の説明 - AD71028JSTRL

メーカー部品番号データシート部品情報
logo
Analog Devices
AD71028 AD-AD71028_15 Datasheet
427Kb / 20P
   Dual Digital BTSC Encoder with Integrated DAC
REV. 0
AD1970 AD-AD1970_15 Datasheet
450Kb / 20P
   Digital BTSC Encoder with Integrated ADC and DAC
REV. 0
AD1970 AD-AD1970 Datasheet
449Kb / 20P
   Digital BTSC Encoder with Integrated ADC and DAC
REV. 0
logo
Asahi Kasei Microsystem...
AK4145 AKM-AK4145 Datasheet
238Kb / 11P
   Digital BTSC Stereo Encoder
AK4145 AKM-AK4145 Datasheet
320Kb / 27P
   Digital BTSC Stereo Encoder
AK4140 AKM-AK4140 Datasheet
635Kb / 42P
   Digital BTSC Decoder
AK4140 AKM-AK4140 Datasheet
822Kb / 42P
   Digital BTSC Decoder
logo
Holt Integrated Circuit...
HI-1575 HOLTIC-HI-1575 Datasheet
117Kb / 12P
   3.3V Dual Transceivers with Integrated Encoder / Decoders
logo
TRINAMIC Motion Control...
TMCM-110-42-SE TRINAMIC-TMCM-110-42-SE Datasheet
638Kb / 23P
   Integrated encoder
logo
Analog Devices
ADV7190 AD-ADV7190 Datasheet
628Kb / 69P
   Video Encoder with Six 10-Bit DACs and Video Encoder with Six DAC Outputs
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com