データシートサーチシステム |
|
PZU27B2 データシート(PDF) 6 Page - NXP Semiconductors |
|
PZU27B2 データシート(HTML) 6 Page - NXP Semiconductors |
6 / 12 page PZUXB_SER_1 © Koninklijke Philips Electronics N.V. 2006. All rights reserved. Product data sheet Rev. 01 — 7 March 2006 6 of 12 Philips Semiconductors PZUxB series Single Zener diodes in a SOD323F package [1] f = 1 MHz; VR =0V [2] tp = 100 µs; square wave; Tj =25 °C prior to surge 15 B 13.84 15.52 80 15 50 11 11.4 99 2 B1 13.84 14.46 B2 14.34 14.98 B3 14.85 15.52 16 B 15.37 17.09 80 20 50 12 12.4 97 1.5 B1 15.37 16.01 B2 15.85 16.51 B3 16.35 17.09 18 B 16.94 19.03 80 20 50 13 14.4 93 1.5 B1 16.94 17.70 B2 17.56 18.35 B3 18.21 19.03 20 B 18.86 21.08 100 20 50 15 16.4 88 1.5 B1 18.86 19.70 B2 19.52 20.39 B3 20.21 21.08 22 B 20.88 23.17 100 25 50 17 18.4 84 1.3 B1 20.88 21.77 B2 21.54 22.47 B3 22.23 23.17 24 B 22.93 25.57 120 30 50 19 20.4 80 1.3 B1 22.93 23.96 B2 23.72 24.78 B3 24.54 25.57 27 B 25.1 28.9 150 40 50 21 23.4 73 1 30 B 28 32 200 40 50 23 26.6 66 1 33 B 31 35 250 40 50 25 29.7 60 0.9 36 B 34 38 300 60 50 27 33.0 59 0.8 Table 9. Characteristics per type; PZU6.2B to PZU36B …continued Tj =25 °C unless otherwise specified. PZU xxx Sel Working voltage VZ (V); IZ =5mA Maximum differential resistance rdif (Ω) Reverse current IR (nA) Temperature coefficient SZ (mV/K); IZ =5mA Diode capacitance Cd (pF)[1] Non-repetitive peak reverse current IZSM (A)[2] Min Max IZ = 0.5 mA IZ =5mA Max VR (V) Typ Max Max |
同様の部品番号 - PZU27B2 |
|
同様の説明 - PZU27B2 |