データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PZU7.5B3 データシート(PDF) 8 Page - NXP Semiconductors

部品番号 PZU7.5B3
部品情報  Single Zener diodes in a SOD323F package
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PZU7.5B3 データシート(HTML) 8 Page - NXP Semiconductors

Back Button PZU7.5B3 Datasheet HTML 4Page - NXP Semiconductors PZU7.5B3 Datasheet HTML 5Page - NXP Semiconductors PZU7.5B3 Datasheet HTML 6Page - NXP Semiconductors PZU7.5B3 Datasheet HTML 7Page - NXP Semiconductors PZU7.5B3 Datasheet HTML 8Page - NXP Semiconductors PZU7.5B3 Datasheet HTML 9Page - NXP Semiconductors PZU7.5B3 Datasheet HTML 10Page - NXP Semiconductors PZU7.5B3 Datasheet HTML 11Page - NXP Semiconductors PZU7.5B3 Datasheet HTML 12Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
PZUXB_SER_1
© Koninklijke Philips Electronics N.V. 2006. All rights reserved.
Product data sheet
Rev. 01 — 7 March 2006
8 of 12
Philips Semiconductors
PZUxB series
Single Zener diodes in a SOD323F package
8.
Package outline
9.
Packing information
[1]
For further information and the availability of packing methods, see Section 14.
10. Soldering
Fig 5.
Package outline SOD323F (SC-90)
04-09-13
Dimensions in mm
0.80
0.65
0.25
0.10
0.5
0.3
2.7
2.3
1.8
1.6
0.40
0.25
1.35
1.15
1
2
Table 10.
Packing methods
The indicated -xxx are the last three digits of the 12NC ordering code.[1]
Type number
Package
Description
Packing quantity
3000
10000
PZU2.4B to
PZU36B
SOD323F
4 mm pitch, 8 mm tape and reel
-115
-135
Reflow soldering is the only recommended soldering method.
Dimensions in mm
Fig 6.
Reflow soldering footprint SOD323F (SC-90)
001aab169
1.65
0.50
(2
×)
2.10
1.60
2.80
0.60
3.05
0.50
0.95
solder lands
solder resist
occupied area
solder paste


同様の部品番号 - PZU7.5B3

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
PZU7.5B3A/DG NXP-PZU7.5B3A/DG Datasheet
127Kb / 14P
   Single Zener diodes
Rev. 01-19 September 2008
More results

同様の説明 - PZU7.5B3

メーカー部品番号データシート部品情報
logo
Nexperia B.V. All right...
PZUXB_SER NEXPERIA-PZUXB_SER Datasheet
259Kb / 12P
   Zener diodes in a SOD323F package
Rev. 5 - 2 November 2020
logo
NXP Semiconductors
PZU13B2-115 NXP-PZU13B2-115 Datasheet
450Kb / 12P
   Single Zener diodes in a SOD323F package Rev. 02 ??15 November 2009
Rev. 02-15 November 2009
logo
Nexperia B.V. All right...
PDZ-GW NEXPERIA-PDZ-GW Datasheet
238Kb / 12P
   Single Zener diodes in a SOD123 package
BZT52_SER NEXPERIA-BZT52_SER Datasheet
198Kb / 13P
   Single Zener diodes in a SOD123 package
Rev. 1 - 16 March 2017
PZUXBL_SER NEXPERIA-PZUXBL_SER Datasheet
261Kb / 12P
   Single Zener diodes in a SOD882 package
Rev. 2 - 11 November 2019
BZT52-B_SER NEXPERIA-BZT52-B_SER Datasheet
181Kb / 11P
   Single Zener diodes in a SOD123 package
Rev. 1 - 20 December 2017
logo
NXP Semiconductors
BZT52H NXP-BZT52H_10 Datasheet
126Kb / 13P
   Single Zener diodes in a SOD123F package
Rev. 3-7 December 2010
logo
Nexperia B.V. All right...
PDZ-GW_SER NEXPERIA-PDZ-GW_SER Datasheet
238Kb / 12P
   Single Zener diodes in a SOD123 package
Rev. 1 - 4 September 2017
logo
NXP Semiconductors
BZT52H-C20 PHILIPS-BZT52H-C20 Datasheet
126Kb / 13P
   Single Zener diodes in a SOD123F package
Rev. 3-7 December 2010
BZT52H-B39 PHILIPS-BZT52H-B39 Datasheet
137Kb / 13P
   Single Zener diodes in a SOD123F package
Rev. 3-7 December 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com