データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC145423E データシート(PDF) 6 Page - Freescale Semiconductor, Inc

部品番号 MC145423E
部品情報  Universal Digital Loop Transceiver (UDLT-3)
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FREESCALE [Freescale Semiconductor, Inc]
ホームページ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC145423E データシート(HTML) 6 Page - Freescale Semiconductor, Inc

Back Button MC145423E Datasheet HTML 2Page - Freescale Semiconductor, Inc MC145423E Datasheet HTML 3Page - Freescale Semiconductor, Inc MC145423E Datasheet HTML 4Page - Freescale Semiconductor, Inc MC145423E Datasheet HTML 5Page - Freescale Semiconductor, Inc MC145423E Datasheet HTML 6Page - Freescale Semiconductor, Inc MC145423E Datasheet HTML 7Page - Freescale Semiconductor, Inc MC145423E Datasheet HTML 8Page - Freescale Semiconductor, Inc MC145423E Datasheet HTML 9Page - Freescale Semiconductor, Inc MC145423E Datasheet HTML 10Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
TELECOMMUNICATIONS
MC145423
* To overdrive PD from a low level to 3.5 V, or a high level to 1.5 V requires a minimum of ±800
µA drive capability.
* The input level into the demodulator to reliably demodulate incoming bursts. Input referenced to Vref.
DIGITAL CHARACTERISTICS (VDD = 5 V ±10%, TA = –40° to 85°C, Unless Otherwise Stated)
Parameter
Min
Max
Unit
Input High Level
VDD x 0.7
V
Input Low Level
—VDD x 0.3
V
Input Current (Digital Pins)
±1.0
µA
Input Current LI
±100
µA
Input Capacitance
—7.5
pF
Output High Current (Excluding Tx and PD)VOH = VDD – 0.5 V
–1.6
mA
Output Current Low (Excluding Tx and PD)VOL = 0.4V
1.6
mA
Tx Output High Current
VOH = 2.5 V
VOH = VDD – 0.5 V
–3.4
–2.5
mA
Tx Output Low Current
VOL = 0.4 V
VOL = 0.8 V
2.5
3.5
mA
PD Output High Current — Slave Mode*
VOH = 2.5 V
VOH = VDD – 0.5 V
–90
–10
µA
PD Output Low Current — Slave Mode*
VOL = 0.8 V
VOL = 0.4 V
100
60
µA
Tx, SDO1, SDO2, and VD Three-State Current
±10.0
µA
XTAL Output High Current
VOH = VDD – 0.5 V
–450
µA
XTAL Output Low Current
VOL = 0.4 V
450
µA
ANALOG CHARACTERISTICS (VDD = 5 V ±10%, TA = –40° to 85°C)
Parameter
Min
Max
Unit
Modulation Differential Amplitude (RL = 440
Ω)
LO1 to LO2
4.5
6.0
Vp-p
Modulation Differential Offset
0
40
mV
Vref Voltage, Typically 9/20 x (VDD – VSS)2.0
2.5
V
PCM Tone Level
–22
–18
dBm
Demodulator Input Amplitude*
0.05
2.5
Vpeak
Demodulator Input Impedance (LI to Vref)
50
300
k
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


同様の部品番号 - MC145423E

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
MC145423EVK NXP-MC145423EVK Datasheet
759Kb / 40P
   Universal Digital Loop Transceiver (UDLT-3) Evaluation Module
Rev. 3, 2/2002
More results

同様の説明 - MC145423E

メーカー部品番号データシート部品情報
logo
Motorola, Inc
MC145422 MOTOROLA-MC145422 Datasheet
264Kb / 20P
   UNIVERSAL DIGITAL-LOOP TRANSCEIVER(UDLT)
logo
NXP Semiconductors
MC145423EVK NXP-MC145423EVK Datasheet
759Kb / 40P
   Universal Digital Loop Transceiver (UDLT-3) Evaluation Module
Rev. 3, 2/2002
logo
Motorola, Inc
MC145421 MOTOROLA-MC145421 Datasheet
271Kb / 16P
   ISDN Universal Digital Loop Transceivers II
logo
Filtran LTD
7431 FILTRAN-7431 Datasheet
107Kb / 1P
   UDLT-3 Input/Output Transformer
logo
Renesas Technology Corp
HSP50210 RENESAS-HSP50210 Datasheet
1Mb / 51P
   Digital Costas Loop
logo
NXP Semiconductors
74ALVCH16601 PHILIPS-74ALVCH16601 Datasheet
86Kb / 12P
   18-bit universal bus transceiver 3-State
1998 Sep 24
74ALVT16601 PHILIPS-74ALVT16601 Datasheet
96Kb / 14P
   18-bit universal bus transceiver 3-State
1998 Feb 13
74ALVCH16600 PHILIPS-74ALVCH16600_15 Datasheet
93Kb / 14P
   18-bit universal bus transceiver (3-State)
1998 Sep 24
logo
Nexperia B.V. All right...
74ALVCH16501 NEXPERIA-74ALVCH16501 Datasheet
253Kb / 15P
   18-bit universal bus transceiver; 3-state
Rev. 7 - 24 November 2021
74ALVT16601 NEXPERIA-74ALVT16601 Datasheet
233Kb / 21P
   18-bit universal bus transceiver; 3-state
Rev. 03 - 5 July 2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com