データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

KM62U256DLTGI-8L データシート(PDF) 3 Page - Samsung semiconductor

部品番号 KM62U256DLTGI-8L
部品情報  32Kx8 bit Low Power and Low Voltage CMOS Static RAM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SAMSUNG [Samsung semiconductor]
ホームページ  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KM62U256DLTGI-8L データシート(HTML) 3 Page - Samsung semiconductor

  KM62U256DLTGI-8L Datasheet HTML 1Page - Samsung semiconductor KM62U256DLTGI-8L Datasheet HTML 2Page - Samsung semiconductor KM62U256DLTGI-8L Datasheet HTML 3Page - Samsung semiconductor KM62U256DLTGI-8L Datasheet HTML 4Page - Samsung semiconductor KM62U256DLTGI-8L Datasheet HTML 5Page - Samsung semiconductor KM62U256DLTGI-8L Datasheet HTML 6Page - Samsung semiconductor KM62U256DLTGI-8L Datasheet HTML 7Page - Samsung semiconductor KM62U256DLTGI-8L Datasheet HTML 8Page - Samsung semiconductor KM62U256DLTGI-8L Datasheet HTML 9Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
KM62V256D, KM62U256D Family
CMOS SRAM
Revision 1.0
November 1997
3
PRODUCT LIST
Commercial Temperature Products
(0~70
°C)
Extended Temperature Products
(-25~85
°C)
Industrial Temperature Products
(-40~85
°C)
Part Name
Function
Part Name
Function
Part Name
Function
KM62V256DLG-7L
KM62V256DLTG-7L
KM62V256DLTG-10L
KM62V256DLRG-7L
KM62V256DLRG-10L
KM62U256DLG-7L
KM62U256DLG-8L
KM62U256DLG-10L
KM62U256DLTG-7L
KM62U256DLTG-8L
KM62U256DLTG-10L
KM62U256DLRG-7L
KM62U256DLRG-8L
KM62U256DLRG-10L
28-SOP, 70ns, 3.3V
28-TSOP F, 70ns, 3.3V
28-TSOP F, 100ns, 3.3V
28-TSOP R, 70ns, 3.3V
28-TSOP R, 100ns, 3.3V
28-SOP, 70ns, 3.0V
28-SOP, 85ns, 3.0V
28-SOP, 100ns, 3.0V
28-TSOP F, 70ns, 3.0V
28-TSOP F, 85ns, 3.0V
28-TSOP F, 100ns, 3.0V
28-TSOP R, 70ns, 3.0V
28-TSOP R, 85ns, 3.0V
28-TSOP R, 100ns, 3.0V
KM62V256DLGE-7L
KM62V256DLTGE-7L
KM62V256DLTGE-10L
KM62V256DLRGE-7L
KM62V256DLRGE-10L
KM62U256DLGE-7L
KM62U256DLGE-8L
KM62U256DLGE-10L
KM62U256DLTGE-7L
KM62U256DLTGE-8L
KM62U256DLTGE-10L
KM62U256DLRGE-7L
KM62U256DLRGE-8L
KM62U256DLRGE-10L
28-SOP, 70ns, 3.3V
28-TSOP F, 70ns, 3.3V
28-TSOP F, 100ns, 3.3V
28-TSOP R, 70ns, 3.3V
28-TSOP R, 100ns, 3.3V
28-SOP, 70ns, 3.0V
28-SOP, 85ns, 3.0V
28-SOP, 100ns, 3.0V
28-TSOP F, 70ns, 3.0V
28-TSOP F, 85ns, 3.0V
28-TSOP F, 100ns, 3.0V
28-TSOP R, 70ns, 3.0V
28-TSOP R, 85ns, 3.0V
28-TSOP R, 100ns, 3.0V
KM62V256DLGI-7L
KM62V256DLTGI-7L
KM62V256DLTGI-10L
KM62V256DLRGI-7L
KM62V256DLRGI-10L
KM62U256DLGI-7L
KM62U256DLGI-8L
KM62U256DLGI-10L
KM62U256DLTGI-7L
KM62U256DLTGI-8L
KM62U256DLTGI-10L
KM62U256DLRGI-7L
KM62U256DLRGI-8L
KM62U256DLRGI-10L
28-SOP, 70ns, 3.3V
28-TSOP F, 70ns, 3.3V
28-TSOP F, 100ns, 3.3V
28-TSOP R, 70ns, 3.3V
28-TSOP R, 100ns, 3.3V
28-SOP, 70ns, 3.0V
28-SOP, 85ns, 3.0V
28-SOP, 100ns, 3.0V
28-TSOP F, 70ns, 3.0V
28-TSOP F, 85ns, 3.0V
28-TSOP F, 100ns, 3.0V
28-TSOP R, 70ns, 3.0V
28-TSOP R, 85ns, 3.0V
28-TSOP R, 100ns, 3.0V
FUNCTIONAL DESCRIPTION
1. X means don
′t care (Must be in high or low states)
CS
OE
WE
I/O
Mode
Power
H
X1)
X1)
High-Z
Deselected
Standby
L
H
H
High-Z
Output Disabled
Active
L
L
H
Dout
Read
Active
L
X1)
L
Din
Write
Active
ABSOLUTE MAXIMUM RATINGS1)
1. Stresses greater than those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. Functional operation should be
restricted to recommended operating condition. Exposure to absolute maximum rating conditions for extended periods may affect reliability.
Item
Symbol
Ratings
Unit
Remark
Voltage on any pin relative to Vss
VIN,VOUT
-0.5 to VCC+0.5
V
-
Voltage on Vcc supply relative to Vss
VCC
-0.5 to 4.6
V
-
Power Dissipation
PD
1.0
W
-
Storage temperature
TSTG
-65 to 150
°C
-
Operating Temperature
TA
0 to 70
°C
KM62V256DL, KM62U256DL
-25 to 85
°C
KM62V256DLE, KM62U256DLE
-40 to 85
°C
KM62V256DLI, KM62U256DLI
Soldering temperature and time
TSOLDER
260
°C, 10sec (Lead Only)
-
-


同様の部品番号 - KM62U256DLTGI-8L

メーカー部品番号データシート部品情報
logo
Samsung semiconductor
KM62U256CLG-10L SAMSUNG-KM62U256CLG-10L Datasheet
90Kb / 12P
   32Kx8 bit Low Power AND Low Vcc CMOS Static RAM
KM62U256CLG-8L SAMSUNG-KM62U256CLG-8L Datasheet
90Kb / 12P
   32Kx8 bit Low Power AND Low Vcc CMOS Static RAM
KM62U256CLRG-10L SAMSUNG-KM62U256CLRG-10L Datasheet
90Kb / 12P
   32Kx8 bit Low Power AND Low Vcc CMOS Static RAM
KM62U256CLRG-8L SAMSUNG-KM62U256CLRG-8L Datasheet
90Kb / 12P
   32Kx8 bit Low Power AND Low Vcc CMOS Static RAM
KM62U256CLTG-10L SAMSUNG-KM62U256CLTG-10L Datasheet
90Kb / 12P
   32Kx8 bit Low Power AND Low Vcc CMOS Static RAM
More results

同様の説明 - KM62U256DLTGI-8L

メーカー部品番号データシート部品情報
logo
Samsung semiconductor
K6X0808T1D SAMSUNG-K6X0808T1D Datasheet
153Kb / 9P
   32Kx8 bit Low Power CMOS Static RAM
K6T0808C1D SAMSUNG-K6T0808C1D Datasheet
170Kb / 9P
   32Kx8 bit Low Power CMOS Static RAM
KM62256D SAMSUNG-KM62256D Datasheet
170Kb / 9P
   32Kx8 bit Low Power CMOS Static RAM
K6X0808C1D SAMSUNG-K6X0808C1D Datasheet
166Kb / 9P
   32Kx8 bit Low Power CMOS Static RAM
KM62256C SAMSUNG-KM62256C Datasheet
158Kb / 9P
   32Kx8 bit Low Power CMOS Static RAM
KM62256CL SAMSUNG-KM62256CL Datasheet
162Kb / 10P
   32Kx8 bit Low Power CMOS Static RAM
KM62V256C SAMSUNG-KM62V256C Datasheet
90Kb / 12P
   32Kx8 bit Low Power AND Low Vcc CMOS Static RAM
logo
NanoAmp Solutions, Inc.
ES62UL256 NANOAMP-ES62UL256 Datasheet
57Kb / 6P
   32Kx8 Bit Ultra-Low Power Asynchronous Static RAM
logo
Samsung semiconductor
K6X4016T3F SAMSUNG-K6X4016T3F Datasheet
138Kb / 9P
   256Kx16 bit Low Power and Low Voltage CMOS Static RAM
K6T2008V2A SAMSUNG-K6T2008V2A Datasheet
194Kb / 10P
   256Kx8 bit Low Power and Low Voltage CMOS Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com