データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LC75838W データシート(PDF) 11 Page - Sanyo Semicon Device

部品番号 LC75838W
部品情報  1/8 to 1/10 Duty General-Purpose LCD Display Drivers
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SANYO [Sanyo Semicon Device]
ホームページ  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC75838W データシート(HTML) 11 Page - Sanyo Semicon Device

Back Button LC75838W Datasheet HTML 7Page - Sanyo Semicon Device LC75838W Datasheet HTML 8Page - Sanyo Semicon Device LC75838W Datasheet HTML 9Page - Sanyo Semicon Device LC75838W Datasheet HTML 10Page - Sanyo Semicon Device LC75838W Datasheet HTML 11Page - Sanyo Semicon Device LC75838W Datasheet HTML 12Page - Sanyo Semicon Device LC75838W Datasheet HTML 13Page - Sanyo Semicon Device LC75838W Datasheet HTML 14Page - Sanyo Semicon Device LC75838W Datasheet HTML 15Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
No. 6902-11/32
LC75838E, 75838W
y When CL is stopped at the high level
• When the display data is transferred.
Note: B0 to B3, A0 to A3 ...... CCB address
DD ................................ Direction data
• CCB address: ...... 4DH
• D1 to D351: ........ Display data
• PC1 to PC3: ........ General-purpose output port state setting data
• CT0 to CT3, CTC: Display contrast setting data
• SC: ...................... Segment on/off control data
• BU: ...................... Normal mode/power saving mode control data
• DT1, DT2: ............ Display technique setting data
CE
CL
DI
1
0
1
0
0
0
1
D1
D65 D66 D67 D68 D69 D70 D71 D72 D73 D74 D75 D76 D77 D78 D79 D80 D81 D82 D83 D84 D85 D86 D87 D88 D89 D90
0
0
0
0
0
0
D2
1
1
B0 B1
B0
A0
CCB
address
8 bits
Display
data
90 bits
Fixed
data
3 bits
DD
3 bits
A1
A3
B2 B3
A2
0
1
0
0
0
1
D91
D155 D156 D157 D158 D159 D160 D161 D162 D163 D164 D165 D166 D167 D168 D169 D170 D171 D172 D173 D174 D175 D176 D177 D178 D179 D180
0
0
0
0
0
1
D92
1
1
B1
B0
A0
CCB
address
8 bits
Display
data
90 bits
Fixed
data
3 bits
DD
3 bits
A1
A3
B2 B3
A2
0
1
0
0
0
1
D181
D245 D246 D247 D248 D249 D250 D251 D252 D253 D254 D255 D256 D257 D258 D259 D260 D261 D262 D263 D264 D265 D266 D267 D268 D269 D270
0
0
0
0
1
0
D182
1
1
B1
A0
CCB
address
8 bits
Display
data
90 bits
Fixed
data
3 bits
DD
3 bits
0
0
0
0
1
D271
D335 D336 D337 D338 D339 D340 D341 D342 D343 D344 D345 D346 D347 D348 D349 D350 D351
0
0
0
0
0
0
0
0
0
0
0
0
0
1
1
D272
1
1
CCB
address
8 bits
Display
data
81 bits
Fixed
data
12 bits
DD
3 bits
A1
A3
B2 B3
A2
B0 B1
A0 A1
A3
B2 B3
A2
• When the control data is transferred.
CE
CL
DI
1
0
0
0
0
PC1 PC2 PC3 CT0 CT1 CT2 CT3 CTC SC
BU DT1 DT2
0
1
0
0
1
1
1
CCB
address
8 bits
Control
data
13 bits
DD
3 bits
B0 B1
A0 A1
A3
B2 B3
A2


同様の部品番号 - LC75838W

メーカー部品番号データシート部品情報
logo
ON Semiconductor
LC75838W ONSEMI-LC75838W Datasheet
214Kb / 36P
   Duty General-Purpose LCD Driver
January 2015 - Rev. 0
More results

同様の説明 - LC75838W

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LC75878E SANYO-LC75878E Datasheet
669Kb / 33P
   1/8 to 1/10 Duty General-Purpose LCD Display Drivers
LC75833E SANYO-LC75833E Datasheet
137Kb / 19P
   1/3 Duty General-Purpose LCD Display Drivers
LC75833E-E SANYO-LC75833E-E Datasheet
142Kb / 19P
   1/3 Duty General-Purpose LCD Display Drivers
LC75810E SANYO-LC75810E Datasheet
981Kb / 54P
   1/8 to 1/10 Duty Dot Matrix LCD Display Controllers/Drivers
logo
ON Semiconductor
LC75810T-8725-E ONSEMI-LC75810T-8725-E Datasheet
1Mb / 54P
   1/8 to 1/10 Duty Dot Matrix LCD Display Controllers/Drivers
July, 2013
LC75818PT ONSEMI-LC75818PT Datasheet
452Kb / 43P
   1/8 to 1/10 Duty Dot Matrix LCD Display Controllers/Drivers
July, 2013
logo
Sanyo Semicon Device
LC75808E SANYO-LC75808E Datasheet
981Kb / 39P
   1/8 to 1/10 Duty LCD Display Drivers with Key Input Function
LC75834E SANYO-LC75834E Datasheet
344Kb / 18P
   1/4 Duty General-Purpose LCD Drivers
LC75850E SANYO-LC75850E Datasheet
199Kb / 11P
   1/3 Duty General Purpose LCD Drivers???
LC75823E SANYO-LC75823E Datasheet
229Kb / 12P
   1/3 Duty General-Purpose LCD Drivers?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com