データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

NJL6201R-1 データシート(PDF) 1 Page - New Japan Radio

部品番号 NJL6201R-1
部品情報  HIGH SPEED PIN PHOTO DIODE
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NJRC [New Japan Radio]
ホームページ  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJL6201R-1 データシート(HTML) 1 Page - New Japan Radio

  NJL6201R-1 Datasheet HTML 1Page - New Japan Radio NJL6201R-1 Datasheet HTML 2Page - New Japan Radio NJL6201R-1 Datasheet HTML 3Page - New Japan Radio NJL6201R-1 Datasheet HTML 4Page - New Japan Radio NJL6201R-1 Datasheet HTML 5Page - New Japan Radio NJL6201R-1 Datasheet HTML 6Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
NJL6201R-1
-1-
Ver.2005-01-20
Active area: 0.7X0.7mm
0.5 ±0.15
1.16 ±0.15
1.8 ±0.15
1.0
0.3
1.0
(2 ×
) R
0.3
ACTIVE AREA
0.9 ±0.15
HIGH SPEED PIN PHOTO DIODE
GENERAL DESCRIPTION
OUTLINE (typ.) Unit : mm
The NJL6201R-1 is the high speed PIN photo-diode
that attained the short tail performance and the fast
response (tr/tf) required of the laser diode power
monitor of optical storage devices.
FEATURES
• Short tail performance
• Fast rise-time/fall-time
5ns at1-99%, VR=2.5V,
λ=780nm/650nm
• High speed
300MHz at
λ=780nm
300MHz at
λ=650nm
• Miniature, thin type
1.8mmX3.6mmX1.16mm
APPLICATIONS
• Front laser power monitor for CD-R/RW, DVD+/-R/RW/-RAM, recordable MD
etc.
ABSOLUTE MAXIMUM RATINGS (Ta=25°C)
PARAMETER
SYMBOL
RATINGS
UNIT
Reverse Voltage
Operating Temperature
Storage Temperature
Reflow Soldering Temperature
VR
Topr
Tstg
Tsol
35
-30 to +85
-40 to +100
260
V
°C
°C
°C
ELECTRO-OPTICAL CHARACTERISTICS (Ta=25°C)
PARAMETER
SYMBOL
TEST CONDITION
MIN
TYP
MAX
UNIT
Dark Current
Forward Voltage
Capacitance
Peak Wavelength
Sensitivity
Rise time/Fall time
Cut off Frequency
ID
VF
Ct
λP
S
tr/tf
fc
VR=10V
IF=1mA
VR=2.5V, f=1MHz
VR=2.5V,
λ=780nm
VR=2.5V,
λ=650nm
VR=2.5V,
λ=780nm, 1-99%
VR=2.5V,
λ=650nm, 1-99%
VR=2.5V,
λ=780nm, RL=50Ω, -3dB
VR=2.5V,
λ=650nm, RL=50Ω, -3dB
0.38
0.32
0.1
8
800
0.47
0.37
5
5
300
300
2.0
1.0
nA
V
pF
nm
A/W
A/W
ns
ns
MHz
MHz
anode
cathode


同様の部品番号 - NJL6201R-1

メーカー部品番号データシート部品情報
logo
New Japan Radio
NJL62H000 NJRC-NJL62H000 Datasheet
221Kb / 6P
   IFRARED REMOTE CONTROL RECEIVER
NJL62H000A NJRC-NJL62H000A Datasheet
223Kb / 6P
   INFRARED REMOTE CONTROL RECEIVER
NJL62H300 NJRC-NJL62H300 Datasheet
221Kb / 6P
   IFRARED REMOTE CONTROL RECEIVER
NJL62H328 NJRC-NJL62H328 Datasheet
221Kb / 6P
   IFRARED REMOTE CONTROL RECEIVER
NJL62H360 NJRC-NJL62H360 Datasheet
221Kb / 6P
   IFRARED REMOTE CONTROL RECEIVER
More results

同様の説明 - NJL6201R-1

メーカー部品番号データシート部品情報
logo
New Japan Radio
NJL6165R-1 NJRC-NJL6165R-1 Datasheet
189Kb / 6P
   HIGH SPEED PIN PHOTO DIODE
NJL6163R NJRC-NJL6163R Datasheet
80Kb / 6P
   HIGH SPEED PIN PHOTO DIODE
NJL6167R-1 NJRC-NJL6167R-1 Datasheet
189Kb / 6P
   HIGH SPEED PIN PHOTO DIODE
NJL6163R-1 NJRC-NJL6163R-1 Datasheet
188Kb / 6P
   HIGH SPEED PIN PHOTO DIODE
logo
List of Unclassifed Man...
OP58TS ETC1-OP58TS Datasheet
74Kb / 6P
   High speed, high output pin photo diode
logo
Marktech Corporate
MTD5010M MARKTECH-MTD5010M Datasheet
168Kb / 2P
   Ultra High Speed Photo Diode
logo
New Japan Radio
NJL6401R-3 NJRC-NJL6401R-3 Datasheet
248Kb / 7P
   COBP High Speed Photo Diode
logo
NEC
PS2041 NEC-PS2041 Datasheet
107Kb / 4P
   HIGH SPEED 6 PIN PHOTO COUPLER
logo
Micro Electronics
ML308 MICRO-ELECTRONICS-ML308 Datasheet
79Kb / 2P
   PIN PHOTO DIODE
ML303B MICRO-ELECTRONICS-ML303B Datasheet
101Kb / 2P
   PIN PHOTO DIODE
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com