データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TPA5051RSARG4 データシート(PDF) 4 Page - Texas Instruments

部品番号 TPA5051RSARG4
部品情報  FOUR CHANNEL DIGITAL AUDIO LIP-SYNC DELAY WITH I2C CONTROL
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

TPA5051RSARG4 データシート(HTML) 4 Page - Texas Instruments

  TPA5051RSARG4 Datasheet HTML 1Page - Texas Instruments TPA5051RSARG4 Datasheet HTML 2Page - Texas Instruments TPA5051RSARG4 Datasheet HTML 3Page - Texas Instruments TPA5051RSARG4 Datasheet HTML 4Page - Texas Instruments TPA5051RSARG4 Datasheet HTML 5Page - Texas Instruments TPA5051RSARG4 Datasheet HTML 6Page - Texas Instruments TPA5051RSARG4 Datasheet HTML 7Page - Texas Instruments TPA5051RSARG4 Datasheet HTML 8Page - Texas Instruments TPA5051RSARG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
www.ti.com
DC CHARACTERISTICS
TIMING CHARACTERISTICS
(1) (2)
SCL
SDA
tw(H)
tw(L)
tsu1
th1
SCL
SDA
th2
t(buf)
tsu2
tsu3
StartCondition
StopCondition
TPA5051
SLOS497A – JUNE 2006 – REVISED JULY 2006
T
A = 25°C, VDD = 3 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
IDD
Supply current
VDD = 3.3 V, fs = 48 kHz, BCLK = 32 × fs
1.8
3
mA
IOH
High-level output current
DATA_OUT1 = DATA_OUT2 = 2.6 V
5
13
mA
IOL
Low-level output current
DATA_OUT1 = DATA_OUT2 = 0.4 V
5
13
mA
DATA1, DATA2, LRCLK1, LRCLK2, BCLK1, BCLK2, SCL,
20
µA
SDA, Vi = 5.5V, VDD = 3V
IIH
High-level input current
ADD[2:0], Vi = 3.6V, VDD = 3.6V
5
µA
DATA1, DATA2, LRCLK1, LRCLK2, BCLK1, BCLK2, SCL,
µA
IIL
Low-level input current
1
SDA, ADD[2:0], Vi = 0V, VDD = 3.6V
For I2C Interface Signals Over Recommended Operating Conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
fSCL
Frequency, SCL
No wait states
400
kHz
tw(H)
Pulse duration, SCL high
0.6
µs
tw(L)
Pulse duration, SCL low
1.3
µs
tsu1
Setup time, SDA to SCL
100
ns
th1
Hold time, SCL to SDA
10
ns
t(buf)
Bus free time between stop and start condition
1.3
µs
tsu2
Setup time, SCL to start condition
0.6
µs
th2
Hold time, start condition to SCL
0.6
µs
tsu3
Setup time, SCL to stop condition
0.6
µs
(1)
VPull-up = VDD
(2)
A pull-up resistor
≤2 kΩ is required for a 5 V I2C bus voltage.
Figure 1. SCL and SDA Timing
Figure 2. Start and Stop Conditions Timing
4
Submit Documentation Feedback


同様の部品番号 - TPA5051RSARG4

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPA5051RSARG4 TI-TPA5051RSARG4 Datasheet
794Kb / 21P
[Old version datasheet]   FOUR CHANNEL DIGITAL AUDIO LIP-SYNC DELAY WITH I2C CONTROL
More results

同様の説明 - TPA5051RSARG4

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPA5051 TI-TPA5051_07 Datasheet
794Kb / 21P
[Old version datasheet]   FOUR CHANNEL DIGITAL AUDIO LIP-SYNC DELAY WITH I2C CONTROL
TPA5050 TI-TPA5050_07 Datasheet
859Kb / 21P
[Old version datasheet]   STEREO DIGITAL AUDIO LIP-SYNC DELAY WITH I2C CONTROL
TPA5050 TI-TPA5050 Datasheet
486Kb / 17P
[Old version datasheet]   STEREO DIGITAL AUDIO LIP-SYNC DELAY WITH I2C CONTROL
TPA5050 TI-TPA5050_08 Datasheet
888Kb / 21P
[Old version datasheet]   STEREO DIGITAL AUDIO LIP-SYNC DELAY WITH I2C CONTROL
TPA5052 TI-TPA5052 Datasheet
261Kb / 10P
[Old version datasheet]   STEREO DIGITAL AUDIO LIP-SYNC DELAY
logo
Nippon Precision Circui...
SM5921A NPC-SM5921A Datasheet
152Kb / 27P
   8-channel Lip Sync Delay
logo
Renesas Technology Corp
R2S15901SP RENESAS-R2S15901SP Datasheet
200Kb / 8P
   Digital Delay IC for Lip Sync
logo
Sanyo Semicon Device
LC75051E SANYO-LC75051E Datasheet
82Kb / 9P
   CMOS IC Lip-Sync Enabling Audio DSP
logo
New Japan Radio
NJU26901 NJRC-NJU26901 Datasheet
106Kb / 8P
   Digital Audio Delay
NJU26904 NJRC-NJU26904 Datasheet
208Kb / 18P
   Digital Audio Delay
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com