データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TPA5051RSAT データシート(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
部品番号 TPA5051RSAT
部品情報  FOUR CHANNEL DIGITAL AUDIO LIP-SYNC DELAY WITH I2C CONTROL
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

TPA5051RSAT データシート(HTML) 3 Page - Texas Instruments

  TPA5051RSAT Datasheet HTML 1Page - Texas Instruments TPA5051RSAT Datasheet HTML 2Page - Texas Instruments TPA5051RSAT Datasheet HTML 3Page - Texas Instruments TPA5051RSAT Datasheet HTML 4Page - Texas Instruments TPA5051RSAT Datasheet HTML 5Page - Texas Instruments TPA5051RSAT Datasheet HTML 6Page - Texas Instruments TPA5051RSAT Datasheet HTML 7Page - Texas Instruments TPA5051RSAT Datasheet HTML 8Page - Texas Instruments TPA5051RSAT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
www.ti.com
FUNCTIONAL BLOCK DIAGRAM
DATA1
BCLK1
LRCLK1
INPUT
BUFFER
OUTPUT
BUFFER
DATA_OUT1
CONTROL
2
3
I C
2
ADDx(2:0)
DELAY
MEMORY
DELAY
MEMORY
DATA2
BCLK2
LRCLK2
DATA_OUT2
ABSOLUTE MAXIMUM RATINGS
DISSIPATION RATINGS
(1)
RECOMMENDED OPERATING CONDITIONS
TPA5051
SLOS497A – JUNE 2006 – REVISED JULY 2006
over operating free-air temperature (unless otherwise noted) (1)
VALUE
UNIT
VDD
Supply voltage
–0.3 to 3.6
V
VI
Input voltage
DATA, LRCLK, BCLK, SCL, SDA, ADD[2:0]
–0.3 to 5.5
V
Continuous total power dissipation
See Dissipation Rating Table
TA
Operating free-air temperature range
–40 to 85
°C
TJ
Operating junction temperature range
–40 to 125
°C
Tstg
Storage temperature range
–65 to 125
°C
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds
260
°C
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operations of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
PACKAGE
TA≤ 25°C
DERATING
TA = 70°C
TA = 85°C
POWER RATING
FACTOR
POWER RATING
POWER RATING
RSA
2.5 W
25 mW/
°C
1.375 W
1.0 W
(1)
This data was taken using 1 oz trace copper and copper pad that is soldered directly to a JEDEC standard high-k PCB. The thermal pad
must be soldered to a thermal land on the printed-circuit board. See TI technical briefs SCBA01D and SLUA271 for more information
about using the QFN thermal pad.
MIN
MAX
UNIT
VDD
Supply voltage
VDD
3
3.6
V
VIH
High-level input voltage
DATA1, DATA2, LRCLK1, LRCLK2, BCLK1, BCLK2, SCL, SDA,
2
V
ADD[2:0]
VIL
Low-level input voltage
DATA1, DATA2, LRCLK1, LRCLK2, BCLK1, BCLK2, SCL, SDA,
0.8
V
ADD[2:0]
TA
Operating free-air temperature
–40
85
°C
3
Submit Documentation Feedback


同様の部品番号 - TPA5051RSAT

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPA5051RSAT TI-TPA5051RSAT Datasheet
794Kb / 21P
[Old version datasheet]   FOUR CHANNEL DIGITAL AUDIO LIP-SYNC DELAY WITH I2C CONTROL
TPA5051RSATG4 TI-TPA5051RSATG4 Datasheet
794Kb / 21P
[Old version datasheet]   FOUR CHANNEL DIGITAL AUDIO LIP-SYNC DELAY WITH I2C CONTROL
More results

同様の説明 - TPA5051RSAT

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPA5051 TI-TPA5051_07 Datasheet
794Kb / 21P
[Old version datasheet]   FOUR CHANNEL DIGITAL AUDIO LIP-SYNC DELAY WITH I2C CONTROL
TPA5050 TI-TPA5050_07 Datasheet
859Kb / 21P
[Old version datasheet]   STEREO DIGITAL AUDIO LIP-SYNC DELAY WITH I2C CONTROL
TPA5050 TI-TPA5050 Datasheet
486Kb / 17P
[Old version datasheet]   STEREO DIGITAL AUDIO LIP-SYNC DELAY WITH I2C CONTROL
TPA5050 TI-TPA5050_08 Datasheet
888Kb / 21P
[Old version datasheet]   STEREO DIGITAL AUDIO LIP-SYNC DELAY WITH I2C CONTROL
TPA5052 TI-TPA5052 Datasheet
261Kb / 10P
[Old version datasheet]   STEREO DIGITAL AUDIO LIP-SYNC DELAY
logo
Nippon Precision Circui...
SM5921A NPC-SM5921A Datasheet
152Kb / 27P
   8-channel Lip Sync Delay
logo
Renesas Technology Corp
R2S15901SP RENESAS-R2S15901SP Datasheet
200Kb / 8P
   Digital Delay IC for Lip Sync
logo
Sanyo Semicon Device
LC75051E SANYO-LC75051E Datasheet
82Kb / 9P
   CMOS IC Lip-Sync Enabling Audio DSP
logo
New Japan Radio
NJU26901 NJRC-NJU26901 Datasheet
106Kb / 8P
   Digital Audio Delay
NJU26904 NJRC-NJU26904 Datasheet
208Kb / 18P
   Digital Audio Delay
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com