データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CDB44L11 データシート(PDF) 5 Page - Cirrus Logic

部品番号 CDB44L11
部品情報  Evaluation Board for the CS44L11
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CIRRUS [Cirrus Logic]
ホームページ  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CDB44L11 データシート(HTML) 5 Page - Cirrus Logic

  CDB44L11 Datasheet HTML 1Page - Cirrus Logic CDB44L11 Datasheet HTML 2Page - Cirrus Logic CDB44L11 Datasheet HTML 3Page - Cirrus Logic CDB44L11 Datasheet HTML 4Page - Cirrus Logic CDB44L11 Datasheet HTML 5Page - Cirrus Logic CDB44L11 Datasheet HTML 6Page - Cirrus Logic CDB44L11 Datasheet HTML 7Page - Cirrus Logic CDB44L11 Datasheet HTML 8Page - Cirrus Logic CDB44L11 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
CDB44L11
DS640DB1
5
switching current. In most designs this may be omitted due to other system components loading
the supply line and dissipating the current. The resistive load is only used to simulate a circuit
load.
In the CS44L11, the output MOSFETs directly switch between ground and VA_HP, therefore the
performance of the audio output from the amplifier is adversely affected any disturbance on the
power rails. To get the best performance power supply characteristics and power supply de-cou-
pling are critical.
Dynamic Range will be affected by switching noise. To reduce switching noise large value power
supply bypass capacitors must be used. This circuit uses a 0.1 µF and 1.0 µF ceramic capacitor
as well as a 100 µF low ESR tantalum capacitor between the VA_HP supply rail and ground. Op-
timally these should be placed as close to the CS44L11 pins 12 and 13 as possible. If a DC-DC
converter is used in the system its switching frequency should be locked to the CS44L11 PWM
switching frequency to reduce switching noise.
Power supply source impedance has a direct affect on the output distortion. A DC-DC converter
is a very low impedance source and will offer the best THD+N performance. Using a linear power
supply offers the next lowest impedance, while running directly from batteries to the VA_HP pins
offers the highest impedance and therefore the highest distortion.
A 47 µH inductor (L1) is used on the digital power supply of the CS44L11 to suppress noise. This
may be omitted if system noise is not an issue in your design.


同様の部品番号 - CDB44L11

メーカー部品番号データシート部品情報
logo
Cirrus Logic
CDB44800 CIRRUS-CDB44800 Datasheet
254Kb / 11P
   Multi-Bit A/D for Class-D Real-Time PSR Feedback
CDB44800 CIRRUS-CDB44800 Datasheet
744Kb / 78P
   6-Channel Digital Amplifier Controller
CDB44800 CIRRUS-CDB44800 Datasheet
700Kb / 81P
   8-Channel Digital Amplifier Controller
CDB44800 CIRRUS-CDB44800 Datasheet
1Mb / 76P
   6-Channel Digital Amplifier Controller
CDB44800 CIRRUS-CDB44800 Datasheet
1Mb / 80P
   8-Channel Digital Amplifier Controller
More results

同様の説明 - CDB44L11

メーカー部品番号データシート部品情報
logo
Analog Devices
EVAL-ADP1720 AD-EVAL-ADP1720_15 Datasheet
264Kb / 8P
   Evaluation Board for the ADP1720
REV. 0
AD623-EVAL AD-AD623-EVAL Datasheet
287Kb / 4P
   Evaluation Board for the AD623
REV. 0
logo
Cirrus Logic
CDB4354 CIRRUS-CDB4354 Datasheet
724Kb / 11P
   Evaluation Board for the CS4354
CDB53L30 CIRRUS-CDB53L30 Datasheet
2Mb / 37P
   Evaluation Board for the CS53L30
logo
STMicroelectronics
UM0843 STMICROELECTRONICS-UM0843 Datasheet
871Kb / 48P
   EVALSPEAr310 - evaluation board for the SPEAr310
logo
Sames
PM9903BPE SAMES-PM9903BPE Datasheet
1Mb / 22P
   Evaluation Board for the SA9903B Energy
logo
Silicon Laboratories
SI3402BISO-EVB SILABS-SI3402BISO-EVB Datasheet
431Kb / 14P
   ISOLATED EVALUATION BOARD FOR THE Si3402B
logo
STMicroelectronics
UM0842 STMICROELECTRONICS-UM0842 Datasheet
810Kb / 50P
   EVALSPEAr320PLC evaluation board for the SPEAr320
STM32429I-EVAL STMICROELECTRONICS-STM32429I-EVAL Datasheet
204Kb / 3P
   Evaluation board for the STM32F429 line
September 2013 Rev 1
logo
Silicon Laboratories
SI3402ISO-EVB SILABS-SI3402ISO-EVB Datasheet
288Kb / 16P
   ISOLATED EVALUATION BOARD FOR THE Si3402
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com