データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CDB4344 データシート(PDF) 5 Page - Cirrus Logic

部品番号 CDB4344
部品情報  Evaluation Board for CS4344
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CIRRUS [Cirrus Logic]
ホームページ  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CDB4344 データシート(HTML) 5 Page - Cirrus Logic

  CDB4344 Datasheet HTML 1Page - Cirrus Logic CDB4344 Datasheet HTML 2Page - Cirrus Logic CDB4344 Datasheet HTML 3Page - Cirrus Logic CDB4344 Datasheet HTML 4Page - Cirrus Logic CDB4344 Datasheet HTML 5Page - Cirrus Logic CDB4344 Datasheet HTML 6Page - Cirrus Logic CDB4344 Datasheet HTML 7Page - Cirrus Logic CDB4344 Datasheet HTML 8Page - Cirrus Logic CDB4344 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
CDB4344
DS613DB2
5
Table 2. CDB4344 Jumper Settings
*Default Factory Settings.
7. ERRATA
CDB4344 Revision B.0
Switch S2 is oriented incorrectly on some boards (if open is away from binding posts) and thus
the 0 and 1 labels above and below are incorrect. Using closed for 0 and open for 1, the table
next to the switch will be correct.
JUMPER /
SWITCH
PURPOSE
POSITION
FUNCTION SELECTED
J4
Selects source of voltage
for the CS4344 VA supply
VA
+3.3V
*+5V
Voltage source is the +3.3V to +5V binding post
Voltage source is a +3.3V regulator
Voltage source is +5V binding post
J7
Provides contact points to
measure current
-
Measure voltage across these nodes and divide
result by 10 to get current in Amps
S1
Resets CS8416
The CS8416 must be reset if switch S2 is
changed
S2
Sets clock source
left
Sets clock source for CS4344 (open=J9, *closed
= CS8416)
Sets MCLK ratio of CS8416
right
Selects 128x (open) or 256x (*closed)
MCLK/LRCK ratio output for CS8416


同様の部品番号 - CDB4344

メーカー部品番号データシート部品情報
logo
Cirrus Logic
CDB4340 CIRRUS-CDB4340 Datasheet
835Kb / 28P
   24-Bit, 96 kHz Stereo DAC for Audio?
CDB4340 CIRRUS-CDB4340 Datasheet
766Kb / 25P
   24-Bit, 96 kHz Stereo DAC for Audio
CDB4340A CIRRUS-CDB4340A Datasheet
628Kb / 20P
   24-Bit, 192 kHz Stereo DAC for Audio?
CDB4340A CIRRUS-CDB4340A Datasheet
695Kb / 21P
   24-Bit, 192 kHz Stereo DAC for Audio
CDB4341 CIRRUS-CDB4341 Datasheet
923Kb / 36P
   24-Bit, 96 kHz Stereo DAC with Volume Control?
More results

同様の説明 - CDB4344

メーカー部品番号データシート部品情報
logo
Cirrus Logic
CDB5345 CIRRUS-CDB5345 Datasheet
1Mb / 27P
   Evaluation Board for CS5345
logo
STMicroelectronics
STR720-EVAL STMICROELECTRONICS-STR720-EVAL Datasheet
807Kb / 32P
   Evaluation Board for STR72xF
logo
Cirrus Logic
CDB5364 CIRRUS-CDB5364 Datasheet
1Mb / 24P
   Evaluation Board for CS5364
CDB3318 CIRRUS-CDB3318 Datasheet
1Mb / 16P
   Evaluation Board for CS3318
CDB4361 CIRRUS-CDB4361 Datasheet
1Mb / 26P
   Evaluation Board for CS4361
CDB4352 CIRRUS-CDB4352 Datasheet
823Kb / 21P
   Evaluation Board for CS4352
logo
Analog Devices
AD8250-EVALZ AD-AD8250-EVALZ_15 Datasheet
204Kb / 4P
   EVALUATION BOARD FOR G
REV. 0
AD8251-EVALZ AD-AD8251-EVALZ_15 Datasheet
197Kb / 4P
   Evaluation Board for G
REV. 0
logo
STMicroelectronics
STR910-EVAL STMICROELECTRONICS-STR910-EVAL Datasheet
89Kb / 3P
   Evaluation board for STR91xF
STR710-EVAL STMICROELECTRONICS-STR710-EVAL Datasheet
730Kb / 27P
   Evaluation Board for STR71xF
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com