データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ISL3685IR96 データシート(PDF) 10 Page - Intersil Corporation

部品番号 ISL3685IR96
部品情報  2.4GHz RF/IF Converter and Synthesizer
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL3685IR96 データシート(HTML) 10 Page - Intersil Corporation

Back Button ISL3685IR96 Datasheet HTML 6Page - Intersil Corporation ISL3685IR96 Datasheet HTML 7Page - Intersil Corporation ISL3685IR96 Datasheet HTML 8Page - Intersil Corporation ISL3685IR96 Datasheet HTML 9Page - Intersil Corporation ISL3685IR96 Datasheet HTML 10Page - Intersil Corporation ISL3685IR96 Datasheet HTML 11Page - Intersil Corporation ISL3685IR96 Datasheet HTML 12Page - Intersil Corporation ISL3685IR96 Datasheet HTML 13Page - Intersil Corporation ISL3685IR96 Datasheet HTML 14Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
10
R MX OUT-
TX MX IN-
LO GND
RX LO DRIVER VCC
LO IN-
TX_MX_OUT
LO VCC
LO IN+
TX LO DRIVER VCC
TX MX VCC2+
TX_MX_VCC2
L23
RX_MIX_IN
C25
220pF
C27
3.3pF
R36
0
C31
3.3pF
R9
0
C34
0.01
µF
A
C37
220pF
TX_MIX_OUT
R19
56
LOIN
TXMXO
2
3
R20
3.48K
U5
4
OUT
IN
MAX8867
SHDN
BP
GND
3
1
5
1.2NH
IF_IN/OUT
4
U4
OUT
IN
MAX8867
SHDN
BP
GND
3
1
5
C50
0.01
µF
C55
10pF
2
6
U3
3
5
A
UPC2745TB
C56
R33
82
10pF
R34
91
R35
82
1
U2
ENFVZ5F81
VCC
VCONT
RF
GROUNDS
45A 5B 5C 5D
EXT_VCO
+
VCC_IN
CLK
DATA
LE
GND
UP2
N/C
UP1
N/C
FILTERS VALUES (10kHz
DEFAULT)
BW
1kHz
10kHz
C43
0.068
µF 2700pF
C44
0.69
µF 0.027µF
R20
1.5k
3.48k
R21
649
1.74k
C45
0.01
µF
330pF
2
4
C57
0.1
µF
2
ISL3685 Evaluation Schematic Diagram (Continued)
TI
•4 •IF IO
33
32
31
30
29
28
27
26
25
24
23
ISL3685


同様の部品番号 - ISL3685IR96

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL3680 INTERSIL-ISL3680 Datasheet
44Kb / 1P
   Direct Conversion Transceiver
ISL3680IR INTERSIL-ISL3680IR Datasheet
44Kb / 1P
   Direct Conversion Transceiver
ISL3680IR-TK INTERSIL-ISL3680IR-TK Datasheet
44Kb / 1P
   Direct Conversion Transceiver
ISL3684 INTERSIL-ISL3684 Datasheet
19Kb / 1P
   Direct Down Conversion Transceiver
More results

同様の説明 - ISL3685IR96

メーカー部品番号データシート部品情報
logo
Intersil Corporation
HFA3683A INTERSIL-HFA3683A Datasheet
187Kb / 17P
   2.4GHz RF/IF Converter and Synthesizer
June 2000
logo
Infineon Technologies A...
PMB2347 INFINEON-PMB2347 Datasheet
578Kb / 35P
   RF/IF Double PLL Frequency Synthesizer
Version 1.1 August 1999
logo
RF Micro Devices
RF6001 RFMD-RF6001_1 Datasheet
1Mb / 70P
   FRACTIONAL-N RF SYNTHESIZER WITH MODULATOR AND DIGITAL IF FILTER
RF6001 RFMD-RF6001 Datasheet
35Kb / 2P
   FRACTIONAL-N RF SYNTHESIZER WITH MODULATOR AND DIGITAL IF FILTER
logo
Motorola, Inc
MC2800SYNEVK MOTOROLA-MC2800SYNEVK Datasheet
261Kb / 11P
   FLEX Paging RF/IF Frequency Synthesizer Receiver
logo
Infineon Technologies A...
PMB2349 INFINEON-PMB2349 Datasheet
670Kb / 35P
   Optimized RF/IF Dual PLL Frequency Synthesizer
Version 1.0 May 2000
logo
Micro Linear Corporatio...
ML2712 MICRO-LINEAR-ML2712 Datasheet
293Kb / 22P
   2.4GHz RF Transceiver
logo
Texas Instruments
TRF1121 TI-TRF1121 Datasheet
1Mb / 26P
[Old version datasheet]   Dual VCO/PLL Synthesizer With IF Up-Converter
logo
Maxim Integrated Produc...
MAX2820 MAXIM-MAX2820 Datasheet
392Kb / 23P
   2.4GHz 802.11b Zero-IF Transceivers
Rev 2; 11/03
MAX2821ETM MAXIM-MAX2821ETM Datasheet
605Kb / 26P
   2.4GHz 802.11b Zero-IF Transceivers
Rev 5; 5/05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com