データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM2576 データシート(PDF) 5 Page - Motorola, Inc

部品番号 LM2576
部品情報  Easy Switcher 3.0A Step-Down Voltage Regulator
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MOTOROLA [Motorola, Inc]
ホームページ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

LM2576 データシート(HTML) 5 Page - Motorola, Inc

  LM2576 Datasheet HTML 1Page - Motorola, Inc LM2576 Datasheet HTML 2Page - Motorola, Inc LM2576 Datasheet HTML 3Page - Motorola, Inc LM2576 Datasheet HTML 4Page - Motorola, Inc LM2576 Datasheet HTML 5Page - Motorola, Inc LM2576 Datasheet HTML 6Page - Motorola, Inc LM2576 Datasheet HTML 7Page - Motorola, Inc LM2576 Datasheet HTML 8Page - Motorola, Inc LM2576 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
LM2576
5
MOTOROLA ANALOG IC DEVICE DATA
40
TYPICAL PERFORMANCE CHARACTERISTICS (Circuit of Figure 15)
TJ, JUNCTION TEMPERATURE (°C)
TJ, JUNCTION TEMPERATURE (°C)
Vin, INPUT VOLTAGE (V)
Vin, INPUT VOLTAGE (V)
TJ, JUNCTION TEMPERATURE (°C)
Figure 2. Normalized Output Voltage
TJ, JUNCTION TEMPERATURE (°C)
Figure 3. Line Regulation
Figure 4. Dropout Voltage
Figure 5. Current Limit
Figure 6. Quiescent Current
Figure 7. Standby Quiescent Current
ILoad = 200 mA
ILoad = 3.0 A
Vin = 12 V
Vin = 40 V
L1 = 150
µH
Rind = 0.1 Ω
ILoad = 500 mA
ILoad = 3.0 A
Vout = 5.0 V
Measured at
Ground Pin
TJ = 25°C
VON/OFF = 5.0 V
1.0
0.6
0.2
0
–0.2
–0.4
–1.0
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
–0.2
–0.4
–0.6
2.0
1.5
1.0
0.5
0
6.5
6.0
5.5
5.0
4.5
4.0
20
18
16
14
12
10
8.0
6.0
4.0
200
180
160
140
120
100
80
60
20
0
125
100
75
50
25
0
–25
–50
40
35
30
25
20
15
10
5.0
0
125
100
75
50
25
0
–25
–50
125
100
75
50
25
0
–25
–50
40
35
30
25
20
15
10
5.0
0
125
100
75
50
25
0
–25
–50
–0.8
–0.6
0.4
0.8
Vin = 20 V
ILoad = 500 mA
Normalized at TJ = 25°C
ILoad = 500 mA
TJ = 25°C
3.3 V, 5.0 V and ADJ
12 V and 15 V
Vin = 25 V


同様の部品番号 - LM2576

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM2576 NSC-LM2576 Datasheet
639Kb / 24P
   SIMPLE SWITCHER 3A Step-Down Voltage Regulator
logo
HTC Korea TAEJIN Techno...
LM2576 HTC-LM2576 Datasheet
413Kb / 11P
   3A, 52kHz, Step-Down Switching Regulator
logo
ON Semiconductor
LM2576 ONSEMI-LM2576 Datasheet
417Kb / 26P
   EASY SWITCHER 3.0 A STEP.DOWN VOLTAGE REGULATOR
June, 2004 ??Rev. 5
logo
Texas Instruments
LM2576 TI1-LM2576 Datasheet
3Mb / 37P
[Old version datasheet]   LM2576/LM2576HV Series SIMPLE SWITCHER짰 3A Step-Down Voltage Regulator
logo
Semtech Corporation
LM2576 SEMTECH-LM2576 Datasheet
441Kb / 19P
   1A & 3A Miniconverter Switching Regulators
More results

同様の説明 - LM2576

メーカー部品番号データシート部品情報
logo
First Components Intern...
LM2576 FCI-LM2576 Datasheet
1,004Kb / 13P
   SMIPLE SWITCHER 3.0A Step-Down Voltage Regulator
logo
Texas Instruments
LMR10530 TI-LMR10530_15 Datasheet
1Mb / 31P
[Old version datasheet]   SIMPLE SWITCHER 5.5Vin, 3.0A Step-Down Voltage Regulator in WSON-10
logo
SeCoS Halbleitertechnol...
S5ELM2576 SECOS-S5ELM2576 Datasheet
967Kb / 8P
   Simple Switcher 3A Step-Down Voltage Regulator
logo
Cystech Electonics Corp...
PL2576-XXXF5 CYSTEKEC-PL2576-XXXF5 Datasheet
223Kb / 10P
   Simple Switcher 3A Step- Down Voltage Regulator
logo
National Semiconductor ...
LM1575 NSC-LM1575 Datasheet
725Kb / 27P
   SIMPLE SWITCHER 1A Step-Down Voltage Regulator
LM2574 NSC-LM2574 Datasheet
639Kb / 24P
   SIMPLE SWITCHER??0.5A Step-Down Voltage Regulator
LM2576 NSC-LM2576 Datasheet
639Kb / 24P
   SIMPLE SWITCHER 3A Step-Down Voltage Regulator
logo
List of Unclassifed Man...
AE2576 ETC-AE2576 Datasheet
569Kb / 11P
   SIMPLE SWITCHER 3A Step-Down Voltage Regulator
Jan.2010 V1.2
logo
National Semiconductor ...
LM2575EP NSC-LM2575EP Datasheet
1Mb / 26P
   SIMPLE SWITCHER 1A Step-Down Voltage Regulator
logo
Texas Instruments
LM2574 TI1-LM2574_16 Datasheet
3Mb / 38P
[Old version datasheet]   SIMPLE SWITCHER 0.5A Step-Down Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com