データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM2576T-15 データシート(PDF) 4 Page - Motorola, Inc

部品番号 LM2576T-15
部品情報  Easy Switcher 3.0A Step-Down Voltage Regulator
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MOTOROLA [Motorola, Inc]
ホームページ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

LM2576T-15 データシート(HTML) 4 Page - Motorola, Inc

  LM2576T-15 Datasheet HTML 1Page - Motorola, Inc LM2576T-15 Datasheet HTML 2Page - Motorola, Inc LM2576T-15 Datasheet HTML 3Page - Motorola, Inc LM2576T-15 Datasheet HTML 4Page - Motorola, Inc LM2576T-15 Datasheet HTML 5Page - Motorola, Inc LM2576T-15 Datasheet HTML 6Page - Motorola, Inc LM2576T-15 Datasheet HTML 7Page - Motorola, Inc LM2576T-15 Datasheet HTML 8Page - Motorola, Inc LM2576T-15 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
LM2576
4
MOTOROLA ANALOG IC DEVICE DATA
DEVICE PARAMETERS
ELECTRICAL CHARACTERISTICS (Unless otherwise specified, Vin = 12 V for the 3.3 V, 5.0 V, and Adjustable version, Vin = 25 V for
the 12 V version, and Vin = 30 V for the 15 V version. ILoad = 500 mA. For typical values TJ = 25°C, for min/max values TJ is the operating
junction temperature range that applies [Note 2], unless otherwise noted.)
Characteristics
Symbol
Min
Typ
Max
Unit
ALL OUTPUT VOLTAGE VERSIONS
Feedback Bias Current (Vout = 5.0 V [Adjustable Version Only])
Ib
nA
TJ = 25°C
25
100
TJ = –40 to +125°C
200
Oscillator Frequency [Note 3]
fosc
kHz
TJ = 25°C
52
TJ = 0 to +125°C
47
58
TJ = –40 to +125°C
42
63
Saturation Voltage (Iout = 3.0 A [Note 4])
Vsat
V
TJ = 25°C
1.5
1.8
TJ = –40 to +125°C
2.0
Max Duty Cycle (“on”) [Note 5]
DC
94
98
%
Current Limit (Peak Current [Notes 3 and 4])
ICL
A
TJ = 25°C
4.2
5.8
6.9
TJ = –40 to +125°C
3.5
7.5
Output Leakage Current [Notes 6 and 7], TJ = 25°C
IL
mA
Output = 0 V
0.8
2.0
Output = –1.0 V
6.0
20
Quiescent Current [Note 6]
IQ
mA
TJ = 25°C
5.0
9.0
TJ = –40 to +125°C
11
Standby Quiescent Current (ON/OFF Pin = 5.0 V (“off”))
Istby
µA
TJ = 25°C
80
200
TJ = –40 to +125°C
400
ON/OFF Pin Logic Input Level (Test Circuit Figure 15)
V
Vout = 0 V
VIH
TJ = 25°C
2.2
1.4
TJ = –40 to +125°C
2.4
Vout = Nominal Output Voltage
VIL
TJ = 25°C
1.2
1.0
TJ = –40 to +125°C
0.8
ON/OFF Pin Input Current (Test Circuit Figure 15)
µA
ON/OFF Pin = 5.0 V (“off”), TJ = 25°C
IIH
15
30
ON/OFF Pin = 0 V (“on”), TJ = 25°C
IIL
0
5.0
NOTES: 3. The oscillator frequency reduces to approximately 18 kHz in the event of an output short or an overload which causes the regulated output voltage to
drop approximately 40% from the nominal output voltage. This self protection feature lowers the average dissipation of the IC by lowering the
minimum duty cycle from 5% down to approximately 2%.
4. Output (Pin 2) sourcing current. No diode, inductor or capacitor connected to output pin.
5. Feedback (Pin 4) removed from output and connected to 0 V.
6. Feedback (Pin 4) removed from output and connected to +12 V for the Adjustable, 3.3 V, and 5.0 V versions, and +25 V for the 12 V and 15 V
versions, to force the output transistor “off”.
7. Vin = 40 V.


同様の部品番号 - LM2576T-15

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM2576T-15 NSC-LM2576T-15 Datasheet
491Kb / 11P
   Simple Switcher??3 Amp Step-Down Voltage Regulator
LM2576T-15 NSC-LM2576T-15 Datasheet
639Kb / 24P
   SIMPLE SWITCHER 3A Step-Down Voltage Regulator
logo
ON Semiconductor
LM2576T-15 ONSEMI-LM2576T-15 Datasheet
417Kb / 26P
   EASY SWITCHER 3.0 A STEP.DOWN VOLTAGE REGULATOR
June, 2004 ??Rev. 5
logo
List of Unclassifed Man...
LM2576T-15 ETC1-LM2576T-15 Datasheet
753Kb / 9P
   3.0A, 15V, Step-Down Switching Regulator
logo
Texas Instruments
LM2576T-15 TI1-LM2576T-15 Datasheet
3Mb / 37P
[Old version datasheet]   LM2576/LM2576HV Series SIMPLE SWITCHER짰 3A Step-Down Voltage Regulator
More results

同様の説明 - LM2576T-15

メーカー部品番号データシート部品情報
logo
First Components Intern...
LM2576 FCI-LM2576 Datasheet
1,004Kb / 13P
   SMIPLE SWITCHER 3.0A Step-Down Voltage Regulator
logo
Texas Instruments
LMR10530 TI-LMR10530_15 Datasheet
1Mb / 31P
[Old version datasheet]   SIMPLE SWITCHER 5.5Vin, 3.0A Step-Down Voltage Regulator in WSON-10
logo
SeCoS Halbleitertechnol...
S5ELM2576 SECOS-S5ELM2576 Datasheet
967Kb / 8P
   Simple Switcher 3A Step-Down Voltage Regulator
logo
Cystech Electonics Corp...
PL2576-XXXF5 CYSTEKEC-PL2576-XXXF5 Datasheet
223Kb / 10P
   Simple Switcher 3A Step- Down Voltage Regulator
logo
National Semiconductor ...
LM1575 NSC-LM1575 Datasheet
725Kb / 27P
   SIMPLE SWITCHER 1A Step-Down Voltage Regulator
LM2574 NSC-LM2574 Datasheet
639Kb / 24P
   SIMPLE SWITCHER??0.5A Step-Down Voltage Regulator
LM2576 NSC-LM2576 Datasheet
639Kb / 24P
   SIMPLE SWITCHER 3A Step-Down Voltage Regulator
logo
List of Unclassifed Man...
AE2576 ETC-AE2576 Datasheet
569Kb / 11P
   SIMPLE SWITCHER 3A Step-Down Voltage Regulator
Jan.2010 V1.2
logo
National Semiconductor ...
LM2575EP NSC-LM2575EP Datasheet
1Mb / 26P
   SIMPLE SWITCHER 1A Step-Down Voltage Regulator
logo
Texas Instruments
LM2574 TI1-LM2574_16 Datasheet
3Mb / 38P
[Old version datasheet]   SIMPLE SWITCHER 0.5A Step-Down Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com