データシートサーチシステム |
|
SLA904F データシート(PDF) 1 Page - Epson Company |
|
SLA904F データシート(HTML) 1 Page - Epson Company |
1 / 2 page 1 PF841-03 SLA9000F Series qHigh speed, high integration gate array. qNumber of gates mounted: 2.7K to 44K gates. s DESCRIPTION The SLA9000F series is a SOG type CMOS gate which has realized high speed, high integration and high driving capability. This series is offered with 2,784 to 44,070 gates to ensure an optimum application for any mid size high speed systems. This series is designed to operate on both 5 V and 3 V systems to correspond to increasing low-voltage oriented applications. Simplified level shifter cell is available on this series. And, the µA order low noise output cell of the series has made it suitable for small size, handy equipments and many other applications. s FEATURES q Super-high density (adopting 1.0 µm silicon gate CMOS with 2-metal layer) q High-speed operation (operation delay of internal gate = 0.3ns at 5.0V, 2-input Power NAND standard) q Simplified level shifter cells available q Output drivability (IOL = 0.1, 2, 6, 12, 24 mA when 5.0V, IOL = 0.1, 1, 3, 6, 12mA when 3.3V) q On-chip RAM available q Low noise output cells available s PRODUCT LINEUP Master SLA902F SLA904F SLA907F SLA909F SLA913F SLA919F SLA927F SLA944F Total BCs (Raw Gates) 2,784 4,392 7,872 9,540 13,144 19,350 27,234 44,070 Usable Bcs 1,809 2,854 4,723 5,724 7,229 10,642 13,617 22,035 Number of PADs 80 100 128 144 160 184 208 256 Propagation Internal Gates tpd = 0.30ns (standard at 5.0V), tpd = 0.43ns (standard at 3.3V) Delay Input Buffers tpd = 0.91ns (standard at 5.0V), tpd = 1.08ns (standard at 3.3V) Output Buffers tpd = 3.5ns (standard at 5.0V), tpd = 4.2ns (standard at 3.3V) CL = 50pF I/O Level TTL, CMOS Input Mode TTL, CMOS, Pull-up/Pull-down, Schmitt, 3.0/3.3/5.0V Level interface Output Mode Normal, Open drain, 3-state, Bi-directional, 3.0/3.3/5.0V Level interface |
同様の部品番号 - SLA904F |
|
同様の説明 - SLA904F |