データシートサーチシステム |
|
CX06833-4 データシート(PDF) 10 Page - Synaptics Incorporated. |
|
CX06833-4 データシート(HTML) 10 Page - Synaptics Incorporated. |
10 / 78 page CX06833-3x/4x SMXXD Modem Data Sheet 1-2 Conexant 102228A 1.2 Applications • Internet appliances • Remote monitoring and data collection systems • Serial box modems • Standalone TAM/fax machines • Set top boxes • Security devices Table 1-1. SMXXD Modem Models and Functions Marketing Name/Order No./Part No. Supported Functions Marketing Name Device Set Order No. Single Chip Modem [144-Pin TQFP] Part No. Voice Codec (VC) [32-Pin TQFP] Part No. V.90 Data, QC, MOH, PCM V.34 Data V.32 bis Data, V.44 Data Compression, V.17 Fax, TAM, Worldwide Voice/ FDSP Lead-free Device (Note 3) SM56D DS56-L147-042 CX06833-34 — Y Y Y — N SM56D/S DS56-L147-052 CX06833-34 CX20442-11 Y Y Y Y N SM336D DS28-L147-042 CX06833-32 — — Y Y — N SM336D/S DS28-L147-052 CX06833-32 CX20442-11 — Y Y Y N SM144D DS96-L147-042 CX06833-33 — — — Y — N SM144D/S DS96-L147-052 CX06833-33 CX20442-11 — — Y Y N SM56D DS56-L147-043 CX06833-44 — Y Y Y — Y SM336D DS28-L147-043 CX06833-42 — — Y Y — Y SM144D DS96-L147-043 CX06833-43 — — — Y — Y Notes: 1. Model options: S Voice/full-duplex speakerphone (FDSP) 56 56 kbps max. rate per V.90 336 33.6 kbps max. rate per V.34 144 14.4 kbps max. rate per V.32 bis 2. Supported functions (Y = Supported; — = Not supported): QC Quick connect MOH Modem-on-Hold PCM PCM upstream TAM Telephone answering machine (Voice playback and record through telephone line) FDSP Full-duplex speakerphone and voice playback and record through telephone line, handset, and mic/speaker 3. Lead-free (PB-free) device. |
同様の部品番号 - CX06833-4 |
|
同様の説明 - CX06833-4 |