データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CA3028BM データシート(PDF) 5 Page - Harris Corporation

部品番号 CA3028BM
部品情報  Differential/Cascode Amplifiers for Commercial and Industrial Equipment from DC to 120MHz
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  HARRIS [Harris Corporation]
ホームページ  http://www.harris.com
Logo HARRIS - Harris Corporation

CA3028BM データシート(HTML) 5 Page - Harris Corporation

  CA3028BM Datasheet HTML 1Page - Harris Corporation CA3028BM Datasheet HTML 2Page - Harris Corporation CA3028BM Datasheet HTML 3Page - Harris Corporation CA3028BM Datasheet HTML 4Page - Harris Corporation CA3028BM Datasheet HTML 5Page - Harris Corporation CA3028BM Datasheet HTML 6Page - Harris Corporation CA3028BM Datasheet HTML 7Page - Harris Corporation CA3028BM Datasheet HTML 8Page - Harris Corporation CA3028BM Datasheet HTML 9Page - Harris Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
7-10
NOTE: Power Dissipation = VCCI3.
FIGURE 3. INPUT BIAS CURRENT, POWER DISSIPATION AND
QUIESCENT OPERATING CURRENT TEST CIRCUIT
FOR CA3053
FIGURE 4. AGC BIAS CURRENT TEST CIRCUIT (DIFFERENTIAL
AMPLIFIER CONFIGURATION) FOR CA3028A AND
CA3028B
NOTES:
11. For Power Gain Test.
12. For Noise Figure Test.
13. 10.7MHz Power Gain Test Only.
FIGURE 5. POWER GAIN AND NOISE FIGURE TEST CIRCUIT
(CASCODE CONFIGURATION) FOR CA3028A,
CA3028B AND CA3053 (NOTE 3)
NOTES:
14. For Power Gain Test.
15. For Noise Figure Test.
16. 10.7MHz Power Gain Test Only.
FIGURE 6. POWER GAIN AND NOISE FIGURE TEST CIRCUIT
(DIFFERENTIAL AMPLIFIER CONFIGURATION
AND TERMINAL 7 CONNECTED TO VCC) FOR
CA3028A, CA3028B AND CA3053 (NOTE 3)
Test Circuits (Continued)
CA3053
3
6
7
8
1
VCC
I1
I3
5
I5
2k
I7
I8
I6
1k
ICUT
3
5
1
6
I7
8
VCC
1k
2k
7
5k
VCC
ICUT
8
5
6
2
1
3
4
0.001
µF
50
Ω SIGNAL
SOURCE
(NOTE 11) OR
NOISE DIODE
50
Ω RF
VOLTMETER
(NOTE 11) OR
NOISE AMP
(NOTE 12)
C2
C1
470pF
L1
(NOTE 12)
0.001
µF
2k
7
VCC
L2
1k
0.001
µF
f
(MHz)
C1
(pF)
C2
(pF)
L1
(
µH)
L2
(
µH)
10.7
20 - 60 20 - 60
3 - 5
3 - 5
100
3 - 30
3 - 30
0.1 - 0.25 0.15 - 0.3
ICUT
6
1
5
50
Ω SIGNAL
SOURCE
(NOTE 14) OR
NOISE DIODE
50
Ω RF
VOLTMETER
(NOTE 14 OR
NOISE AMP
(NOTE 15)
C2
C1
L1
(NOTE 15)
0.001
µF
2k
8
VCC
L2
1k
f
(MHz)
C1
(pF)
C2
(pF)
L1
(
µH)
L2
(
µH)
10.7
30 - 60 20 - 50
3 - 6
3 - 6
100
2 - 15
2 - 15
0.2 - 0.5
0.2 - 0.5
3
7
CA3028A, CA3028B, CA3053


同様の部品番号 - CA3028BM

メーカー部品番号データシート部品情報
logo
Intersil Corporation
CA3028 INTERSIL-CA3028 Datasheet
133Kb / 10P
   Differential/Cascode Amplifier for Commercial and Industrial Equipment from DC to 120MHz
January 1999
CA3028A INTERSIL-CA3028A Datasheet
133Kb / 10P
   Differential/Cascode Amplifier for Commercial and Industrial Equipment from DC to 120MHz
January 1999
logo
Harris Corporation
CA3028A HARRIS-CA3028A Datasheet
136Kb / 10P
   Differential/Cascode Amplifier for Commercial and Industrial Equipment from DC to 120MHz
logo
Intersil Corporation
CA3028AE INTERSIL-CA3028AE Datasheet
133Kb / 10P
   Differential/Cascode Amplifier for Commercial and Industrial Equipment from DC to 120MHz
January 1999
logo
Harris Corporation
CA3028AE HARRIS-CA3028AE Datasheet
136Kb / 10P
   Differential/Cascode Amplifier for Commercial and Industrial Equipment from DC to 120MHz
More results

同様の説明 - CA3028BM

メーカー部品番号データシート部品情報
logo
Harris Corporation
CA3028A HARRIS-CA3028A_99 Datasheet
136Kb / 10P
   Differential/Cascode Amplifier for Commercial and Industrial Equipment from DC to 120MHz
logo
Intersil Corporation
CA3028A INTERSIL-CA3028A Datasheet
133Kb / 10P
   Differential/Cascode Amplifier for Commercial and Industrial Equipment from DC to 120MHz
January 1999
CA3054 INTERSIL-CA3054 Datasheet
208Kb / 8P
   Dual Independent Differential Amp for Low Power Applications from DC to 120MHz
CA3054 INTERSIL-CA3054_05 Datasheet
205Kb / 8P
   Dual Independent Differential Amp for Low Power Applications from DC to 120MHz
logo
Renesas Technology Corp
CA3054 RENESAS-CA3054 Datasheet
466Kb / 8P
   Dual Independent Differential Amp for Low Power Applications from DC to 120MHz
logo
Intersil Corporation
CA-3086 INTERSIL-CA-3086 Datasheet
180Kb / 7P
   Power Applications from DC to 120MHz
CA3020 INTERSIL-CA3020_00 Datasheet
789Kb / 9P
   8MHz Power Amps For Military, Industrial and Commercial Equipment
CA3020 INTERSIL-CA3020 Datasheet
112Kb / 9P
   8MHz Power Amps For Military, Industrial and Commercial Equipment
April 1997
logo
Harris Corporation
CA2904 HARRIS-CA2904 Datasheet
400Kb / 7P
   DUAL, 1MHz OPERATIONAL AMPLIFIERS FOR COMMERCIAL INDUSTRIAL, AND MILITARY APPLICATION
logo
Intersil Corporation
CA158 INTERSIL-CA158_01 Datasheet
187Kb / 7P
   Dual, 1MHz, Operational Amplifiers for Commercial Industrial, and Military Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com