データシートサーチシステム
Selected language   Japanese  ▼

Delete All
ON OFF
ALLDATASHEET.JP

X  

Preview PDF Download HTML

TEF6890H データシート(PDF) 14 Page - NXP Semiconductors

部品番号. TEF6890H
部品情報  Car radio integrated signal processor
ダウンロード  55 Pages
Scroll/Zoom Zoom In 100% Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo 

TEF6890H Datasheet(HTML) 14 Page - NXP Semiconductors

Zoom Inzoom in Zoom Outzoom out
 14 / 55 page
background image
2003 Oct 21
14
Philips Semiconductors
Product specification
Car radio integrated signal processor
TEF6890H
AM PART
tsup(min)
minimum suppression
time
200
−µs
MAM
noise blanker sensitivity
see Table 38; faudio = 2 kHz
NBS[1:0] = 00
110
%
NBS[1:0] = 01
140
%
NBS[1:0] = 10
175
%
NBS[1:0] = 11
220
%
Weak signal processing
DETECTORS
Veq(USN)
USN sensitivity equivalent
level voltage
see Fig.5; fMPXRDS = 150 kHz;
VMPXRDS = 250 mV (RMS);
HCMP = 1; note 2
USS[1:0] = 00
2.5
V
USS[1:0] = 01
2
V
USS[1:0] = 10
1.5
V
USS[1:0] = 11
0.5
V
Veq(WAM)
WAM sensitivity
equivalent level voltage
see Fig.6; VLEVEL = 200 mV (p-p) at
f = 21 kHz on the level voltage;
HCMP = 1; note 2
WAS[1:0] = 00
2.5
V
WAS[1:0] = 01
2
V
WAS[1:0] = 10
1.5
V
WAS[1:0] = 11
0.5
V
tLEVEL(attack)
level detector attack time
(soft mute and HCC)
see Table 25; LETF = 0; SEAR = 0
LET[1:0] = 00
3
s
LET[1:0] = 01
3
s
LET[1:0] = 10
1.5
s
LET[1:0] = 11
0.5
s
see Table 25; LETF = 1; SEAR = 0
LET[1:0] = 00
0.5
s
LET[1:0] = 01
0.17
s
LET[1:0] = 10
0.06
s
LET[1:0] = 11
0.06
s
search mode; SEAR = 1
60
ms
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT


Html ページ

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55 


Datasheet Download



関連電子部品番号

部品番号コンポーネントの説明Html Viewメーカー
MC68340Integrated Processor with DMA User’s Manual 1 2 3 4 5 MoreFreescale Semiconductor, Inc
TMS320C6454Fixed-Point Digital Signal Processor 1 2 3 4 5 MoreTexas Instruments
AD9942Dual-Channel 14-Bit CCD Signal Processor with Precision Timing™ Core 1 2 3 4 5 MoreAnalog Devices
TEF6862Car Radio Enhanced Selectivity Tuner CREST 1 2 3 4 5 MoreNXP Semiconductors
AD999212-Bit CCD Signal Processor with Precision Timing Generator 1 2 3 4 5 MoreAnalog Devices
AD1545212-Bit 65 MSPS Quad A/D Converter with Integrated Signal Conditioning 1 2 3 4 5 MoreAnalog Devices
AD6624Four-Channel 80 MSPS Digital Receive Signal Processor RSP 1 2 3 4 5 MoreAnalog Devices
AD9923ACCD Signal Processor with V-Driver and Precision Timing™ Generator 1 2 3 4 5 MoreAnalog Devices
AD992714-Bit CCD Signal Processor with V-Driver and Precision TimingTM Generator 1 2 3 4 5 MoreAnalog Devices
KMI16Integrated rotational speed sensor 1 2 3 4 5 MoreNXP Semiconductors

リンク URL



Privacy Policy
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   ブックマーク
   |   リンク交換   |   メーカーリスト
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn