データシートサーチシステム
Selected language   Japanese  ▼

Delete All
ON OFF
ALLDATASHEET.JP

X  

Preview PDF Download HTML

TEF6890H データシート(PDF) 19 Page - NXP Semiconductors

部品番号. TEF6890H
部品情報  Car radio integrated signal processor
ダウンロード  55 Pages
Scroll/Zoom Zoom In 100% Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo 

TEF6890H Datasheet(HTML) 19 Page - NXP Semiconductors

Zoom Inzoom in Zoom Outzoom out
 19 / 55 page
background image
2003 Oct 21
19
Philips Semiconductors
Product specification
Car radio integrated signal processor
TEF6890H
Vo(max)(rms)
maximum output voltage
(RMS value)
THD = 0.1%; Gvol =+6dB
2
−−
V
worst case load: RL =2kΩ,
CL = 10 nF, THD = 1%
2
−−
V
fmax
frequency response
(pins TAPER, TAPEL,
CDR and CDL)
upper
−0.5 dB point; referenced
to 1 kHz
20
−−
kHz
CMRR
common mode rejection
ratio
faudio = 20 Hz to 20 kHz on CD and
PHONE inputs
Gvol =0dB
40
−−
dB
Gvol = −15 dB
55
−−
dB
α
cs
channel separation
faudio = 20 Hz to 20 kHz
60
80
dB
αS
input isolation of one
selected source to any
other input
faudio = 1 kHz
90
105
dB
faudio = 20 Hz to 10 kHz
75
90
dB
faudio = 20 kHz
70
−−
dB
THD
total harmonic distortion
TAPE and CD inputs
faudio = 20 Hz to 10 kHz;
Vi = 1 V (RMS)
0.01
0.1
%
faudio = 1 kHz; Vi = 2 V (RMS);
Gvol =0dB
0.02
0.1
%
faudio = 20 Hz to 10 kHz;
Vi = 2 V (RMS); Gvol = −10 dB
0.02
0.2
%
faudio = 25 Hz; Vi = 500 mV (RMS);
Gbass = +8 dB; Gvol =0dB
0.05
0.2
%
faudio = 4 kHz; Vi = 500 mV (RMS);
Gtreble = +8 dB; Gvol =0dB
0.01
0.2
%
NAV input; faudio = 1 kHz;
Vo = 300 mV (RMS)
−−
1%
Vnoise(rms)
noise voltage
(RMS value)
CCIR-ARM weighted and 20 kHz
‘brick wall’ without input signal and
shorted AF inputs
Gvol =0dB
12
20
µV
Gbass = +6 dB; Gtreble =+6dB;
Gvol =0dB
24
35
µV
Gvol = 20 dB; TAPE input (stereo)
71
100
µV
Gvol = 20 dB; CD input
(quasi-differential)
100
140
µV
Gvol = −10 dB
10
18
µV
Gvol = −40 dB; Gloudness = −20 dB
9.5
13.5
µV
outputs muted
512
µV
using ‘A-weighting’ filter and
20 kHz ‘brick wall’; Gvol = −10 dB;
Gloudness = −10 dB
6.8
10
µV
NAV input
16
40
µV
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT


Html ページ

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55 


Datasheet Download



関連電子部品番号

部品番号コンポーネントの説明Html Viewメーカー
MC68340Integrated Processor with DMA User’s Manual 1 2 3 4 5 MoreFreescale Semiconductor, Inc
TMS320C6454Fixed-Point Digital Signal Processor 1 2 3 4 5 MoreTexas Instruments
AD9942Dual-Channel 14-Bit CCD Signal Processor with Precision Timing™ Core 1 2 3 4 5 MoreAnalog Devices
TEF6862Car Radio Enhanced Selectivity Tuner CREST 1 2 3 4 5 MoreNXP Semiconductors
AD999212-Bit CCD Signal Processor with Precision Timing Generator 1 2 3 4 5 MoreAnalog Devices
AD1545212-Bit 65 MSPS Quad A/D Converter with Integrated Signal Conditioning 1 2 3 4 5 MoreAnalog Devices
AD6624Four-Channel 80 MSPS Digital Receive Signal Processor RSP 1 2 3 4 5 MoreAnalog Devices
AD9923ACCD Signal Processor with V-Driver and Precision Timing™ Generator 1 2 3 4 5 MoreAnalog Devices
AD992714-Bit CCD Signal Processor with V-Driver and Precision TimingTM Generator 1 2 3 4 5 MoreAnalog Devices
KMI16Integrated rotational speed sensor 1 2 3 4 5 MoreNXP Semiconductors

リンク URL



Privacy Policy
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   ブックマーク
   |   リンク交換   |   メーカーリスト
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn