データシートサーチシステム
Selected language   Japanese  ▼

Delete All
ON OFF
ALLDATASHEET.JP

X  

Preview PDF Download HTML

TEF6890H データシート(PDF) 27 Page - NXP Semiconductors

部品番号. TEF6890H
部品情報  Car radio integrated signal processor
ダウンロード  55 Pages
Scroll/Zoom Zoom In 100% Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo 

TEF6890H Datasheet(HTML) 27 Page - NXP Semiconductors

Zoom Inzoom in Zoom Outzoom out
 27 / 55 page
background image
2003 Oct 21
27
Philips Semiconductors
Product specification
Car radio integrated signal processor
TEF6890H
Note
1. Data bytes 0, 1 and 3 must not be used in the application. All bits in these bytes must be set to logic 0.
11.2.1
SUBADDRESS 2H; RDSCLK
Table 14 Format of data byte 2H with default setting
Table 15 Description of data byte 2H
Table 16 RDS clock description
11.2.2
SUBADDRESS 4H; CONTROL
Table 17 Format of data byte 4H with default setting
0
1
1
1
1
F
BASS
bass control
1
0
0
0
0
10
FADER
fader control
1
0
0
0
1
11
BALANCE
balance control
1
0
0
1
0
12
MIX
control of output mixer
1
0
0
1
1
13
BEEP
beep generator settings
1
1
1
1
1
1F
AUTOGATE
autogate control
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
−−
TST3
TST2
TST1
TST0
CLKO
CLKI
−−
000001
BIT
SYMBOL
DESCRIPTION
7 and 6
Not used. Set to logic 0.
5 to 2
TST[3:0]
Test. TST[3:0] = 0000: normal operation.
1
CLKO
Clock input or output and buffered or unbuffered raw RDS output. See Table 16.
0
CLKI
CLKO
CLKI
RDS/RBDS CLOCK
0
0
reserved
0
1
RDCL is burst clock input for raw RDS read-out.
1
0
RDCL is clock output for raw RDS read-out.
1
1
reserved
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
STBR
STBA
AFUM
AFUH
RMUT
LETF
ATTB
11000
00
SA4
SA3
SA2
SA1
SA0
HEX(1)
MNEMONIC
ADDRESSED DATA BYTE


Html ページ

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55 


Datasheet Download



関連電子部品番号

部品番号コンポーネントの説明Html Viewメーカー
MC68340Integrated Processor with DMA User’s Manual 1 2 3 4 5 MoreFreescale Semiconductor, Inc
TMS320C6454Fixed-Point Digital Signal Processor 1 2 3 4 5 MoreTexas Instruments
AD9942Dual-Channel 14-Bit CCD Signal Processor with Precision Timing™ Core 1 2 3 4 5 MoreAnalog Devices
TEF6862Car Radio Enhanced Selectivity Tuner CREST 1 2 3 4 5 MoreNXP Semiconductors
AD999212-Bit CCD Signal Processor with Precision Timing Generator 1 2 3 4 5 MoreAnalog Devices
AD1545212-Bit 65 MSPS Quad A/D Converter with Integrated Signal Conditioning 1 2 3 4 5 MoreAnalog Devices
AD6624Four-Channel 80 MSPS Digital Receive Signal Processor RSP 1 2 3 4 5 MoreAnalog Devices
AD9923ACCD Signal Processor with V-Driver and Precision Timing™ Generator 1 2 3 4 5 MoreAnalog Devices
AD992714-Bit CCD Signal Processor with V-Driver and Precision TimingTM Generator 1 2 3 4 5 MoreAnalog Devices
KMI16Integrated rotational speed sensor 1 2 3 4 5 MoreNXP Semiconductors

リンク URL



Privacy Policy
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   ブックマーク
   |   リンク交換   |   メーカーリスト
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn