データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SMM0207 データシート(PDF) 1 Page - Vishay Siliconix

部品番号 SMM0207
部品情報  Metal Film, Cylindrical Resistors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  VISHAY [Vishay Siliconix]
ホームページ  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SMM0207 データシート(HTML) 1 Page - Vishay Siliconix

  SMM0207 Datasheet HTML 1Page - Vishay Siliconix SMM0207 Datasheet HTML 2Page - Vishay Siliconix SMM0207 Datasheet HTML 3Page - Vishay Siliconix SMM0207 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
www.vishay.com
16
SMM0207
Vishay Draloric
Document Number 20005
Revision 05-Mar-02
For Technical Questions contact : ff1aresistors@vishay.com
FEATURES
• Metal film resistor with high power rating
• Stable metal film on high quality ceramic
• Good thermal distribution
• Force fitted steel caps, tin plated on nickel barrier
• Reliable solderable terminations to facilitate surface mounting.
• Further values and tolerances on request
• Coating: light green
• Marking: see appropriate catalog or web page
• Zero ohm resistor has one black band only
1) Power rating depends on the maximum temperature at
the solder point, the component placement density and
the substrate material.
2) Rated voltage:
PxR
Metal Film, Cylindrical Resistors
PARAMETER
UNIT
SMM0207
Rated Dissipation at 70
°CW
1
Limiting Element Voltage 2)
V
350
Insulation Voltage (1 min)
V dc/ac peak
> 500
Thermal Resistance
K/W
see table
Insulation Resistance
Ω≥ 10 11
Category Temperature Range
°C
- 55 / + 125 (+ 155)
Failure Rate
10 –9 /h
< 5
Weight / 1000pcs
g
77
TECHNICAL SPECIFICATIONS
MODEL
POWER RATING
LIMITING ELEMENT
TEMPERATURE
TOLERANCE
RESISTANCE
E-SERIES
P70°C
1)
VOLTAGE MAX.2)
COEFFICIENT
RANGE
WV
ppm/K
%
SMM0207
1.0
350
50
0.5
1R0 – 2M21
24 – 96
SMM0207
1.0
350
50
1
1R0 – 10M
24 – 96
SMM0207
1.0
350
100
5
R16 – R91
24
Zero-Ohm-Resistor : OMM0207
Rmax = 10mΩ
I max = 5A
STANDARD ELECTRICAL SPECIFICATIONS
SMM0207
50
562R
1%
BP
MODEL
TC
RESISTANCE VALUE
TOLERANCE
PACKAGING
ppm / K
Ω± %
BP-Blistertape 1500 pcs
ORDERING INFORMATION


同様の部品番号 - SMM0207

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
SMM0207 VISHAY-SMM0207 Datasheet
156Kb / 6P
   Thin Film MELF Resistors
Revision: 28-Jun-11
SMM0207 VISHAY-SMM0207 Datasheet
184Kb / 13P
   Thin Film MELF Resistors
01-Jan-2022
SMM0207 VISHAY-SMM0207_11 Datasheet
156Kb / 6P
   Thin Film MELF Resistors
Revision: 28-Jun-11
SMM0207 VISHAY-SMM0207_15 Datasheet
149Kb / 6P
   Thin Film MELF Resistors
Revision: 28-Jun-11
SMM0207 VISHAY-SMM0207_V01 Datasheet
184Kb / 13P
   Thin Film MELF Resistors
01-Jan-2022
More results

同様の説明 - SMM0207

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
PMM0204 VISHAY-PMM0204_15 Datasheet
340Kb / 5P
   Metal Film, Cylindrical Resistors
Revision: 15-Feb-06
logo
Central Technologies
CTMFCR CT-CTMFCR Datasheet
469Kb / 3P
   Metal Film, Cylindrical Resistors
logo
Vishay Siliconix
SMM0204 VISHAY-SMM0204 Datasheet
134Kb / 6P
   Metal Film, Cylindrical Resistors
Revision 21-Oct-02
PMM0204 VISHAY-PMM0204 Datasheet
200Kb / 2P
   Metal Film, Cylindrical Resistors
20-Oct-03
SMM0102 VISHAY-SMM0102 Datasheet
91Kb / 2P
   Metal Film, Cylindrical Resistors
Revision 24-Jun-02
NMM0207SI VISHAY-NMM0207SI Datasheet
157Kb / 2P
   Metal Film, Cylindrical, Fusible Resistors
Revision 24-Jun-02
NMM0207SI VISHAY-NMM0207SI_08 Datasheet
278Kb / 4P
   Metal Film, Cylindrical, Fusible Resistors
Revision: 15-Feb-06
logo
TT Electronics.
4800 TTELEC-4800_17 Datasheet
425Kb / 3P
   Metal Film Resistors Metal Film Resistors
logo
Vishay Siliconix
LCM0207SI VISHAY-LCM0207SI Datasheet
314Kb / 4P
   Carbon Film, Cylindrical, Fusible Resistors
Revision: 15-Feb-06
logo
Welwyn Components Limit...
MFR WELWYN-MFR Datasheet
1Mb / 4P
   Metal Film Resistors
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com