データシートサーチシステム |
|
DM19EA151DO3-ST-R02 データシート(PDF) 1 Page - Sharma Electro Components,Inc |
|
DM19EA151DO3-ST-R02 データシート(HTML) 1 Page - Sharma Electro Components,Inc |
1 / 17 page 1 SUSCO Engineers & Buyers Guide - Mica Section Tel: 516-981-6690 Fax: 516-981-6867 MICA CAPACITORS Quick Reference Guide SAHA DESIGNATION DM 05 DM 10 DM 12 DM 15 MIL STYLE - Discontinued - CM 04 - CM 05 CAPACITANCE RANGE pF 1 to 390 1 to 390 1 to 2500 1 to 1200 MAXIMUM 50 V DC 390 820 - 2500 CAPACITANCE 100 V DC 200 390 2500 2000 IN pF IN THE 300 V DC 120 360 820 2000 RATED 500 V DC - 250 430 750 VOLTAGE 1000 V DC* - - - - INDICATED MAXIMUM L 0.270 0.390 0.413 0.490 NOMINAL W 0.250 0.380 0.433 0.420 DIMENSIONS IN T 0.190 0.220 0.220 0.240 INCHES B 0.120 0.141 0.200 0.234 MAXIMUM L 6.86 9.91 10.49 12.45 NOMINAL W 6.35 9.65 11.00 10.67 DIMENSIONS IN T 4.83 5.59 5.59 6.10 mm B 3.05 3.58 5.08 5.94 SAHA DESIGNATION DM 19 DM 20 DM 30 DM 42 MIL STYLE - Discontinued CM 06 - CM 07 - CAPACITANCE RANGE pF 1 to 8200 680 to 12,000 5100 to 20,000 16000 to 82000 MAXIMUM 50 V DC - - - - CAPACITANCE 100 V DC 8200 12000 - 82000 IN pF IN THE 300 V DC 6800 12000 20000 68000 RATED 500 V DC 5100 10000 20000 51000 VOLTAGE 1000 V DC* 4700 - 12000 30000 INDICATED MAXIMUM L 0.710 0.820 0.830 1.470 NOMINAL W 0.590 0.630 0.920 0.920 DIMENSIONS IN T 0.370 0.450 0.450 0.450 INCHES B 0.344 0.438 0.438 1.063 MAXIMUM L 18.03 20.83 21.08 37.34 NOMINAL W 14.99 16.00 23.37 23.37 DIMENSIONS IN T 9.40 11.43 11.43 11.43 mm B 8.74 11.13 11.13 27.00 DM Series General Specifications by Case Size M Series General Specifications (Formerly Sold as RS Components 124-XXX series) MMR & MMA Series General Specifications SAHA Designation M - 6 M - 12 Capacitance Range in pF 22 - 68 82 - 220 Maximum Capacitance in 68 220 the rated voltage 350 VDC SAHA Designation M - 37 M - 50 Capacitance Range in pF 270 - 560 680 - 10000 Maximum Capacitance in 560 10000 the rated voltage 350 VDC SAHA Designation MMR B - 1 MMR B - 2 MMR L - 1 MMR E - 1 MMR E - 2 Capacitance Range (pF) 4 - 1,500 750 - 2,500 4 - 1,500 4 - 6,000 4,001 - 10,000 Maximum 100 V DC 1,500 1,500 1,500 6,000 10,000 Capacitance in 350 V DC 750 1,500 750 4,000 7,500 the rated voltage 750 V DC - - - - - SAHA Designation MMR A - 1 MMR A - 2 MMR A - 3 MMR A - 4 MMR S - 1 Capacitance Range (pF) 4 - 7,500 4 - 15,000 2,001 - 27,000 3,501 - 40,000 4 - 60,000 Maximum 100 V DC 7,500 15,000 27,000 40,000 60,000 Capacitance in 350 V DC 5,000 10,000 15,000 20,000 50,000 the rated voltage 750 V DC 1,000 2,000 3,500 5,000 - SAHA Designation MMA 10 MMA 15 MMA 20 MMA 30 Capacitance Range (pF) 10 - 5,100 10 - 1,000 10 - 2,700 560 - 43,000 Maximum 300 V DC 5,100 - - 43,000 Capacitance in 500 V DC 380 1,000 2,700 30,000 the rated voltage - - - - MMR Series (Equivalent to: ASHCROFT (GB) and JAHRE (D) Molded Radial) MMA Series (Equivalent to: ASHCROFT (GB) and JAHRE (D) Molded Axial) * Available as special part. MICA CAPACITORS 330 - 430 |
同様の部品番号 - DM19EA151DO3-ST-R02 |
|
同様の説明 - DM19EA151DO3-ST-R02 |