データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BTA151-650R データシート(PDF) 5 Page - NXP Semiconductors

部品番号 BTA151-650R
部品情報  Thyristors sensitive gate
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BTA151-650R データシート(HTML) 5 Page - NXP Semiconductors

  BTA151-650R Datasheet HTML 1Page - NXP Semiconductors BTA151-650R Datasheet HTML 2Page - NXP Semiconductors BTA151-650R Datasheet HTML 3Page - NXP Semiconductors BTA151-650R Datasheet HTML 4Page - NXP Semiconductors BTA151-650R Datasheet HTML 5Page - NXP Semiconductors BTA151-650R Datasheet HTML 6Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Philips Semiconductors
Product specification
Thyristors
BTA151 series
sensitive gate
MECHANICAL DATA
Dimensions in mm
Net Mass: 0.8 g
Fig.13. SOT82; pin 2 connected to mounting base.
Notes
1. Refer to mounting instructions for SOT82 envelopes.
2. Epoxy meets UL94 V0 at 1/8".
4.58
2.54
max
1)
1.2
2.8
2.3
3.1
2.5
1
23
0.88
max
2.29
15.3
min
11.1
max
3.75
7.8
max
1) Lead dimensions within this
zone uncontrolled.
0.5
mounting
base
September 1997
5
Rev 1.200


同様の部品番号 - BTA151-650R

メーカー部品番号データシート部品情報
logo
HAOPIN MICROELECTRONICS...
BTA151-650R HAOPIN-BTA151-650R Datasheet
365Kb / 5P
   Blocking voltage to 650 V
More results

同様の説明 - BTA151-650R

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MAC12SM ONSEMI-MAC12SM_05 Datasheet
60Kb / 5P
   Sensitive Gate Triacs Silicon Bidirectional Thyristors
December, 2005 ??Rev. 3
MAC4DLM ONSEMI-MAC4DLM Datasheet
103Kb / 8P
   Sensitive Gate Triacs Silicon Bidirectional Thyristors
August, 2004 ??Rev. 2
2N6071A ONSEMI-2N6071A_06 Datasheet
75Kb / 8P
   Sensitive Gate Triacs Silicon Bidirectional Thyristors
April, 2006 ??Rev. 7
MAC228A ONSEMI-MAC228A Datasheet
74Kb / 6P
   Sensitive Gate Triacs Silicon Bidirectional Thyristors
August, 2004 ??Rev. 3
MAC4DLM ONSEMI-MAC4DLM_05 Datasheet
78Kb / 7P
   Sensitive Gate Triacs Silicon Bidirectional Thyristors
November, 2005 ??Rev. 3
MAC08BT1 ONSEMI-MAC08BT1_05 Datasheet
94Kb / 7P
   Sensitive Gate Triacs Silicon Bidirectional Thyristors
December, 2005 ??Rev. 5
MAC8S ONSEMI-MAC8S Datasheet
76Kb / 7P
   Sensitive Gate Triacs Silicon Bidirectional Thyristors
December, 2005 ??Rev. 5
T2322B ONSEMI-T2322B Datasheet
56Kb / 4P
   Sensitive Gate Triacs Silicon Bidirectional Thyristors
May, 2006 ??Rev. 5
MAC15S ONSEMI-MAC15S Datasheet
140Kb / 7P
   Sensitive Gate Triacs Silicon Bidirectional Thyristors
December, 2005 ??Rev. 5
MAC228A ONSEMI-MAC228A_06 Datasheet
57Kb / 5P
   Sensitive Gate Triacs Silicon Bidirectional Thyristors
March, 2006 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com