データシートサーチシステム |
|
CD54ACT283F3A データシート(PDF) 1 Page - Texas Instruments |
|
|
CD54ACT283F3A データシート(HTML) 1 Page - Texas Instruments |
1 / 10 page 1 Data sheet acquired from Harris Semiconductor SCHS251D Features • Buffered Inputs • Exceeds 2kV ESD Protection MIL-STD-883, Method 3015 • SCR-Latchup-Resistant CMOS Process and Circuit Design • Speed of Bipolar FAST™/AS/S with Significantly Reduced Power Consumption • Balanced Propagation Delays • AC Types Feature 1.5V to 5.5V Operation and Balanced Noise Immunity at 30% of the Supply • ±24mA Output Drive Current - Fanout to 15 FAST™ ICs - Drives 50 Ω Transmission Lines Description The ’AC283 and ’ACT283 4-bit binary adders with fast carry that utilize Advanced CMOS Logic technology. These devices add two 4-bit binary numbers and generate a carry- out bit if the sum exceeds 15. Because of the symmetry of the add function, this device can be used with either all active-HIGH operands (positive logic) or with all active-LOW operands (negative logic). When using positive logic, the carry-in input must be tied LOW if there is no carry-in. Pinout CD54AC283, CD54ACT283 (CERDIP) CD74AC283, CD74ACT283 (PDIP, SOIC) TOP VIEW Functional Diagram Ordering Information PART NUMBER TEMP. RANGE (oC) PACKAGE CD54AC283F3A -55 to 125 16 Ld CERDIP CD74AC283E 0 to 70oC, -40 to 85, -55 to 125 16 Ld PDIP CD74AC283M 0 to 70oC, -40 to 85, -55 to 125 16 Ld SOIC CD54ACT283F3A -55 to 125 16 Ld CERDIP CD74ACT283E 0 to 70oC, -40 to 85, -55 to 125 16 Ld PDIP CD74ACT283M 0 to 70oC, -40 to 85, -55 to 125 16 Ld SOIC NOTES: 1. When ordering, use the entire part number. Add the suffix 96 to obtain the variant in the tape and reel. 2. Wafer and die for this part number is available which meets all electrical specifications. Please contact your local TI sales office or customer service for ordering information. 14 15 16 9 13 12 11 10 1 2 3 4 5 7 6 8 S1 B1 A1 S0 A0 B0 GND CIN VCC A2 S2 A3 B3 S3 COUT B2 5 6 3 2 15 11 12 14 4 9 S2 S1 A0 B0 A1 B1 B2 A3 B3 A2 7 CIN GND = 8 VCC = 16 10 13 1 S0 S3 COUT August 1998 - Revised May 2000 CAUTION: These devices are sensitive to electrostatic discharge. Users should follow proper IC Handling Procedures. FAST™ is a Trademark of Fairchild Semiconductor. Copyright © 2000, Texas Instruments Incorporated CD54/74AC283, CD54/74ACT283 4-Bit Binary Fill Adder With Fast Carry |
同様の部品番号 - CD54ACT283F3A |
|
同様の説明 - CD54ACT283F3A |