データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC13022AP データシート(PDF) 5 Page - Motorola, Inc

部品番号 MC13022AP
部品情報  Advanced Medium Voltage AM Stereo Decoder
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MOTOROLA [Motorola, Inc]
ホームページ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC13022AP データシート(HTML) 5 Page - Motorola, Inc

  MC13022AP Datasheet HTML 1Page - Motorola, Inc MC13022AP Datasheet HTML 2Page - Motorola, Inc MC13022AP Datasheet HTML 3Page - Motorola, Inc MC13022AP Datasheet HTML 4Page - Motorola, Inc MC13022AP Datasheet HTML 5Page - Motorola, Inc MC13022AP Datasheet HTML 6Page - Motorola, Inc MC13022AP Datasheet HTML 7Page - Motorola, Inc MC13022AP Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
MC13022A
5
MOTOROLA ANALOG IC DEVICE DATA
Lout
10
SS
6
VCC
TOKO Part No.
MF292BC–1349Z
28
I
Det
27
L–R
Det
26
Q
Out
25
VCC
24
Loop
Filter
23
Blend
22
GND
21
Stereo
Lamp
20
Osc
Feedbk
19
Osc
In
18
Pilot
Det
In
17
I
Pilot
16
Q
Pilot
15
CMOS
SS Out
See
MC13025
Data Sheet
for
Alternate
Approach
Mixer
Oscillator
IF
450 kHz
To
Signal
Strength
Meter
Tuning Line
From Synthesizer
TOKO Part No.
THB–122
Env
Det
1
Decoder
Input
2
Ref
3
AGC
4
IF
Input
5
Out
7
Left Notch
In
8
FBK
9
Rout
11
FBK
12
Right Notch
In
13
Out
14
MC13022A
Figure 2. High Performance Home Type AM Stereo Receiver
From
Mute Line
Unfiltered
To
Tuning
System
3.9 k
T1
51
.001
Logic VCC
(5.0 V)
T2
T1 – Ceramic Resonator muRata
T1 – CSA 3.60 MGF103
T2 – Broad Resonance @ 450 kHz
T2 – Effective RP of 8.0 k to 12 k
T2 – (TOKO 7NRES–T13704)
Figure 3. Overall Selectivity of a Typical Receiver
versus Filter Control Voltage
Figure 4. Strength Output versus Input Signal
–60
AUDIO FREQUENCY (kHz)
0
–10
–20
–30
–40
–50
–70
–80
1.5
2.0
3.0
4.0
5.0 6.0
8.0 10
15
20
30
VPin 6 = 3.5 Vdc
2.5 Vdc
1.5 Vdc
–– Response at
–– Pins 10 and 11 Due
–– to IF Selectivity
–– Total Response at
–– Output Pins 7 and 14
SIGNAL INPUT, 10 k
Ω TO PIN 5 (mVrms)
5
236
Signal
Input
10 k 0.01
100 k
0.01
SS Meter
4.0
3.0
2.0
1.0
3.0
10
30
100
300
1.0 k
Zo = 13 k
5.0


同様の部品番号 - MC13022AP

メーカー部品番号データシート部品情報
logo
Motorola, Inc
MC13020P MOTOROLA-MC13020P Datasheet
793Kb / 6P
   MOTOROLA C-QUAM AM STEREO DECODER
MC13027 MOTOROLA-MC13027 Datasheet
363Kb / 28P
   AMAX STEREO CHIPSET
MC13027DW MOTOROLA-MC13027DW Datasheet
363Kb / 28P
   AMAX STEREO CHIPSET
MC13027P MOTOROLA-MC13027P Datasheet
363Kb / 28P
   AMAX STEREO CHIPSET
MC13028A MOTOROLA-MC13028A Datasheet
499Kb / 20P
   C-QUAM AM STEREO ADVANCED WIDE VOLTAGE IF and DECODER for E.T.R. RADIOS
More results

同様の説明 - MC13022AP

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
TA8120P TOSHIBA-TA8120P Datasheet
1Mb / 16P
   C-QUAM AM STEREO DECODER
logo
Motorola, Inc
MC13028A MOTOROLA-MC13028A Datasheet
499Kb / 20P
   C-QUAM AM STEREO ADVANCED WIDE VOLTAGE IF and DECODER for E.T.R. RADIOS
MC13020P MOTOROLA-MC13020P Datasheet
793Kb / 6P
   MOTOROLA C-QUAM AM STEREO DECODER
logo
NXP Semiconductors
TDA7040T PHILIPS-TDA7040T Datasheet
112Kb / 11P
   Low voltage PLL stereo decoder
September 1986
logo
TEMIC Semiconductors
U2514B TEMIC-U2514B Datasheet
235Kb / 15P
   AM/FM Receiver for Digital Tuning with FM-Stereo Decoder
logo
STMicroelectronics
TDA7338 STMICROELECTRONICS-TDA7338_05 Datasheet
543Kb / 12P
   STEREO DECODER
TDA7338 STMICROELECTRONICS-TDA7338 Datasheet
103Kb / 11P
   STEREO DECODER
December 1996
logo
List of Unclassifed Man...
TCA4500A ETC-TCA4500A Datasheet
129Kb / 4P
   STEREO DECODER
logo
STMicroelectronics
TDA7514 STMICROELECTRONICS-TDA7514 Datasheet
629Kb / 74P
   SINGLE-CHIP FM/AM TUNER WITH STEREO DECODER AND AUDIO PROCESSOR
TDA7513T STMICROELECTRONICS-TDA7513T Datasheet
520Kb / 59P
   SINGLE-CHIP FM/AM TUNER WITH STEREO DECODER AND AUDIO PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com