データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FCD7N60TM データシート(PDF) 1 Page - Fairchild Semiconductor

部品番号 FCD7N60TM
部品情報  600V N-Channel MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FCD7N60TM データシート(HTML) 1 Page - Fairchild Semiconductor

  FCD7N60TM Datasheet HTML 1Page - Fairchild Semiconductor FCD7N60TM Datasheet HTML 2Page - Fairchild Semiconductor FCD7N60TM Datasheet HTML 3Page - Fairchild Semiconductor FCD7N60TM Datasheet HTML 4Page - Fairchild Semiconductor FCD7N60TM Datasheet HTML 5Page - Fairchild Semiconductor FCD7N60TM Datasheet HTML 6Page - Fairchild Semiconductor FCD7N60TM Datasheet HTML 7Page - Fairchild Semiconductor FCD7N60TM Datasheet HTML 8Page - Fairchild Semiconductor FCD7N60TM Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
©2006 Fairchild Semiconductor Corporation
1
www.fairchildsemi.com
FCD7N60/FCU7N60 Rev. A0
SuperFETTM
July 2006
FCD7N60 / FCU7N60
600V N-Channel MOSFET
Features
•650V @TJ = 150°C
• Typ. Rds(on)=0.53
• Ultra low gate charge (typ. Qg=23nC)
• Low effective output capacitance (typ. Coss.eff=60pF)
• 100% avalanche tested
Description
SuperFETTM is, Farichild’s proprietary, new generation of high
voltage MOSFET family that is utilizing an advanced charge
balance mechanism for outstanding low on-resistance and
lower gate charge performance.
This advanced technology has been tailored
to minimize
conduction loss, provide superior switching performance, and
withstand extreme dv/dt rate and higher avalanche energy.
Consequently, SuperFET is very suitable for various AC/DC
power conversion in switching mode operation for system
miniaturization and higher efficiency.
D-PAK
FCD Series
G
S
D
GS
D
I-PAK
FCU Series
D
G
S
Absolute Maximum Ratings
Symbol
Parameter
FCD7N60/FCU7N60
Unit
VDSS
Drain-Source Voltage
600
V
ID
Drain Current
- Continuous (TC = 25°C)
- Continuous (TC = 100°C)
7
4.4
A
A
IDM
Drain Current
- Pulsed
(Note 1)
21
A
VGSS
Gate-Source voltage
± 30
V
EAS
Single Pulsed Avalanche Energy
(Note 2)
230
mJ
IAR
Avalanche Current
(Note 1)
7
A
EAR
Repetitive Avalanche Energy
(Note 1)
8.3
mJ
dv/dt
Peak Diode Recovery dv/dt
(Note 3)
20
V/ns
PD
Power Dissipation
(TC = 25°C)
- Derate above 25
°C
83
0.67
W
W/
°C
TJ, TSTG
Operating and Storage Temperature Range
-55 to +150
°C
TL
Maximum Lead Temperature for Soldering Purpose,
1/8” from Case for 5 Seconds
300
°C
Thermal Characteristics
Symbol
Parameter
FCD7N60/FCU7N60
Unit
RθJC
Thermal Resistance, Junction-to-Case
1.5
°C/W
RθJA
Thermal Resistance, Junction-to-Ambient
83
°C/W


同様の部品番号 - FCD7N60TM

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FCD7N60TM FAIRCHILD-FCD7N60TM Datasheet
298Kb / 14P
   DESIGN/PROCESS CHANGE NOTIFICATION
FCD7N60TM-WS FAIRCHILD-FCD7N60TM-WS Datasheet
298Kb / 14P
   DESIGN/PROCESS CHANGE NOTIFICATION
More results

同様の説明 - FCD7N60TM

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FQB3N60 FAIRCHILD-FQB3N60 Datasheet
581Kb / 9P
   600V N-Channel MOSFET
FCB11N60F FAIRCHILD-FCB11N60F Datasheet
1,004Kb / 8P
   600V N-Channel MOSFET
FCH47N60F_0605 FAIRCHILD-FCH47N60F_0605 Datasheet
978Kb / 8P
   600V N-Channel MOSFET
FCA16N60 FAIRCHILD-FCA16N60_06 Datasheet
962Kb / 9P
   600V N-Channel MOSFET
FQAF7N60 FAIRCHILD-FQAF7N60 Datasheet
578Kb / 8P
   600V N-Channel MOSFET
FCI7N60 FAIRCHILD-FCI7N60 Datasheet
951Kb / 8P
   600V N-Channel MOSFET
FCP16N60 FAIRCHILD-FCP16N60 Datasheet
1Mb / 10P
   600V N-Channel MOSFET
FCD5N60 FAIRCHILD-FCD5N60 Datasheet
947Kb / 9P
   600V N-Channel MOSFET
FQB3N60C FAIRCHILD-FQB3N60C Datasheet
753Kb / 8P
   600V N-Channel MOSFET
FQP3N60C FAIRCHILD-FQP3N60C Datasheet
738Kb / 8P
   600V N-Channel MOSFET
FCP260N60E FAIRCHILD-FCP260N60E Datasheet
283Kb / 10P
   600V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com