データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

KM641001B データシート(PDF) 4 Page - Samsung semiconductor

部品番号 KM641001B
部品情報  256Kx4 Bit (with OE) High Speed Static RAM(5V Operating), Evolutionary Pin out
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SAMSUNG [Samsung semiconductor]
ホームページ  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KM641001B データシート(HTML) 4 Page - Samsung semiconductor

  KM641001B Datasheet HTML 1Page - Samsung semiconductor KM641001B Datasheet HTML 2Page - Samsung semiconductor KM641001B Datasheet HTML 3Page - Samsung semiconductor KM641001B Datasheet HTML 4Page - Samsung semiconductor KM641001B Datasheet HTML 5Page - Samsung semiconductor KM641001B Datasheet HTML 6Page - Samsung semiconductor KM641001B Datasheet HTML 7Page - Samsung semiconductor KM641001B Datasheet HTML 8Page - Samsung semiconductor KM641001B Datasheet HTML 9Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
KM641001B/BL
CMOS SRAM
PRELIMINARY
Rev. 3.0
- 4 -
July 1998
TEST CONDITIONS
Parameter
Value
Input Pulse Levels
0V to 3V
Input Rise and Fall Times
3ns
Input and Output timing Reference Levels
1.5V
Output Loads
See below
AC CHARACTERISTICS(TA=0 to 70
°C, VCC=5.0V±10%, unless otherwise noted.)
READ CYCLE
Parameter
Symbol
KM641001B/BL-15
KM641001B/BL-20
Unit
Min
Max
Min
Max
Read Cycle Time
tRC
15
-
20
-
ns
Address Access Time
tAA
-
15
-
20
ns
Chip Select to Output
tCO
-
15
-
20
ns
Output Enable to Valid Output
tOE
-
8
-
10
ns
Chip Enable to Low-Z Output
tLZ
3
-
3
-
ns
Output Enable to Low-Z Output
tOLZ
0
-
0
-
ns
Chip Disable to High-Z Output
tHZ
0
6
0
8
ns
Output Disable to High-Z Output
tOHZ
0
6
0
8
ns
Output Hold from Address Change
tOH
3
-
3
-
ns
Chip Selection to Power Up Time
tPU
0
-
0
-
ns
Chip Selection to Power DownTime
tPD
-
15
-
20
ns
Output Loads(A)
Output Loads(B)
DOUT
5pF*
480
255
for tHZ, tLZ, tWHZ, tOW, tOLZ & tOHZ
+5.0V
DOUT
30pF*
480
255
+5.0V
* Including Scope and Jig Capacitance


同様の部品番号 - KM641001B

メーカー部品番号データシート部品情報
logo
Samsung semiconductor
KM641001A SAMSUNG-KM641001A Datasheet
127Kb / 8P
   256Kx 4 High Speed Static RAM(5V Operating), Evolutionary Pin Out Operated at Commercial Temperature Range
KM641001A-15 SAMSUNG-KM641001A-15 Datasheet
127Kb / 8P
   256Kx 4 High Speed Static RAM(5V Operating), Evolutionary Pin Out Operated at Commercial Temperature Range
KM641001A-20 SAMSUNG-KM641001A-20 Datasheet
127Kb / 8P
   256Kx 4 High Speed Static RAM(5V Operating), Evolutionary Pin Out Operated at Commercial Temperature Range
More results

同様の説明 - KM641001B

メーカー部品番号データシート部品情報
logo
Samsung semiconductor
K6E1004C1B SAMSUNG-K6E1004C1B Datasheet
134Kb / 9P
   256Kx4 Bit (with OE) High Speed Static RAM(5V Operating), Evolutionary Pin out
K6R1004C1B SAMSUNG-K6R1004C1B Datasheet
128Kb / 8P
   256Kx4 Bit (with OE) High Speed Static RAM(5.0V Operating), Revolutionary Pin out
KM641003B SAMSUNG-KM641003B Datasheet
130Kb / 8P
   256Kx4 Bit (with OE) High Speed Static RAM(5.0V Operating), Revolutionary Pin out
K6R1004C1A SAMSUNG-K6R1004C1A Datasheet
127Kb / 8P
   256Kx4 High Speed Static RAM(5V Operating), Revolutionary Pin out
K6R1004V1C-C SAMSUNG-K6R1004V1C-C Datasheet
137Kb / 9P
   256Kx4 Bit (with OE) High-Speed CMOS Static RAM(3.3V Operating).
KM68V257C SAMSUNG-KM68V257C Datasheet
197Kb / 9P
   32Kx8 Bit High Speed Static RAM(3.3V Operating), Evolutionary Pin out.
K6R1004C1C SAMSUNG-K6R1004C1C Datasheet
101Kb / 9P
   256Kx4 Bit (with OE) High-Speed CMOS Static RAM(5.0V Operating).
K6R1004C1D SAMSUNG-K6R1004C1D Datasheet
188Kb / 9P
   256Kx4 Bit (with OE) High-Speed CMOS Static RAM(5.0V Operating).
KM641003C SAMSUNG-KM641003C Datasheet
127Kb / 8P
   256Kx4 Bit (with OE) High-Speed CMOS Static RAM(5.0V Operating)
KM68257C SAMSUNG-KM68257C Datasheet
190Kb / 10P
   32Kx8 Bit High Speed Static RAM(5V Operating(, Evolutionary Pin out. Operated at Commercial Temperature Range.
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com