データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC10212P データシート(PDF) 3 Page - Motorola, Inc

部品番号 MC10212P
部品情報  High Speed Dual 3-Input/3-Output OR/NOR Gate
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MOTOROLA [Motorola, Inc]
ホームページ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC10212P データシート(HTML) 3 Page - Motorola, Inc

  MC10212P Datasheet HTML 1Page - Motorola, Inc MC10212P Datasheet HTML 2Page - Motorola, Inc MC10212P Datasheet HTML 3Page - Motorola, Inc MC10212P Datasheet HTML 4Page - Motorola, Inc MC10212P Datasheet HTML 5Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
MC10212
MOTOROLA
MECL Data
DL122 — Rev 6
3–194
ELECTRICAL CHARACTERISTICS (continued)
TEST VOLTAGE VALUES (Volts)
@ Test Temperature
VIHmax
VILmin
VIHAmin
VILAmax
VEE
–30
°C
–0.890
–1.890
–1.205
–1.500
–5.2
+25
°C
–0.810
–1.850
–1.105
–1.475
–5.2
+85
°C
–0.700
–1.825
–1.035
–1.440
–5.2
Pin
TEST VOLTAGE APPLIED TO PINS LISTED BELOW
Characteristic
Symbol
Pin
Under
Test
VIHmax
VILmin
VIHAmin
VILAmax
VEE
(VCC)
Gnd
Power Supply Drain Current
IE
8
8
1, 15, 16
Input Current
IinH
5, 6, 7
5, 6, 7*
8
1, 15, 16
IinL
5, 6, 7
5, 6, 7*
8
1, 15, 16
Output Voltage
Logic 1
VOH
2
3
4
5
8
8
8
1, 15, 16
1, 15, 16
1, 15, 16
Output Voltage
Logic 0
VOL
2
3
4
5
5
8
8
8
1, 15, 16
1, 15, 16
1, 15, 16
Threshold Voltage
Logic 1
VOHA
2
3
4
5
5
5
8
8
8
1, 15, 16
1, 15, 16
1, 15, 16
Threshold Voltage
Logic 0
VOLA
2
3
4
5
5
5
8
8
8
1, 15, 16
1, 15, 16
1, 15, 16
Switching Times
(50
Ω Load)
Pulse In
Pulse Out
–3.2 V
+2.0 V
Propagation Delay
t5+2+
t5–2–
t5+3–
t5–3+
t5+4–
t5–4+
2
2
3
3
4
4
5
5
5
5
5
5
2
2
3
3
4
4
8
8
8
8
8
8
1, 15, 16
1, 15, 16
1, 15, 16
1, 15, 16
1, 15, 16
1, 15, 16
Rise Time
(20 to 80%)
t2+
t3+
t4+
2
3
4
5
5
5
2
3
4
8
8
8
1, 15, 16
1, 15, 16
1, 15, 16
Fall Time
(20 to 80%)
t2–
t3–
t4–
2
3
4
5
5
5
2
3
4
8
8
8
1, 15, 16
1, 15, 16
1, 15, 16
* Individually test each input using the pin connections shown.
Each MECL 10,000 series circuit has been designed to meet the dc specifications shown in the test table, after thermal equilibrium has been
established. The circuit is in a test socket or mounted on a printed circuit board and transverse air flow greater than 500 linear fpm is maintained.
Outputs are terminated through a 50–ohm resistor to –2.0 volts. Test procedures are shown for only one gate. The other gates are tested in the
same manner.


同様の部品番号 - MC10212P

メーカー部品番号データシート部品情報
logo
Motorola, Inc
MC10210 MOTOROLA-MC10210 Datasheet
71Kb / 5P
   Dual 3-Input/3-Output OR Gate
MC10210FN MOTOROLA-MC10210FN Datasheet
71Kb / 5P
   Dual 3-Input/3-Output OR Gate
MC10210L MOTOROLA-MC10210L Datasheet
71Kb / 5P
   Dual 3-Input/3-Output OR Gate
MC10210P MOTOROLA-MC10210P Datasheet
71Kb / 5P
   Dual 3-Input/3-Output OR Gate
MC10211 MOTOROLA-MC10211 Datasheet
106Kb / 5P
   Dual 3-Input/3-Output NOR Gate
More results

同様の説明 - MC10212P

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC10H211 ONSEMI-MC10H211 Datasheet
95Kb / 3P
   Dual 3-Input 3-Output NOR Gate
1996 REV 5
logo
Motorola, Inc
MC10211 MOTOROLA-MC10211 Datasheet
106Kb / 5P
   Dual 3-Input/3-Output NOR Gate
MC10210 MOTOROLA-MC10210 Datasheet
71Kb / 5P
   Dual 3-Input/3-Output OR Gate
logo
ON Semiconductor
MC10H210 ONSEMI-MC10H210 Datasheet
93Kb / 3P
   Dual 3-Input 3-Output OR Gate
1996 REV 5
logo
Motorola, Inc
MC10110 MOTOROLA-MC10110 Datasheet
56Kb / 4P
   Dual 3-Input/3-Output OR Gate
logo
ON Semiconductor
MC10110 ONSEMI-MC10110 Datasheet
70Kb / 8P
   Dual 3-Input/3-Output OR Gate
March, 2000 ??Rev. 7
logo
KODENSHI_AUK CORP.
KK74ACT27 KODENSHI-KK74ACT27 Datasheet
212Kb / 5P
   Triple 3-Input NOR Gate High-Speed Silicon-Gate CMOS
KK74AC27 KODENSHI-KK74AC27 Datasheet
213Kb / 5P
   Triple 3-Input NOR Gate High-Speed Silicon-Gate CMOS
logo
IK Semicon Co., Ltd
IN74ACT27 IKSEMICON-IN74ACT27 Datasheet
158Kb / 5P
   Triple 3-Input NOR Gate High-Speed Silicon-Gate CMOS
IN74AC27 IKSEMICON-IN74AC27 Datasheet
158Kb / 5P
   Triple 3-Input NOR Gate High-Speed Silicon-Gate CMOS
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com