データシートサーチシステム |
|
MC14469FN データシート(PDF) 5 Page - Motorola, Inc |
|
MC14469FN データシート(HTML) 5 Page - Motorola, Inc |
5 / 12 page MC14469 MOTOROLA 5 PIN DESCRIPTIONS A0 – A6 Address Inputs These inputs are the address setting pins which contain the address match for the received signal. Pins A0 – A6 have on–chip pull–up resistors. C0 – C6 Command Word These pins are the readout of the general–purpose com- mand word which is the second word of the received signal. CS Command Strobe This is the output for the command strobe signifying a valid set of command data (C0 – C6). The pulse width is one oscil- lator cycle. For example, when a 307.2 kHz ceramic resona- tor is used, the pulse width is approximately 3 µs. ID0 – ID7 Input Data Pins These pins contain the input data for the first eight bits of data to be transmitted. Pins ID0 – ID7 have on–chip pull–up resistors. OSC1, OSC2 Oscillator Input and Oscillator Output These pins are the oscillator input and output (see Figure 3). RESET Reset When this pin is pulled low for a minimum of 700 ns, the circuit is reset and ready for operation. RI Receive Input This is the receive input pin. S0 – S7 Second or Status Input Data These pins contain the input data for the second eight bits of data to be transmitted. SEND Send This pin accepts the send command after receipt of an address. TRO Transmit Register Output Signal This pin transmits the outgoing signal. Note that it is in- verted from the incoming signal. It must go through one stage of inversion if it is to drive another MC14469. VAP Valid Address Pulse This is the output for the valid address pulse upon receipt of a matched incoming address. VDD Positive Power Supply This pin is the package positive power supply connection. This pin may range from + 4.5 V to + 18 V with respect to VSS. VSS Negative Power Supply This pin is the negative power supply connection. Normally this pin is system ground. OPERATING CHARACTERISTICS The receipt of a start bit on the receive input (RI) line causes the receive clock to start at a frequency equal to that of the oscillator divided by 64. All received data is strobed in at the center of a receive clock period. The start bit is fol- lowed by eight data bits. Seven of the bits are compared against states of the address of the particular circuit (A0 – A6). Address is latched 31 clock cycles after the end of the start bit of the incoming address. The eighth bit signifies an address word “1” or a command word “0”. Next, a parity bit is received and checked by the internal logic for even parity. Finally a stop bit is received. At the completion of the cycle if the address matches, a valid address pulse (VAP) occurs. Immediately following the address word, a command word is received. It also contains a start bit, eight data bits, even par- ity bit, and a stop bit. The eight data bits are composed of a seven–bit command, and a “0” which indicates a command word. At the end of the command word a command strobe pulse (CS) occurs. A positive transition on the send input initiates the transmit sequence. Send must occur within seven bit times of CS. Again the transmitted data is made up of two eleven–bit words, i.e., address and command words. The data portion of the first word is made up from input data inputs (ID0 – ID7), and the data for the second word from second input data (S0 – S7) inputs. The data on inputs ID0 – ID7 is latched one clock before the falling edge of the start bit. The data on inputs S0 – S7 is latched on the rising edge of the start bit. The transmitted signal is the inversion of the received signal, which allows the use of an inverting amplifier to drive the lines. TRO begins either 1/2 or 1–1/2 bit times after send, de- pending where send occurs. The oscillator can be crystal controlled or ceramic reso- nator controlled for required accuracy. OSC1 can be driven from an external oscillator (see Figure 3). |
同様の部品番号 - MC14469FN |
|
同様の説明 - MC14469FN |