データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TLV7211AIDCKTG4 データシート(PDF) 3 Page - Texas Instruments

部品番号 TLV7211AIDCKTG4
部品情報  CMOS COMPARATORS WITH RAIL-TO-RAIL INPUT AND PUSH-PULL OUTPUT
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

TLV7211AIDCKTG4 データシート(HTML) 3 Page - Texas Instruments

  TLV7211AIDCKTG4 Datasheet HTML 1Page - Texas Instruments TLV7211AIDCKTG4 Datasheet HTML 2Page - Texas Instruments TLV7211AIDCKTG4 Datasheet HTML 3Page - Texas Instruments TLV7211AIDCKTG4 Datasheet HTML 4Page - Texas Instruments TLV7211AIDCKTG4 Datasheet HTML 5Page - Texas Instruments TLV7211AIDCKTG4 Datasheet HTML 6Page - Texas Instruments TLV7211AIDCKTG4 Datasheet HTML 7Page - Texas Instruments TLV7211AIDCKTG4 Datasheet HTML 8Page - Texas Instruments TLV7211AIDCKTG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
www.ti.com
2.7-V Electrical Characteristics
TLV7211,, TLV7211A
CMOS COMPARATORS
WITH RAIL-TO-RAIL INPUT AND PUSH-PULL OUTPUT
SLCS149B – AUGUST 2006 – REVISED JANUARY 2007
V
CC+ = 2.7 V, VCC– = GND, VCM = VO = VCC+/2, and RL > 1 MΩ (unless otherwise noted)
TLV7211A
TLV7211
PARAMETER
TEST CONDITIONS
TJ
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
25
°C
3
5
3
15
VOS
Input offset voltage
mV
–40
°C to 85°C
8
18
Input offset voltage
TCVOS
25
°C
1
1
µV/°C
temperature drift
Input offset voltage
25
°C
3.3
3.3
µV/month
average drift(1)
IB
Input current
25
°C
0.04
0.04
pA
IOS
Input offset current
25
°C
0.02
0.02
pA
Common-mode
CMRR
0
≤ V
CM ≤ 2.7 V
25
°C
75
75
dB
rejection ratio
Power-supply rejection
PSRR
2.7 V
≤ V
CC+ ≤ 15 V
25
°C
80
80
dB
ratio
AV
Voltage gain
25
°C
100
100
dB
25
°C
2.9
3
2.9
3
CMRR > 55 dB
–40
°C to 85°C
2.7
2.7
Input common-mode
CMVR
V
voltage range
25
°C
–0.3
–0.2
–0.3
–0.2
CMRR > 55 dB
–40
°C to 85°C
0
0
25
°C
2.4
2.5
2.4
2.5
High-level output
VOH
Iload = 2.5 mA
V
voltage
–40
°C to 85°C
2.3
2.3
25
°C
0.2
0.3
0.2
0.3
Low-level output
VOL
Iload = 2.5 mA
V
voltage
–40
°C to 85°C
0.4
0.4
25
°C
7
12
7
12
VOUT = Low
–40
°C to 85°C
14
14
ICC
Supply current
µA
25
°C
5
10
5
10
VOUT = High-Idle
–40
°C to 85°C
12
12
(1)
Input offset voltage average drift is calculated by dividing the accelerated operating life VOS drift by the equivalent operational time. This
represents worst-case input conditions and includes the first 30 days of drift.
3
Submit Documentation Feedback


同様の部品番号 - TLV7211AIDCKTG4

メーカー部品番号データシート部品情報
logo
Texas Instruments
TLV7211AIDCKTG4 TI-TLV7211AIDCKTG4 Datasheet
474Kb / 19P
[Old version datasheet]   CMOS COMPARATORS WITH RAIL-TO-RAIL INPUT AND PUSH-PULL OUTPUT
TLV7211AIDCKTG4 TI-TLV7211AIDCKTG4 Datasheet
722Kb / 20P
[Old version datasheet]   CMOS COMPARATORS WITH RAIL-TO-RAIL INPUT AND PUSH-PULL OUTPUT
More results

同様の説明 - TLV7211AIDCKTG4

メーカー部品番号データシート部品情報
logo
Texas Instruments
TLV7211 TI-TLV7211_07 Datasheet
474Kb / 19P
[Old version datasheet]   CMOS COMPARATORS WITH RAIL-TO-RAIL INPUT AND PUSH-PULL OUTPUT
TLV7211 TI-TLV7211_10 Datasheet
722Kb / 20P
[Old version datasheet]   CMOS COMPARATORS WITH RAIL-TO-RAIL INPUT AND PUSH-PULL OUTPUT
logo
New Japan Radio
NJU77230 NJRC-NJU77230 Datasheet
1Mb / 25P
   Rail-to-Rail Input,Push-Pull Output Low power CMOS Comparators
Ver.3
logo
National Semiconductor ...
LMC7211 NSC-LMC7211 Datasheet
328Kb / 13P
   Tiny CMOS Comparator with Rail-to-Rail Input and Push-Pull Output
logo
Texas Instruments
LMC7211 TI1-LMC7211 Datasheet
431Kb / 18P
[Old version datasheet]   Tiny CMOS Comparator with Rail-to-Rail Input and Push-Pull Output
LMC7211AIM5X TI-LMC7211AIM5X Datasheet
1Mb / 22P
[Old version datasheet]   LMC7211 Tiny CMOS Comparator with Rail-to-Rail Input and Push-Pull Output
LMC7211-N TI1-LMC7211-N_14 Datasheet
1Mb / 23P
[Old version datasheet]   LMC7211 Tiny CMOS Comparator with Rail-to-Rail Input and Push-Pull Output
LMC7211-N TI1-LMC7211-N Datasheet
1Mb / 22P
[Old version datasheet]   LMC7211 Tiny CMOS Comparator with Rail-to-Rail Input and Push-Pull Output
LMC6762 TI1-LMC6762_14 Datasheet
1Mb / 22P
[Old version datasheet]   Dual MicroPower Rail-To-Rail Input CMOS Comparator with Push-Pull Output
logo
National Semiconductor ...
LMC6762 NSC-LMC6762 Datasheet
317Kb / 13P
   Dual MicroPower Rail-To-Rail Input CMOS Comparator with Push-Pull Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com