データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM29151RS-1.5 データシート(PDF) 3 Page - HTC Korea TAEJIN Technology Co.

部品番号 LM29151RS-1.5
部品情報  1.5A Very L.D.O Voltage Regulator
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  HTC [HTC Korea TAEJIN Technology Co.]
ホームページ  http://www.htckorea.co.kr
Logo HTC - HTC Korea TAEJIN Technology Co.

LM29151RS-1.5 データシート(HTML) 3 Page - HTC Korea TAEJIN Technology Co.

  LM29151RS-1.5 Datasheet HTML 1Page - HTC Korea TAEJIN Technology Co. LM29151RS-1.5 Datasheet HTML 2Page - HTC Korea TAEJIN Technology Co. LM29151RS-1.5 Datasheet HTML 3Page - HTC Korea TAEJIN Technology Co. LM29151RS-1.5 Datasheet HTML 4Page - HTC Korea TAEJIN Technology Co. LM29151RS-1.5 Datasheet HTML 5Page - HTC Korea TAEJIN Technology Co. LM29151RS-1.5 Datasheet HTML 6Page - HTC Korea TAEJIN Technology Co. LM29151RS-1.5 Datasheet HTML 7Page - HTC Korea TAEJIN Technology Co.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
1.5A Very L.D.O Voltage Regulator
LM29150/1/2/3
ABSOULTE MAXIMUM RATINGS
Lead Temperature(Soldering, 5 Seconds)
Storage Temperature Range
Input Supply Voltage(Note 1)
OPERATING RATINGS
Operating Junction Temperature
Maximum Operating Input Voltage
ELECTRICAL CHARACTERISTICS I OUT=100㎃, TA=25℃, unless otherwise specified
All measurements at Tj=25℃ unless otherwise noted. Bold Values are guaranteed across the
operating temperature range.
Adjustable versions are programmed to 5.0V
Mar. 2006-Rev06
HTC
-40℃ to + 125℃'
26V
CHARACTERISTIC
Internally Limit
-20℃ to + 60℃'
Internally Limit
CHARACTERISTIC
94
260℃
-65℃ to + 150℃
LM29150
LM29152


同様の部品番号 - LM29151RS-1.5

メーカー部品番号データシート部品情報
logo
HTC Korea TAEJIN Techno...
LM29151RS-1.5 HTC-LM29151RS-1.5 Datasheet
348Kb / 11P
   1.5A Very L.D.O Voltage Regulator
LM29151RS-1.5 HTC-LM29151RS-1.5 Datasheet
806Kb / 11P
   1.5A Very L.D.O Voltage Regulator
More results

同様の説明 - LM29151RS-1.5

メーカー部品番号データシート部品情報
logo
HTC Korea TAEJIN Techno...
LM27150 HTC-LM27150 Datasheet
811Kb / 11P
   1.5A Very L.D.O Voltage Regulator
LM39100 HTC-LM39100_10 Datasheet
348Kb / 11P
   1.5A Very L.D.O Voltage Regulator
LM29150 HTC-LM29150_09 Datasheet
806Kb / 11P
   1.5A Very L.D.O Voltage Regulator
LM1086 HTC-LM1086 Datasheet
177Kb / 8P
   1.5A L.D.O. VOLTAGE REGULATOR (Adjustable & Fixed)
LM1117S HTC-LM1117S Datasheet
175Kb / 11P
   1A L.D.O. VOLTAGE REGULATOR
LM1589 HTC-LM1589 Datasheet
147Kb / 4P
   2.7A, 1.2V L.D.O. VOLTAGE REGULATOR
LM1084 HTC-LM1084 Datasheet
255Kb / 7P
   5A L.D.O. VOLTAGE REGULATOR (Adjustable & Fixed)
LM1085 HTC-LM1085 Datasheet
311Kb / 8P
   3A L.D.O. VOLTAGE REGULATOR (Adjustable & Fixed)
logo
List of Unclassifed Man...
LM1085 ETC2-LM1085 Datasheet
85Kb / 2P
   3A L.D.O. VOLTAGE REGULATOR (Adjustable & Fixed)
logo
STMicroelectronics
LD49150 STMICROELECTRONICS-LD49150 Datasheet
609Kb / 20P
   1.5A Very low drop for low output voltage regulator
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com