Benefits
• Fully integrated single-chip COFDM DVB-T
compliant demodulator for fast time-to-
market
• Systems expertise and support gained from
first-generation chip
• Minimal effort required for implementation in
a complete COFDM system
• Rapid time and frequency synchronization
• Excellent mobile reception (channel equalizer
handling varying channels)
• Reduced systems costs through common
phase error compensation
• Near theory high-performance demodulation
algorithm
• Fast access to circuit evaluation with local
field application engineering support
• Simple microprocessor interface resulting
from high automation
Complete Solution for Fast Time to Market
To accelerate development of set-top box solutions, the L64781 is available with
a developer’s kit, allowing manufacturers to select the option best suited to their
target market and application requirements. The kit provides the hardware and
software components to shorten development cycles and to ensure a fast time to
market. The powerful Windows 95 Graphical User Interface allows manufacturers
to easily perform validation tests and store results in an intuitive way.
The developer’s kit consists of a complete evaluation board with a PC interface
and MPEG2 transport stream output. Software to enable system testing and code
optimization is included, along with a manual that provides test and evaluation
information and a PC board layout. It also contains a GUI under Windows 95/97.
The NIM781 board also has a seamless interface to LSI Logic’s Set-top Box
Development Platform.
NIM781 Evaluation Board provides full capabilities for accelerated development and fast time to market
• Evaluation board with PC interface and MPEG2-TS output
• Complete documentation
• Software, including driver and GUI interface under Windows
• Board layout
• Schematics
• Bill of materials
Components of LSI Logic’s L64781 Developer’s Kit