データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC12149 データシート(PDF) 11 Page - Freescale Semiconductor, Inc

部品番号 MC12149
部品情報  LOW POWER VOLTAGE CONTROLLED OSCILLATOR BUFFER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FREESCALE [Freescale Semiconductor, Inc]
ホームページ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC12149 データシート(HTML) 11 Page - Freescale Semiconductor, Inc

Back Button MC12149 Datasheet HTML 4Page - Freescale Semiconductor, Inc MC12149 Datasheet HTML 5Page - Freescale Semiconductor, Inc MC12149 Datasheet HTML 6Page - Freescale Semiconductor, Inc MC12149 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC12149 Datasheet HTML 8Page - Freescale Semiconductor, Inc MC12149 Datasheet HTML 9Page - Freescale Semiconductor, Inc MC12149 Datasheet HTML 10Page - Freescale Semiconductor, Inc MC12149 Datasheet HTML 11Page - Freescale Semiconductor, Inc MC12149 Datasheet HTML 12Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
MC12149
11
MOTOROLA RF/IF DEVICE DATA
Figure 12. Typical Phase Noise Plot, 750 MHz Tank
Figure 13. Typical Phase Noise Plot, 1200 MHz Tank
1K
10K
100K
1M
10M
100
40M
–170
–150
–100
–50
0
–125
–75
–25
1K
10K
100K
1M
10M
100
40M
–170
–150
–100
–50
0
–125
–75
–25
L(f) [dBc/Hz] vs f[Hz]
L(f) [dBc/Hz] vs f[Hz]
HP 3048A
CARRIER
784.2MHz
HP 3048A
CARRIER
1220MHz
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


同様の部品番号 - MC12149

メーカー部品番号データシート部品情報
logo
Motorola, Inc
MC12149 MOTOROLA-MC12149 Datasheet
169Kb / 12P
   LOW POWER VOLTAGE CONTROLLED OSCILLATOR BUFFER
MC12149D MOTOROLA-MC12149D Datasheet
169Kb / 12P
   LOW POWER VOLTAGE CONTROLLED OSCILLATOR BUFFER
logo
LANSDALE Semiconductor ...
MC12149D LANSDALE-MC12149D Datasheet
1Mb / 12P
   Low Power Voltage Controlled Oscillator Buffer
MC12149D LANSDALE-MC12149D Datasheet
344Kb / 12P
   Low Power Voltage Controlled Oscillator Buffer
More results

同様の説明 - MC12149

メーカー部品番号データシート部品情報
logo
LANSDALE Semiconductor ...
ML12149 LANSDALE-ML12149_08 Datasheet
344Kb / 12P
   Low Power Voltage Controlled Oscillator Buffer
logo
Motorola, Inc
MC12147 MOTOROLA-MC12147 Datasheet
391Kb / 12P
   Low Power Voltage Controlled Oscillator Buffer
MC12149 MOTOROLA-MC12149 Datasheet
169Kb / 12P
   LOW POWER VOLTAGE CONTROLLED OSCILLATOR BUFFER
logo
LANSDALE Semiconductor ...
ML12149 LANSDALE-ML12149 Datasheet
1Mb / 12P
   Low Power Voltage Controlled Oscillator Buffer
logo
Motorola, Inc
MC12148 MOTOROLA-MC12148 Datasheet
82Kb / 5P
   LOW POWER VOLTAGE CONTROLLED OSCILLATOR
logo
Z-Communications, Inc
V950ME17-LF ZCOMM-V950ME17-LF Datasheet
85Kb / 2P
   Voltage-Controlled Oscillator Voltage-Controlled Oscillator
ZRO0743B2LF ZCOMM-ZRO0743B2LF Datasheet
85Kb / 2P
   Voltage-Controlled Oscillator Voltage-Controlled Oscillator
V800ME10 ZCOMM-V800ME10_10 Datasheet
82Kb / 2P
   Voltage-Controlled Oscillator Voltage-Controlled Oscillator
logo
SYNERGY MICROWAVE CORPO...
DCYS300600-5 SYNERGY-DCYS300600-5 Datasheet
357Kb / 3P
   VOLTAGE CONTROLLED OSCILLATOR VOLTAGE CONTROLLED OSCILLATOR
DCSO1000-12 SYNERGY-DCSO1000-12 Datasheet
358Kb / 3P
   VOLTAGE CONTROLLED OSCILLATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com